Part Number Hot Search : 
2SC2634R MAX5496 KBP00 CXXXX AP3971 P31430 K16A60W AD842
Product Description
Full Text Search
 

To Download JFCW24S5-3000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JFCW Series
Rev. B 4/16/2008 Single & Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
FEATURES
APPLICATIONS
Measurement Six-Sided Shielding Wireless Network Input to Output Isolation Telecom/Datacom High Efficiency up to 88% Industry Control System Fixed Switching Frequency Semiconductor Equipment 15 Watts Maximum Output Power 4:1 Ultra Wide Input Voltage Range ISO9001 Certified Manufacturing Facilities Compliant to RoHS EU Directive 2002/95/EC Industry Standard Pin-Out DM Series Compatible Small Size and Low Profile: 1.0 x 1.0 x 0.39 Inches UL60950-1, EN60950-1, and IEC60950-1 Licensed CE Mark Meets 2006/95/EC, 93/68/EEC, and 2004/108/EC Options: Positive Logic Remote On/Off, Without Trim, Without On/Off pin
SPECIFICATIONS: JFCW Series
All specifications apply @ 25C ambient unless otherwise noted INPUT SPECIFICATIONS
Input Voltage Range ............ 24V nominal input ........................ 9 - 36VDC 48V nominal input ...................... 18 - 75VDC Input Voltage Variation .................... dv/dt ................................ 5V/ms max (Complies with EST300 132 part 4.4) Input Surge Voltage (100ms max) ....... 24V input ...........................50VDC 48V input .........................100VDC Reflected Ripple Current (nominal Vin and full load) ....................30mAp-p Start Up Time (nominal Vin and constant resistive load) Power Up..............................................................................30ms max. Remote ON/OFF ..................................................................30ms max. Start-Up Voltage .................................. 24V input .............................9VDC 48V input ...........................18VDC Shutdown Voltage................................ 24V input .............................8VDC 48V input ...........................16VDC Remote ON/OFF (See Note 7) Positive Logic ................. DC-DC ON ................Open or 3V < Vr < 12V (option) DC-DC OFF .............Short or 0V < Vr < 1.2V Negative Logic................ DC-DC ON ...............Short or 0V < Vr < 1.2V (standard) DC-DC OFF ..............Open or 3V < Vr < 12V Input Current of Remote Control Pin (nominal Vin) .......... -0.5mA ~ 1.0mA Remote Off State Input Current (nominal Vin) ..................................2.5mA
PROTECTION SPECIFICATIONS
Over Voltage Protection ...........3.3V output ............................... 3.7V - 5.4V 5V output ............................... 5.6V - 7.0V 12V output ........................... 13.5V - 19.6V 15V output ........................... 16.8V - 20.5V Over Load Protection (% of FL at nominal input) ......................... 150% typ. Short Circuit Protection...................................... Hiccup, automatic recovery
GENERAL SPECIFICATIONS
Efficiency ........................................................................................see table Switching Frequency .................................................................400KHz typ. Isolation Voltage Input to Output ................................................................... 1600VDC min. Input to Case ..................................................................... 1000VDC min. Output to Case................................................................... 1000VDC min. Isolation Resistance .................................................................... 10G min. Isolation Capacitance .............................................................. 1000pF max.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature ................................ -40C ~ +85C (with derating) Storage Temperature .......................................................... -55C ~ +125C Maximum Case Temperature ............................................................. 105C Relative Humidity...................................................................5% to 95% RH Thermal Impedance (See Note 8) Natural Convection .............................................................. 18.2C / Watt Natural Convection with heat-sink ....................................... 15.8C / Watt Thermal Shock ..................................................................... MIL-STD-810F Vibration ...................10~55Hz, 2G, 3 min period, 30 min along X, Y, and Z MTBF (See Note 1) 6 BELLCORE TR-NWT-000332 ...................................... 1.330 x 10 hours 5 MIL-HDBK-217F ........................................................... 5.630 x 10 hours
OUTPUT SPECIFICATIONS
Output Voltage ..............................................................................see table Voltage Accuracy (full load and nominal Vin) ...................................... 1% Voltage Adjustability (See Note 6) ..................................................... 10% Output Current ..............................................................................see table Output Power ........................................................................ 15 watts max. Line Regulation (LL to HL at FL) ............................Single .............. 0.2% Dual .................. 0.5% Load Regulation (no load to full load) .....................Single ............... 0.2% Dual .................. 0.5% Minimum Load ....................................................................................... 0% Ripple/Noise (20 MHz BW) ...........................................................see table (measured with a 1F M/C and a 10F T/C) Temperature Coefficient ................................................. 0.02% / C max. Transient Response Recovery Time (25% load step) .......................250us
PHYSICAL SPECIFICATIONS
Weight .................................................................................................... 15g Dimensions......................... 1.0 x 1.0 x 0.39 inches (25.4 x 25.4 x 9.9 mm) Case Material ..............................................................Nickel-coated copper Base Material...................................................... Non-conductive black FR4 Potting Material..................................................................Epoxy (UL94-V0) Shielding...................................................................................... six - sided
Due to advances in technology, specifications subject to change without notice Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797
JFCW Series
Rev. B 4/16/2008 Single & Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
SAFETY & EMC
Approvals and Standards................. IEC60950-1, UL60950-1, EN60950-1 EMI (See Note 9) ............... EN55022............................................. Class A 8KV ......Perf. Criteria B ESD.................... EN61000-4-2........ Air Contact 6KV Radiated Immunity........... EN61000-4-3...............10V/m Perf. Criteria A Fast Transient.................. EN61000-4-4................2KV Surge (See Note 10)........ EN61000-4-5.............0.5KV Conducted Immunity........ EN61000-4-6............10 Vrms Perf. Criteria B Perf. Criteria B Perf. Criteria A
OUTPUT VOLTAGE / CURRENT RATING CHART
Model Number JFCW24S3.3-4000 JFCW24S5-3000 JFCW24S12-1300 JFCW24S15-1000 JFCW24D05-1500 JFCW24D12-625 JFCW24D15-500 JFCW48S3.3-4000 JFCW48S5-3000 JFCW48S12-1300 JFCW48S15-1000 JFCW48D05-1500 JFCW48D12-625 JFCW48D15-500 Input Range Output Voltage 3.3 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 3.3 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC Output Current 4000mA 3000mA 1300mA 1000mA 1500mA 625mA 500mA 4000mA 3000mA 1300mA 1000mA 1500mA 625mA 500mA Ripple & Noise 75mVp-p 75mVp-p 100mVp-p 100mVp-p 100mVp 100mVp 100mVp 75mVp-p 75mVp-p 100mVp-p 100mVp-p 100mVp 100mVp 100mVp
(4)
24VDC (9 - 36 VDC)
48VDC (18 - 75 VDC)
Input Current (4) Max Capacitor (5) (3) (2) Efficiency Load No Load Full Load 50mA 86% 1000uF 688mA 50mA 84% 1000uF 782mA 20mA 86% 330uF 803mA 20mA 85% 220uF 772mA 20mA 85% 500uF 772mA 25mA 87% 150uF 753mA 25mA 88% 100uF 744mA 40mA 86% 1000uF 336mA 40mA 86% 1000uF 382mA 15mA 87% 330uF 392mA 15mA 87% 220uF 377mA 15mA 85% 500uF 386mA 15mA 86% 150uF 382mA 20mA 87% 100uF 377mA
*****See Product Standard Table for suffix options*****
NOTES
1. BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40C.
MIL-HDBK-217F Notice2 @Ta=25 C, Full load (Ground fixed and controlled environment). Maximum value at nominal input voltage and full load. Typical value at nominal input voltage and no load. Typical value at nominal input voltage and full load. Test by minimum Vin and constant resistive load. Trimming allows the user to increase or decrease the output voltage set point of the module. This is accomplished by connecting an external resistor between the TRIM pin and either the +Vout pin or the -Vout pin. 7. The ON/OFF control pin voltage is referenced to -Vin. (See the "Product Standard Table" below for suffix options). 8. Heat Sink is optional. Consult factory for ordering details. 9. The JFCW Series can meet EN55022 Class A with external capacitors connected in parallel to the input pins. Recommended: 24Vin: 6.8uF/50V 48Vin: 2.2uF/100 * 2 pcs 10. An external filter capacitor is required if the module has to meet EN61000-4-5. The filter capacitor Wall Industries suggests: Nippon chemi-con KY Series, 220F/100V, ESR 48m.
2. 3. 4. 5. 6.
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797
JFCW Series
Rev. B 4/16/2008 Single & Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
DERATING CURVES & EFFICIENCY GRAPHS
MECHANICAL DRAWING
PIN CONNECTION
PIN 1 2 3 4 5 6 SINGLE + INPUT - INPUT ON/OFF +VOUT TRIM -VOUT DUAL + INPUT - INPUT ON/OFF +VOUT COMMON -VOUT
PRODUCT STANDARD TABLE
Option Negative Remote ON/OFF Positive Remote ON/OFF Without ON/OFF pin Without ON/OFF & TRIM pin Negative Remote ON/OFF without TRIM pin Positive Remote ON/OFF without TRIM pin NOTES: 1. All dimensions in inches (mm) Tolerance: X.XX0.02 (X.X0.5) X.XXX0.01 (X.XX0.25) 2. Pin pitch tolerance: 0.01 (0.25) Suffix R Blank D G RF F
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797
JFCW Series
Rev. B 4/16/2008 Single & Dual Output 15 Watt DC/DC Converter 4:1 Ultra Wide Input Voltage Range
JFCW SERIES
Recommended Filter for EN55022 Class B Compliance
Recommended EN55022 Class B Filter Circuit
The components used in Figure 1, together with the manufacturers' part numbers for these components, are as follows:
C1
JFCW24Sxx-xxxx 6.8uF/50V
EXTERNAL OUTPUT TRIMMING
Output can be externally trimmed by using the method shown below.
6 TRIM UP 5 TRIM DOWN 4 RT1 or RT2
C2
6.8uF/50V
C3
N/A 2.2uF/100V
C4 & C5
470pF/2KV 470pF/2KV
L1
325uH Common Choke 620uH Common Choke
JFCW48Sxx-xxxx 2.2uF/100V 2.2uF/100V
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797


▲Up To Search▲   

 
Price & Availability of JFCW24S5-3000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X