Part Number Hot Search : 
TLMW3146 L3JU40 MD7540 F31BL18 SOP123 T138A R2025 10020
Product Description
Full Text Search
 

To Download LUPA-400007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LUPA-4000
4M Pixel CMOS Image Sensor
(SPI) interface. It is housed in a 127-pin ceramic PGA package. This data sheet allows the user to develop a camera-system based on the described timing and interfacing. Main features The main features of the image sensor are identified as: * 2048 x 2048 active pixels (4M pixel resolution) * 12 m2 square pixels (based on the high-fill factor active pixel sensor technology of FillFactory (US patent No. 6,225,670 and others)) * Peak QE x FF of 37.50% * Optical format: 24,6 mm x 24,6 mm * Pixel rate of 66 MHz using a 33 MHz system clock * Optical dynamic range: 66 dB (2000:1) in single slope operation and up to 90 dB in multiple slope operation * 2 On-chip 10 bit, 33 MSamples/s ADC * Full snapshot shutter * Random programmable windowing and sub-sampling modes * 127-pin PGA package * Binning (Voltage averaging in X-direction) * Programmable read out direction (X and Y) Part Number and ordering information Name Package Monochrome/color Monochrome
Preamble
Overview This document describes the interfacing and the driving of the LUPA-4000 image sensor. This 4 mega-pixel CMOS active pixel sensor features synchronous shutter and a maximal frame-rate of 15 fps in full resolution. The readout speed can be boosted by means of sub sampling and windowed Region Of Interest (ROI) readout. High dynamic range scenes can be captured using the double and multiple slope functionality. The sensor can be used with one or two outputs. Two on chip 10-bit ADC's can be used to convert the analog data to a 10-bit digital word stream. The sensor uses a 3-wire Serial-Parallel
CYIL1SM4000AA-GDC 127 pin ceramic PGA
The LUPA-4000 is also available in color or monochrome without the cover glass. Please contact Cypress for more information.
Cypress Semiconductor Corporation Document Number: 38-05712 Rev. *B
*
198 Champion Court
*
San Jose, CA 95134-1709 * 408-943-2600 Revised Januari 4, 2007
LUPA-4000
TABLE OF CONTENTS Preamble ........................................................................................................................................................... 1 Overview ...................................................................................................................................................... 1 Main features ............................................................................................................................................... 1 Part Number and ordering information.......................................................................................................... 1 Specifications ................................................................................................................................................... 4 General specifications .................................................................................................................................. 4 Electro-optical specifications ........................................................................................................................ 4 Features and general specifications ............................................................................................................ 6 Electrical specifications ................................................................................................................................ 7 Sensor architecture .......................................................................................................................................... 8 The 6-T pixel ................................................................................................................................................ 8 Frame rate and windowing ........................................................................................................................... 9 Output amplifier ............................................................................................................................................ 9 Pixel array drivers ........................................................................................................................................ 10 Column amplifiers ........................................................................................................................................ 10 Analog to Digital Converter .......................................................................................................................... 10 Synchronous shutter .................................................................................................................................... 11 Non-destructive readout (NDR) ................................................................................................................... 12 Operation and signalling .............................................................................................................................. 12 Pixel array signals ........................................................................................................................................ 14 Timing and read out of the image sensor ...................................................................................................... 16 Timing of the pixel array ............................................................................................................................... 16 Read out of the image sensor ...................................................................................................................... 18 Serial-Parallel-Interface (SPI) ...................................................................................................................... 24 Pin list ................................................................................................................................................................ 25 Geometry and mechanical specifications ...................................................................................................... 29 Bare die ........................................................................................................................................................ 29 Package drawing ......................................................................................................................................... 30 Bonding pads ............................................................................................................................................... 32 Bonding diagram .......................................................................................................................................... 33 Glass transmittance ..................................................................................................................................... 34 Handling and soldering precautions .............................................................................................................. 35 Ordering Information .................................................................................................................................... 35 Disclaimer .................................................................................................................................................... 35 APPENDIX A: LUPA-4000 evaluation system ................................................................................................ 36 APPENDIX B: Frequently Asked Questions ................................................................................................... 37 Document History Page ................................................................................................................................... 38 LIST OF FIGURES Spectral response curve ..................................................................................................................................... 5 Photo-voltaic response curve ............................................................................................................................. 6 Block diagram of the image sensor .................................................................................................................... 8 6T-pixel architecture ........................................................................................................................................... 8 Output stage architecture ................................................................................................................................... 9 ADC timing ......................................................................................................................................................... 10 In- and external ADC connections ...................................................................................................................... 11
Document Number: 38-05712 Rev. *B Page 2 of 38
LUPA-4000
Synchronous shutter operation ........................................................................................................................... 11 Principle of non-destructive readout. .................................................................................................................. 12 Internal timing of the pixel................................................................................................................................... 14 Integration and read out in parallel ..................................................................................................................... 16 Integration and readout sequentially .................................................................................................................. 16 Timing of the pixel array ...................................................................................................................................... 17 Readout of the image sensor. F.O.T ................................................................................................................... 18 X- and Y-addressing ........................................................................................................................................... 19 X-addressing. From bottom to top ....................................................................................................................... 20 Output signal related to Clock_x signal ............................................................................................................... 21 Standard timing for the R.O.T. Only pre_col and Norowsel control signals are required .................................... 22 Reduced standard ROT by means of Sh_col signal............................................................................................ 22 X- and Y-addressing with precharging of the buses ........................................................................................... 23 SPI block diagram and timing ............................................................................................................................. 24 Die figure of the LUPA-4000 ............................................................................................................................... 29 Package drawing of the LUPA-4000 package .................................................................................................... 30 LUPA-4000 package specifications with die ....................................................................................................... 31 Placing of the bonding pads on the LUPA-4000 package .................................................................................. 32 Bonding pads diagram of the LUPA-4000 package ........................................................................................... 33 Transmission characteristics of the D263 glass used as protective cover for the LUPA-4000 sensors. ............ 34 Content of the LUPA-4000 evaluation kit ........................................................................................................... 36 Dual slope diagram ............................................................................................................................................. 37 LIST OF TABLES General specifications ........................................................................................................................................ 4 Electro-optical specifications .............................................................................................................................. 4 Features and general specifications ................................................................................................................... 6 Recommended operation conditions .................................................................................................................. 7 Frame rate as function of ROI read out and/or sub sampling ............................................................................. 9 ADC specifications ............................................................................................................................................. 10 Advantages and disadvantages of non-destructive readout. .............................................................................. 12 Power supplies ................................................................................................................................................... 12 Overview of the power supplies related to the pixel signals ............................................................................... 13 Overview of bias signals ..................................................................................................................................... 13 Overview of the in- and external pixel array signals ........................................................................................... 15 Timing specifications .......................................................................................................................................... 17 Read-out timing specifications ............................................................................................................................ 19 Read-out timing specifications with precharching of the buses .......................................................................... 23 SPI parameters ................................................................................................................................................... 24
Document Number: 38-05712 Rev. *B
Page 3 of 38
LUPA-4000
Specifications
General specifications Table 1. General specifications Parameter Pixel architecture Pixel size Resolution Pixel rate Shutter type Full frame rate Specification 6T-pixel 12 m x 12 m 2048 x 2048 66 MHz Pipelined snapshot shutter 15 frames/second Remarks Based on the high fill-factor active pixel sensor technology of FillFactory The resolution and pixel size results in a 24,6 mm x 24,6 mm optical active area. Using a 33 MHz system clock and 1 or 2 parallel outputs. Full snapshot shutter (integration during read out is possible). Frame rate increase possible with ROI read out and/or sub sampling.
Electro-optical specifications Overview Table 2. Electro-optical specifications Parameter FPN PRNU Conversion gain Output signal amplitude Saturation charge Sensitivity Peak QE * FF Peak SR * FF Dark current (@ 21 C) Noise electrons S/N ratio Spectral sensitivity range Parasitic sensitivity MTF Power dissipation Specification <1.25% RMS <2.5% RMS 13.5 uV/electron 1V 80.000 e2090 V.m2/W.s 11.61 V/lux.s 37.5% 0.19 A/W <140 mV/s or 10000 e-/s < 40 e2000:1 400 - 1000 nm < 1/5000 64% <200 mWatt Typical (without ADC's). I.e. sensitivity of the storage node during read out (after integration). 66 dB. Average white light. Visible band only (180 lx = 1 W/m2). Average QE*FF = 35%. Average SR*FF = 0.15 A/W. See spectral response curve. of max. output swing at 25% and 75% (% of the signal) @ output (measured). Converted by 2 on-chip 10-bit ADC's in 2x10 parallel digital outputs. Or to be used with external ADC's Remarks
Document Number: 38-05712 Rev. *B
Page 4 of 38
LUPA-4000
Spectral response curve Figure 1. Spectral response curve
0.20 0.18
QE 40%
QE 30%
QE 25%
QE 20% 0.16 0.14
Spectral response [A/W]
0.12 0.10 0.08 0.06 0.04 0.02 0.00 400 QE 10%
500
600
700 Wavelength [nm]
800
900
1000
Figure 1 shows the spectral response characteristic. The curve is measured directly on the pixels. It includes effects of non-sensitive areas in the pixel, e.g. interconnection lines. The sensor is light sensitive between 400 and 1000 nm. The peak
QE * FF is 37.5% approximately between 500 and 700 nm. In view of a fill factor of 60%, the QE is thus larger than 60% between 500 and 700 nm.
Document Number: 38-05712 Rev. *B
Page 5 of 38
LUPA-4000
Photo-voltaic response curve Figure 2. Photo-voltaic response curve
1.2
1
0.8
Output swing [V]
0.6
0.4
0.2
0 0 20000 40000 60000 80000 # electrons 100000 120000 140000
Figure 2 shows the pixel response curve in linear response mode. This curve is the relation between the electrons detected in the pixel and the output signal. The resulting
voltage-electron curve is independent of any parameters. The voltage to electrons conversion gain is 13.5 V/electron. Note that the upper part of the curve (near saturation) is actually a logarithmic response.
Features and general specifications Table 3. Features and general specifications Feature Electronic shutter type Windowing (ROI) Sub-sampling and binning modes Read out direction Extended dynamic range Analog output Digital output Supply voltage VDD Logic levels Operational temperature range Interface Package Power dissipation Mass Specification/Description Full snapshot shutter (integration during read out is possible). Randomly programmable ROI read out. 2:1 subsampling and voltage averaging is possible (only in the X-direction). Read out direction can be reversed in X and Y. Multiple slope (up to 90 dB optical dynamic range). The output rate of 66 Mpixels/s can be achieved with either 1 or 2 analog outputs. 2 on-chip 10-bit ADC's @ 33 Msamples/s. Nominal 2.5V (some supplies require 3.3V). 3.3V. 0C to 60C; with degradation of dark current. Serial-to Parallel Interface (SPI). 127 pin PGA package <200 mW <100g
Document Number: 38-05712 Rev. *B
Page 6 of 38
LUPA-4000
Table 3. Features and general specifications (continued) Feature Output amplifiers External output load Number of outputs Differential R > 10 k C < 20 pF (<10 pF is advised) 1 at 66 Mpixels/sec 2 at 33 Mpixels/sec or output. 50 mA TL Lead temperature (5 seconds soldering). 350 C * Absolute Ratings are those values beyond which damage to the device may occur. * VDD = VDDD = VDDA (VDDD is supply to digital circuit, VDDA to analog circuit). Specification/Description
Electrical specifications Absolute maximum ratings VDD DC supply voltage -0.5 to 4.5 V VIN DC input voltage -0.5 to 3.8 V VOUT DC output voltage -0.5 to 3.8 V IIO DC current drain per pin; any single input Recommended operating conditions Table 4. Recommended operation conditions Symbol Vaa Va3 Vdd Voo Vres Vres_ds Vmem_h Vmem_l Vpix Vpre_l TA Parameter Power supply column read out module Power supply column read out module Power supply digital modules Power supply output stages Power supply reset drivers Power supply multiple slope reset driver Power supply memory element (high level) Power supply memory element (low level) Power supply pixel array Power supply for Precharge off-state Commercial operating temperature.
Min. 2.5 3.3 2.5 2.5 2.5 2.0 2.5 2.0 2.0 -0.4 0 3.5 2.5 3.3 2.6 2.6 0 30
Typ. 3.3
Max.
Unit V V V V
3.8 3.3 3.5 3.0 3.3 0 60
V V V V V V C
Notes 1. All parameters are characterized for DC conditions after thermal equilibrium has been established. 2. Unused inputs must always be tied to an appropriate logic level, e.g. either VDD or GND. 3. This device contains circuitry to protect the inputs against damage due to high static voltages or electric fields; however it is recommended that normal precautions be taken to avoid application of any voltages higher than the maximum rated voltages to this high impedance circuit.
Document Number: 38-05712 Rev. *B
Page 7 of 38
LUPA-4000
Sensor architecture
A schematic drawing of the architecture is given in the block diagram below. The image core consists of a pixel array, one X- and two Y-addressing registers (only one drawn), pixel array drivers and column amplifiers. The image sensor of 2048 * 2048 pixels is read out in progressive scan. One or two output amplifiers read out the image sensor. The output amplifiers are working at 66 MHz pixel rate nominal speed or each at 33 MHz pixel rate in case the 2 output amplifiers are used to read out the imager. The complete image sensor has been designed for operation up to 66 MHz. The structure allows having a programmable addressing in the x-direction in steps of 2 and in the y-direction in steps of 2 (only even start addresses in X- and Y-direction are possible). The starting point of the address is uploadable by means of the Serial-Parallel Interface (SPI)
Figure 3. Block diagram of the image sensor
eos_y
On chip drivers
Reset, mem_hl, precharge, sample
y shift register
select drivers
pixel array 2048 * 2048
Column amplifiers
Clk_y sync_y
X shift register
Clk_x
eos_x
Logic blocks
sync_x
SPI
DA C
2 differential outputs
The 6-T pixel
To obtain the global shutter feature combined with a high sensitivity and good Parasitic Light Sensitivity (PLS), the pixel architecture given in the figure below is implemented. Figure 4. 6T-pixel architecture
Vpix
Vmem
R eset
Sample
Row-Select
Document Number: 38-05712 Rev. *B
Page 8 of 38
LUPA-4000
This pixel architecture is designed in a 12 * 12 m2 pixel pitch. The pixel is designed to meet the specifications as described in Table 1, Table 2, and Table 3. Frame rate and windowing Frame rate To obtain a frame rate a 15 frames/sec, one needs 1 output amplifier, working at 66 MHz pixel rate or 2 output amplifiers working at 33 MHz each (assuming a Row Overhead Time (ROT) of 200 nsec). The frame period of the LUPA-4000 sensor can be calculated as follows: Frame period = FOT + (Nr. Lines * (ROT + pixel period * Nr. Pixels) with: FOT: Frame Overhead Time = 5 s. Nr. Lines: Number of Lines read out each frame (Y). Nr. Pixels: Number of pixels read out each line (X). ROT: Row Overhead Time = 200 ns (nominal; can be further reduced). Pixel period: 1/66 MHz = 15.15 ns. Example read out of the full resolution at nominal speed (66 MHz pixel rate): Frame period = 5 us + (2048 * (200 ns + 15.15 ns * 2048) = 64 ms ROI read out (windowing) Windowing can easily be achieved by a serial-parallel uploadable interface in which the starting point of the x- and y-address is uploaded. This downloaded starting point initiates the shift register in the x- and y- direction triggered by the Sync_x and Sync_y pulse. The minimum step size for the => 15 fps.
x-address and the y-address is 2 (only even start addresses can be chosen). The size of both address registers is 10 bits. When for instance the addresses 0000000001 and 0000000001 are uploaded, the readout will start at line 2 and column 2.
Table 5. Frame rate as function of ROI read out and/or sub sampling Image Resolution (X*Y) 2048 x 2048 1024 x 2048 1024 x 1024 640 x 480 Output amplifier 1 output amplifier working at 66 Mpixels/sec is required to bring the whole pixel array of 2048 by 2048 pixels at the required frame rate to the outside world. A second output stage is also foreseen to convert the analog data on-chip by 2 10-bit ADC's each working at 33 MHz. By having a second output stage working in parallel, the pixel rate can be more relaxed to 33 MHz for both output amplifiers. Using only one output-stage, the output signal will be the result of multiplexing 15 31 62 210 Frame rate [frames/s] Frame readout time [ms] 67 32 16 4.7 Comment Full resolution. Subsample in X-direction. ROI read out. ROI read out.
between the 2 internal buses. When using 2 output-stages, both outputs will be in phase. Each output-stage has 2 outputs. One output is the pixel signal; the second output is a DC signal which offset can be programmed using a 7-bit word. The DC signal can be used for common mode rejection between the 2 signals. The disadvantage is an increase in power dissipation however this can be reduced by setting the highest DAC voltage by means of the SPI
Figure 5. Output stage architecture.
Image sensor
Out1: Pixel signal
7bits SPI DAC Out2: dc signal
Document Number: 38-05712 Rev. *B
Page 9 of 38
LUPA-4000
The output voltage of Out1 will be between 1.3V (dark level) and 0.3V (white level) and depends on process variations and voltage supply settings. The output voltage of Out2 is determined by the DAC. Pixel array drivers We have foreseen on this image sensor on chip drivers for the pixel array signals. Not only the driving on system level is easy and flexible, also the maximum currents applied to the sensor are controlled on chip. This means that the charging on sensor level is fixed and that the sensor cannot be overdriven from externally. In the paragraph on the timing, the operation of the on-chip drivers is explained more in detail. Column amplifiers The column amplifiers are designed for minimum power dissipation and minimum loss of signal for this reason multiple biasing signals are needed. The column amplifiers also have the "voltage-averaging" feature integrated. In case of voltage averaging mode, the voltage average between 2 columns is taken and read out. In this mode only 2:1 pixels have to be read out. To achieve the voltage-averaging mode, an additional external digital signal called "voltage-averaging" is required in combination with a bit from the SPI. Analog to Digital Converter The LUPA4000 has a two 10 bit flash analog digital converters running nominally at 33 Msamples/s. The ADC's are electrically separated from the image sensor. The inputs of the
ADC should be tied externally to the outputs of the output amplifiers. One ADC will sample the even columns and the other one will sample the odd columns. Although the input range of the ADC is between 1V and 2V and the output range of the analog signal is only between 0.3V and 1.3V, the analog output and digital input may be tied to each other directly. This is possible because there is an on chip level-shifter located in front of the ADC to lift up the analog signal to the ADC range. Table 6. ADC specifications Parameter Input range Quantization Nominal data rate DNL (linear conversion mode) INL (linear conversion mode) Input capacitance Power dissipation @ 33 MHz Conversion law ADC timing The ADC converts the pixel data on the falling edge of the ADC_CLOCK but it takes 2 clock cycles before this pixel data is at the output of the ADC. This pipeline delay is shown in Figure . Specification 1 - 2V (*) 10 Bits 33 Msamples/s Typ. < 0.4 LSB RMS Typ. < 3.5 < 2 pF 50 mW Linear/Gamma-corrected LSB
Figure 6. ADC timing
Note 4. The internal ADC range will be typ. 50 mV lower then the external applied ADC_VHIGH and ADC_VLOW voltages due to voltage drops over parasitic internal resistors in the ADC.
Document Number: 38-05712 Rev. *B
Page 10 of 38
LUPA-4000
Setting of the ADC reference voltages Figure 7. In- and external ADC connections
2.5V
RHIGH_ADC
REF_HIGH ~ 2 V RADC REF_LOW ~ 1 V
external internal
external
RLOW_ADC
The internal resistor RADC has a value of approximately 300. This results in the values for the external resistors: Resistor RADC_VHIGH RADC 75 300 Value ()
Resistor RADC_VLOW 220
Value ()
The values of the resistors depend on the value of RADC. The voltage difference between ADC_VLOW and ADC_VHIGH should be at least 1.0V to assure proper working of the ADC.
Synchronous shutter In a synchronous (snapshot) shutter light integration takes place on all pixels in parallel, although subsequent readout is sequential. Figure 8. Synchronous shutter operation
Line number
COMMON SAMPLE&HOLD
Flash could occur here
COMMON RESET
Time axis Integration time Burst Readout time
Document Number: 38-05712 Rev. *B
Page 11 of 38
LUPA-4000
Figure 8 shows the integration and read out sequence for the synchronous shutter. All pixels are light sensitive at the same period of time. The whole pixel core is reset simultaneously and after the integration time all pixel values are sampled together on the storage node inside each pixel. The pixel core is read out line by line after integration. Note that the integration and read out cycle can occur in parallel or in sequential mode. (ref. 4. Timing and read out of the image sensor)
Non-destructive readout (NDR) The sensor can also be read out in a non-destructive way. After a pixel is initially reset, it can be read multiple times, without resetting. The initial reset level and all intermediate signals can be recorded. High light levels will saturate the pixels quickly, but a useful signal is obtained from the early samples. For low light levels, one has to use the later or latest samples.
Figure 9. Principle of non-destructive readout
time
Essentially an active pixel array is read multiple times, and reset only once. The external system intelligence takes care of the interpretation of the data. Table 7 summarizes the advantages and disadvantages of non-destructive readout. Table 7. Advantages and disadvantages of non-destructive readout. Advantages Low noise - as it is true CDS. Disadvantages System memory required to record the reset level and the intermediate samples. Requires multiples readings of each pixel, thus higher data throughput.
* * * * *
Power supplies and grounds Biasing and Analog signals Pixel array signals Digital signals Test signals
Power supplies and ground Every module on chip, as there are: column amplifiers, output stages, digital modules, drivers has its own power supply and ground. Off chip the grounds can be combined, but not all power supplies may be combined. This results in several different power supplies, but this is required to reduce electrical cross-talk and to improve shielding, dynamic range and output swing. On chip we have the ground lines of every module which are kept separately to improve shielding and electrical cross talk between them. An overview of the supplies is given in Table 8 and Table 9. Table 9 summarizes the supplies related to the pixel array signals, where Table 8 summarizes the supplies related with all other modules
High sensitivity - as the conversion capacitance is kept rather low.
Requires system level High dynamic range - as the results includes signal for short digital calculations. and long integrations times. Operation and signalling One can distinguish the different signals into different groups: Table 8. Power supplies Name Vaa Va3 Vdd Voo Vdda Vddd DC Current 7 mA 10 mA 1 mA 20 mA 1 mA 1 mA Max.current 50 mA 50 mA 200 mA 20 mA 200 mA 200 mA
Typ. 2.5V 3.3V 2.5V 2.5V 2.5V 2.5V
Max. 3.3V
Description Power supply column readout module. Power supply column readout module. Should be tuneable to 3.3V max. Power supply digital modules Power supply output stages Analog supply of ADC circuitry Digital supply of ADC circuitry
Document Number: 38-05712 Rev. *B
Page 12 of 38
LUPA-4000
Table 9. Overview of the power supplies related to the pixel signals Name Vres Vres_ds Vmem_h Vmem_l Vdd Vpix Vpre_l DC current 1 mA 1 mA 1 mA 1 mA 1 mA 12 mA 1 mA Max. current 200 mA 200 mA 200 mA 200 mA 200 mA 500 mA 200 mA Min. 2.5V 2.0V 2.5V 2.0V 2.0V 2.0V -400 mV Typ. 3.5V 2.5V 3.3V 2.5 V 2.5V 2.5V 0V Max. 3.8V 3.3V 3.5V 3.0V 3.0V 3.3V 0V Description Power supply reset drivers. Power supply dual slope reset drivers. Power supply memory elements in pixel for high voltage level Power supply memory elements in pixel for low voltage level. Should be tuneable Power supply for Sample Power supply pixel array. Should be tuneable to 3.3V Power supply for Precharge in off-stat. May be connected to ground.
The maximum currents mentioned in Table 8 and Table 9 are peak currents which occur once per frame (except for Vres_ds in multiple slope mode). All power supplies should be able to deliver these currents except for Vmem_l and Vpre_l, which must be able to sink this current. The maximum peak current for Vpix should not be higher than 500 mA. It is important to notice that no power supply filtering on chip is implemented and that noise on these power supplies can contribute immediately to the noise on the signal. Especially the voltage supplies Vpix and Vaa are important to be well noise free. Start-up sequence The LUPA-4000 will go in latch up (draw high current) as soon as all power supplies are turned on at the same time. The sensor will come out of latch-up and start working normally as soon as it is being clocked. A power supply with a 400 mA limit is recommended to avoid damage to the sensor. It is recommended to avoid the time that the device is in the latch-up state, so clocking of the sensor should start as soon as possible (i.e. as soon as the system is turned on). In order to completely avoid latch-up of the image sensor, the next sequence should be taken into account: Table 10. Overview of bias signals Signal Out_load dec_x_load muxbus_load nsf_load uni_load_fast uni_load pre_load col_load dec_y_load psf_load Comment
* Apply Vdd * Apply clocks and digital pulses to the sensor to count 2048 clocks and 2048 clock_y pulses to empty the shift registers * Apply other supplies Biasing and analog signals The analog output levels that may be expected are between 0.3V for a white, saturated, pixel and 1.3V for a black pixel. 2 Output stages are foreseen, each consisting of 2 output amplifiers, resulting in 4 outputs. 1 Output amplifier is used for the analog signal resulting from the pixels. The second amplifier is used for a dc reference signal. The dc-level from the buffer is defined by a DAC, which is controlled by a 7-bit word downloaded in the SPI. Additionally, an extra bit in the SPI defines if 1 output or the 2 output stages are used. Table 10 summarizes the biasing signals required to drive this image sensor. For optimisation reasons of the biasing of the column amplifiers with respect to power dissipation, we need several biasing resistors. This optimisation results in an increase of signal swing and dynamic range.
Related module Output stage X-addressing Multiplex bus Column amplifiers Column amplifiers Column amplifiers Column amplifiers Column amplifiers Y-addressing Column amplifiers
DC-level 0.7 V 0.4 V 0.8 V 1.2 V 1.2 V 0.5 V 1.4 V 0.5 V 0.4 V 0.5 V
Connect with 60 K to Voo and capacitor of 100 nF to Gnd Connect with 2 M to Vdd and capacitor of 100 nF to Gnd Connect with 25 K to Vaa and capacitor of 100 nF to Gnd Connect with 5 K to Vaa and capacitor of 100 nF to Gnd Connect with 10 K to Vaa and capacitor of 100 nF to Gnd Connect with 1 M to Vaa and capacitor of 100 nF to Gnd Connect with 3 K to Vaa and capacitor of 100 nF to Gnd Connect with 1 M to Vaa and capacitor of 100 nF to Gnd Connect with 2 M to Vdd and capacitor of 100 nF to Gnd Connect with 1 M to Vaa and capacitor of 100 nF to Gnd
Document Number: 38-05712 Rev. *B
Page 13 of 38
LUPA-4000
Table 10. Overview of bias signals (continued) Signal precharge_bias Comment Connect with 1k to Vdd and capacitor of at least 200 nF to Gnd. Related module Pixel drivers DC-level 1.4V
Each biasing signal determines the operation of a corresponding module in the sense that it controls speed and dissipation. Some modules have 2 biasing resistors: one to achieve the high speed and another to minimize power dissipation. Pixel array signals The Pixel array of the image sensor requires digital control signals and several different power supplies. This paragraph explains the relation between the control signals and the applied supplies and the internal generated pixel array signals. From Figure 9 one can see that the internal generated pixel array signals are Reset, Sample, Precharge, Vmem and Row_select. These are internal generated signals derived by on chip drivers from external applied signals. Row_select is generated by the y addressing and will not be discussed in this paragraph. The function of each of the signals is: Reset: Resets the pixel and initiates the integration time. If reset is high than the photodiode is forced to a certain voltage, depending on Vpix, which is the pixel supply; and depending on the high level of reset signal. The higher these signals or supplies are, the higher the voltage-swing. The limitation on the high level of Reset and Vpix is 3.3V. Nevertheless, it has
no sense increasing Vpix without increasing the reset level. The opposite does make sense. Additionally, it is this reset pulse that also controls the dual or multiple slope feature inside the pixel. By giving a reset pulse during integration, but not at full reset level, the photodiode is reset to a new value, only if his value is sufficient decreased due to light illumination. The low level of reset is 0V, but the high level is 2.5V or higher (3.3V) for the normal reset and a lower (<2.5V) level for the multiple slope reset. Precharge: Precharge serves as a load for the first source follower in the pixel and is activated to overwrite the current information on the storage node by the new information on the photodiode. Precharge is controlled by an external digital signal between 0 and 2.5V. Sample: Samples the photodiode information onto the memory element. This signal is also a standard digital level between 0 and 2.5V. Vmem: this signal increases the information on the memory element with a certain offset. This way one can increase the output voltage variation. Vmem changes between Vmem_l (2.5V) and Vmem_h (3.3V).
Figure 10. Internal timing of the pixel. Levels are defined by the pixel array voltage supplies (For the correct polarities of the signals refer to Table 11)
The signals in Figure 10 are generated from the on chip drivers. These on chip drivers need 2 types of signals to generate the exact type of signal. It needs digital control signals between 0 and 3.3V (internally converted to 2.5V) with normal driving capability and power supplies. The control signals are required to indicate the moment they need to occur and the power supplies indicate the level. Vmem is made of a control signal Mem_hl and 2 supplies Vmem_h and Vmem_l. If the signal Mem_hl is the logic "0"
than the internal signal Vmem is low, if Mem_hl is logic "1" the internal signal Vmem is high. Reset is made by means of 2 control signals: Reset and Reset_ds and 2 supplies: Vres and Vres_ds. Depending on the signal that becomes active, the corresponding supply level is applied to the pixel. Table 11 summarizes the relation between the internal and external pixel array signals.
Document Number: 38-05712 Rev. *B
Page 14 of 38
LUPA-4000
Table 11. Overview of the in- and external pixel array signals Internal Signal Precharge Sample Reset Vmem 0 0 0 2.0- 2.5V Vlow Vhigh 0.45V 2.5V 2.5 - 3.3V 2.5-3.3V External control signal Precharge (AL) Sample (AL) Reset (AH) & Reset_ds (AH) Mem_hl (AL) Low DC-level Vpre_l Gnd Gnd Vmem_l Vdd Vres & Vres_ds Vmem_h High DC-level Controlled by bias-resistor
In case the dual slope operation is desired, one needs to give a second reset pulse to a lower reset level during integration. This can be done by the control signal Reset_ds and by the power supply Vres_ds that defines the level to which the pixel has to be reset. Note that Reset is dominant over Reset_ds, which means that the high voltage level will be applied for reset, if both pulses occur at the same time. Note that multiple slopes are possible having multiple Reset_ds pulses with a lower Vres_ds level for each pulse given within the same integration time The rise and fall times of the internal generated signals are not very fast (200 nsec). In fact they are made rather slow to limit the maximum current through the power supply lines (Vmem_h, Vmem_l, Vres, Vres_ds, Vdd). Current limitation of those power supplies is not required. Nevertheless, it is advisable to limit the currents not higher than 400 mA. The power supply Vmem_l must be able to sink this current because it must be able to discharge the internal capacitance from the level Vmem_h to the level Vmem_l. The external control signals should be capable of driving input capacitance of about 10 pF. Digital signals The digital signals control the readout of the image sensor. These signals are: * Sync_y (AH): Starts the readout of the frame. This pulse synchronises the y-address register: active high. This signal is at the same time the end of the frame or window and determines the window width. * Clock_y (AH): Clock of the y-register. On the rising edge of this clock, the next line is selected. * Sync_x (AH): Starts the readout of the selected line at the address defined by the x-address register. This pulse synchronises the x-address register: active high. This signal is at the same time the end of the line and determines the window length.
* Clock_x (AH): Determines the pixel rate. A clock of 33 MHz is required to achieve a pixel rate of 66MHz. * Spi_data (AH): the data for the SPI * Spi_clock (AH): clock of the serial parallel interface. This clock downloads the data into the SPI register. * Spi_load (AH): when the SPI register is uploaded, then the data will be internally available on the rising edge of SPI_load. * Sh_kol (AL): control signal of the column readout. Is used in sample & hold mode and in binning mode. * Norowsel (AH): Control signal of the column readout. (See timing). * Pre_col (AL): Control signal of the column readout to reduce row blanking time. * Voltage averaging (AH): Signal required obtaining voltage averaging of 2 pixels. Test signals The test structures implemented in this image sensor are: * Array of pixels (6*12) which outputs are tied together: used for spectral response measurement. * Temperature diode (2): Apply a forward current of 10-100 A and measure the voltage VT of the diode. VT varies linear with the temperature (VT decreases with approximately 1,6 mV/C). * End of scan pulses (do not use to trigger other signals): * Eos_x: end of scan signal: is an output signal, indicating when the end of the line is reached. Is not generated when doing windowing. * Eos_y: end of scan signal: is an output signal, indicating when the end of the frame is reached. Is not generated when doing windowing. * Eos_spi: output signal of the SPI to check if the data is transferred correctly through the SPI.
Notes 5. AH: Active High 6. AL: Active Low
Document Number: 38-05712 Rev. *B
Page 15 of 38
LUPA-4000
Timing and read out of the image sensor
The timing of the LUPA-4000 sensor consists of 2 parts. The first part is related with the control of the pixels, the integration time and the signal level. The second part is related with the readout of the image sensor. As this image sensor is able for full synchronous shutter, integration time and readout can be in parallel or sequential. In the parallel mode the integration time of the frame I is ongoing during readout of frame I-1. Figure 11 shows this parallel timing structure
Figure 11. Integration and read out in parallel
Read frame I
Read frame I + 1
Integration I + 1
Integration I + 2
The control of the readout of the frame and of the integration time are independent of each other with the only exception that the end of the integration time from frame I+1 is the beginning of the readout of frame I+1.
The LUPA-4000 sensor also can be used in sequential mode (triggered snapshot mode) where readout and integration will be sequentially. Figure 12 shows this sequential timing sequence.
Figure 12. Integration and readout sequentially
Integration I
Read frame I
Integration I + 1
Read frame I + 1
Timing of the pixel array The first part of the timing is related with the timing of the pixel array. This implies the control of the integration time, the synchronous shutter operation and the sampling of the pixel information onto the memory element inside each pixel. The signals needed for this control are described in the previous paragraph 3.9 and in Figure 10.
Figure shows the external applied signals required to control the pixel array. At the end of the integration time from frame I+1, the signals Mem_hl, Precharge and Sample have to be given. The reset signal controls the integration time, which is defined as the time between the falling edge of reset and the rising edge of sample.
Document Number: 38-05712 Rev. *B
Page 16 of 38
LUPA-4000
Figure 13. Timing of the pixel array: The integration time is determined by the falling edge of the reset pulse. The longer the pulse is high, the shorter the integration time. At the end of the integration time, the information has to be stored onto the memory element for readout.
Timing specifications for each signal are: Table 12. Timing specifications Symbol a b c d e Name Mem_HL Precharge Sample Precharge-Sample Integration time Value 5 - 8,2 sec 3 - 6 sec 5 - 8 sec > 2 sec > 1 sec
* Falling edge of Precharge is equal or later than falling edge of Vmem. * Sample is overlapping with precharge. * Rising edge of Vmem is more than 200 nsec after rising edge of Sample. * Rising edge of reset is equal or later than rising edge of Vmem The timing of the pixel array is straightforward. Before the frame is read, the information on the photodiode needs to be stored onto the memory element inside the pixels. This is done by means of the signals Mem_hl, Precharge and Sample. When precharge is activated it serves as a load for the first
source follower in the pixel. Sample stores the photodiode information onto the memory element. Mem_hl pumps up this value to reduce the loss of signal in the pixel and this signal must be the envelop of Precharge and Sample. After Mem_hl is high again, the readout of the pixel array can start. The frame blanking time or frame overhead time is thus the time that Mem_hl is low, which is about 5 sec. Once the readout starts, the photodiodes can all be initialised by reset for the next integration time. The minimal integration time is the minimal time between the falling edge of reset and the rising edge of sample. Keeping the slow fall times of the corresponding internal generated signals in mind, the minimal integration time is about 2 sec.
Document Number: 38-05712 Rev. *B
Page 17 of 38
LUPA-4000
An additional reset pulse of minimum 2 sec can be given during integration by asserting Reset_ds to implement the double slope integration mode. Read out of the image sensor As soon as the information of the pixels is stored in to the memory element of each pixel, this information can be readout
sequentially. As seen in the previous section, integration and readout can also be done in parallel. The readout timing is straightforward and is basically controlled by means of sync and clock pulses. Figure 14 shows the top level concept of this timing. The readout of a frame consists of the frame overhead time, the selection of the lines sequentially and the readout of the pixels of the selected line
Figure 14. Readout of the image sensor. F.O.T: Frame overhead time. R.O.T: Row overhead time. L: selection of line, C: Selection of column
Read frame I
Integration I + 2 Readout Lines
F.O.T
L1
L2
L3
L2048
Readout pixels R.O.T C1 C2 C2048
The readout of an image consists of the FOT (Frame overhead time) and the sequential selection of all pixels. The FOT is the overhead time between 2 frames to transfer the information on the photodiode to the memory elements. From Figure 13 it should be clear that this time is the time that Mem_hl is low (typically 5 s). After the FOT the information is stored into the memory elements and a sequential selection of rows and columns makes sure the frame is read. X- and Y- addressing To readout a frame the lines are selected sequentially. Figure 15 gives the timing to select the lines sequentially. This
is done by means of a Clock_y and a Sync_y signal. The Sync_y signals synchronises the y-addressing and initialises the y-address selection registers. The start address is the address downloaded in the SPI multiplied by 2. On the rising edge of Clock_y the next line is selected. The Sync_y signal is dominant and from the moment it occurs the y-address registers are initialised. If a Sync_y pulse is given before the end of the frame is reached, only a part of the frame will be read. To obtain a correct initialisation Sync_y must contain at least 1 rising edge of Clock_y when it is active.
Document Number: 38-05712 Rev. *B
Page 18 of 38
LUPA-4000
Figure 15. X- and Y-addressing
Table 13. Read-out timing specifications Symbol a b c d e f g h Sync_Y Sync_Y-Clock_Y Clock_Y-Sync_Y NoRowSel Pre_col Sh_col Voltage averaging Sync_X-Clock_X Name >20 ns >0 ns >0 ns >50 ns >50 ns 200 ns (more information on this timing can be found in section 4.2.2.a) >20 ns >0 ns Please note that the pixel rate is the double frequency of the Clock_x frequency. To obtain a pixel rate of 66 MHz, one needs to apply a pixel clock Clock_x of 33MHz. When only 1 analog output is used 2 pixels are output every Clock_x period. When Clock_x is high, the first pixel is selected, when Clock_x is low, the next pixel is selected. Consequently, during 1 complete period of Clock_x 2 pixels are readout by the output amplifier. If 2 analog outputs are used each Clock-X period 1 pixel is presented at each output. Value
As soon as a new line is selected, it has to be read out by the output amplifiers. Before the pixels of the selected line can be multiplexed onto the output amplifiers, one has to wait a certain time, indicated as the ROT or Row overhead time shown in Figure 15. This is the time to get the data stable from the pixels to the output bus before the output stages. This ROT is in fact lost time and rather critical in a high-speed sensor. Different timings to reduce this ROT are explained in next paragraph. During the selection of 1 line, 2048 pixels are selected. These 2048 pixels have to be readout by 1 (or 2) output amplifier. Document Number: 38-05712 Rev. *B
Page 19 of 38
LUPA-4000
Figure 16. X-addressing. From bottom to top: Clock_x, Sync_x, internal selection pixel 1&2, internal selection pixel 3&4, internal selection pixel 5 & 6
The first pixel that is selected is the x-address downloaded in the SPI. The starting address is the number downloaded into the SPI, multiplied with 2. Windowing is achieved by a starting address downloaded in the SPI and the size of the window. In the x-direction, the size is determined by the moment a new Clock_y is given. In the y-direction, the sync_y pulse determines the size. Conse-
quently, the best way to obtain a certain window is by using an internal counter in the controller. Figure 16 is the simulation result after extraction of the layout module from a different sensor to show the principle. In this figure the pixel clock has a frequency of 50 MHz, which would result in a pixel rate of 100 Msamples/sec. Figure shows the relation between the applied Clock_x and the output signal.
Document Number: 38-05712 Rev. *B
Page 20 of 38
LUPA-4000
Figure 17. Output signal related to Clock_x signal. From bottom to top: Clock_x, Sync_x and output. The output level before the first pixel is the level of the last pixel of previous line
Pixel 1
Pixel2....: Pixel period : 20nsec
Output 1
saturated dark
Sync_x
Clock_x: 25MHz
As soon as Sync_x is high and 1 rising edge of Clock_x occurs, the pixels are brought to the analog outputs. This is again the simulation result of a comparable sensor to show the principle. Please note there is a time difference between the clock edge and the moment the data is seen at the output. As this time difference is very difficult to predict in advance, it is advisable to have the ADC sampling clock flexible to set an optimal Add sampling point. The time differences can easily vary between 5 - 15 nsec and have to be tested on the real devices.
Reduced Row Overhead Time timing The row overhead time is the time between the selection of lines that one has to wait to get the data stable at the column amplifiers. This row overhead time is a loss in time, which should be reduced as much as possible.
Document Number: 38-05712 Rev. *B
Page 21 of 38
LUPA-4000
Standard timing (200 ns) Figure 18. Standard timing for the R.O.T. Only pre_col and Norowsel control signals are required
In this case the control signals Norowsel and pre_col are made active for about 20 nsec from the moment the next line is selected. The time these pulses have to be active is related with the biasing resistance Pre_load. The lower this resistance, the shorter the pulse duration of Norowsel and pre_col may be. After these pulses are given, one has to wait for at least 180 nsec before the first pixels can be sampled. For this mode Sh_col must be made active (low) all the time. Back-up timing (ROT =100-200 ns) A straightforward way of reducing the R.O.T is by using a sample and hold function. By means of Sh_col the analog data is tracked during the first 100 nsec during the selection of a new set of lines. After 100
nsec, the analog data is stored. The ROT is in this case reduced to 100 nsec, but as the internal data was not stable yet dynamic range is lost because not the complete analog levels are reached yet after 100 ns. Figure 18 shows this principle. Sh_col is now a pulse of 100 ns-200 ns starting at the same moment as pre_col and Norowsel. The duration of Sh_col is equal to the ROT. The shorter this time the shorter the ROT will be however this lowers also the dynamic range. In case "voltage averaging" is required, the sensor must work in this mode with Sh_col signal and a "voltage averaging" signal must be generated after Sh_col drops and before the readout starts (see Figure 15)
Figure 19. Reduced standard ROT by means of Sh_col signal. pre_col (short pulse), Norowsel (short pulse) and Sh_col (large pulse)
Precharging of the buses This timing mode is exactly the same as the mode without sample and hold, except that the prebus1 and prebus2 signals are activated. It should be noticed that the precharging of the buses can be combined with all of the timing modes discussed
above. The idea is to have a short pulse of about 5 ns to precharge the output buses to a well-known level. This mode makes the ghosting of bad columns impossible. In this mode, Nsf_load must be made much larger (at least 1 Mohms).
Document Number: 38-05712 Rev. *B
Page 22 of 38
LUPA-4000
Figure 20. X- and Y-addressing with precharging of the buses
Table 14. Read-out timing specifications with precharching of the buses Symbol a b c d e f g h i Name Sync_Y Sync_Y-Clock_Y Clock_Y-Sync_Y NoRowSel Pre_col Sh_col Voltage averaging Sync_X-Clock_X Prebus pulse >20 ns >0 ns >0 ns >50 ns >50 ns 200 ns (or cst low, depending on timing mode) >20 ns >0 ns As short as possible Value
Document Number: 38-05712 Rev. *B
Page 23 of 38
LUPA-4000
Serial-Parallel-Interface (SPI) The SPI is required to upload the different modes. Table 15 shows the parameters and there bit position Table 15. SPI parameters Parameter Y-direction Y-address X-voltage averaging enable X-subsampling X-direction X-address Nr output amplifiers DAC 0 1-10 11 12 13 14-23 24 25-31 Bit nr. Bit 1 is LSB 1: Enabled 1: Subsampling 0: From left to right Bit 14 is LSB 0: 1 Output Bit 25 is LSB and only one output is used. The DAC will have the lowest level at its output. When using sub sampling, only even X-addresses may be applied. Remarks 1: from bottom to top
When all zeros are loaded into the SPI, the sensor will start at pixel 0,0. The scanning will be from left to right and from top to bottom. There will be no sub-sampling or voltage averaging
Figure 21. SPI block diagram and timing
To sensor
Bit 31
32 outputs to sensor
Bit 0
D Load_addr C
Q
spi_in Clock_spi
Load_addr Spi_in Clock_spi D C Q Clock_spi
Entire uploadable block
Unity Ce ll
spi_in Load_addr
B0
B1
B2
B31 command applied to sensor
Document Number: 38-05712 Rev. *B
Page 24 of 38
LUPA-4000
Pin list
Table 16 is a list of all the pins and their functionalities. Pad 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 Pin E1 F1 D2 G2 G1 F2 H1 H2 J2 J1 K1 M2 L1 M1 N2 P1 P2 N1 P3 Q1 Q2 R1 R2 Q3 Q4 N3 Q5 Q6 Q7 R3 M3 L2 L3 Pin Name sync_x eos_x vdd clock_x eos_spi spi_data spi_load spi_clock gndo out2 out2DC voo out1DC out1 gndo vaa gnda va3 vpix psf_load nsf_load muxbus_load uni_load_fast pre_load out_load dec_x_load uni_load col_load dec_y_load vdd gndd prebus1 prebus2 Pin Type Input Testpin Supply Input Testpin Input Input Input Ground Output Output Supply Output Output Ground Supply Ground Supply Supply Input Input Input Input Input Input Input Input Input Input Supply Ground Input Input Description Digital input. Synchronises the X-address register. Indicates when the end of the line is reached. Power supply digital modules. Digital input. Determines the pixel rate. Checks if the data is transferred correctly through the SPI. Digital input. Data for the SPI. Digital input. Loads data into the SPI. Digital input. Clock for the SPI. Ground output stages Analog output 2. Reference output 2. Power supply output stages Reference output 1. Analog output 1. Ground output stages. Power supply analog modules. Ground analog modules. Power supply column modules. Power supply pixel array. Analog reference input. Biasing for column modules. Connect with R=1M to Vaa and decouple with C=100nF to gnda. Analog reference input. Biasing for column modules. Connect with R=5k to Vaa and decouple with C=100nF to gnda. Analog reference input. Biasing for multiplex bus. Connect with R=25k to Vaa and decouple with C=100nF to gnda. Analog reference input. Biasing for column modules. Connect with R=10k to Vaa and decouple with C=100nF to gnda. Analog reference input. Biasing for column modules. Connect with R=3k to Vaa and decouple with C=100nF to gnda. Analog reference input. Biasing for output stage. Connect with R=60k to Vaa and decouple with C=100nF to gnda. Analog reference input. Biasing for X-addressing. Connect with R=2M to Vdd and decouple with C=100nF to gndd. Analog reference input. Biasing for column modules. Connect with R=1M to Vaa and decouple with C=100nF to gnda. Analog reference input. Biasing for column modules. Connect with R=1M to Vaa and decouple with C=100nF to gnda. Analog reference input. Biasing for Y-addressing. Connect with R=2M to Vdd and decouple with C=100nF to gndd. Power supply digital modules. Ground digital modules. Digital input. Control signal to reduce readout time. Digital input. Control signal to reduce readout time.
Document Number: 38-05712 Rev. *B
Page 25 of 38
LUPA-4000
Pad 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72
Pin Q8 R4 R5 R6 R7 K2 Q9 Q10 R8 R9 R10 R11 Q11 R12 Q12 P15 Q14 Q15 R13 R14 R15 P14 Q13 R16 Q16 P16 N14 N15 L16 L15 N16 M16 L14 M15 M14 K14 J14 J15 J16
Pin Name sh_col pre_col norowsel clock_y sync_y eos_y_r temp_diode_p temp_diode_n vpix vmem_l vmem_h vres vres_ds ref_low linear_conv bit_9 bit_8 bit_7 bit_6 bit_5 bit_4 bit_3 bit_2 bit_1 bit_0 clock gndd vddd gnda vdda bit_inv CMD_SS analog_in CMD_FS ref_high vres_ds vres vpre_l vdd
Pin Type Input Input Input Input Input Testpin Testpin Testpin Supply Supply Supply Supply Supply Input Input Output Output Output Output Output Output Output Output Output Output Input Supply Supply Supply Supply Input Input Input Input Input Supply Supply Supply Supply
Description Digital input. Control signal of the column readout. Digital input. Control signal of the column readout to reduce row-blanking time. Digital input. Control signal of the column readout. Digital input. Clock of the Y-addressing. Digital input. Synchronises the Y-address register. Indicates when the end of frame is reached when scanning in the 'right' direction. Anode of temperature diode. Cathode of temperature diode. Power supply pixel array. Power supply Vmem drivers. Power supply Vmem drivers. Power supply reset drivers. Power supply reset drivers. Analog reference input. Low reference voltage of ADC. (see Figure 7 for exact resistor value) Digital input. 0= linear conversion; 1= gamma correction. Digital output 1 <9> (MSB). Digital output 1 <8>. Digital output 1 <7>. Digital output 1 <6>. Digital output 1 <5>. Digital output 1 <4>. Digital output 1 <3>. Digital output 1 <2>. Digital output 1 <1>. Digital output 1 <0> (LSB). ADC clock input. Digital GND of ADC circuitry. Digital supply of ADC circuitry (nominal 2.5V). Analog GND of ADC circuitry. Analog supply of ADC circuitry (nominal 2.5V). Digital input. 0=no inversion of output bits; 1 = inversion of output bits. Analog reference input. Biasing of second stage of ADC. Connect to VDDA with R=50 k and decouple with C=100 nF to GNDa. Analog input of 1st ADC. Analog reference input. Biasing of first stage of ADC. Connect to VDDA with R=50 kand decouple with C=100 nF to GNDa. Analog reference input. High reference voltage of ADC. (see Figure 7 for exact resistor value) Power supply reset drivers. Power supply reset drivers. Power supply precharge drivers. Must be able to sink current. Can also be connected to ground. Power supply digital modules. Page 26 of 38
Document Number: 38-05712 Rev. *B
LUPA-4000
Pad 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 101 102 103 104 105 106 107 108 109 110 111 112
Pin K15 K16 H15 H16 G16 F16 E16 G15 G14 F14 E14 D16 E15 F15 D15 C15 D14 B16 B14 C16 A16 B15 A15 A14 C14 B13 A13 A9 A10 A11 A12 B7 B8 B9 B10 B11 B6 A8 A7 B12
Pin Name vmem_h vmem_l ref_low linear_conv bit_9 bit_8 bit_7 bit_6 bit_5 bit_4 bit_3 bit_2 bit_1 bit_0 clock gndd vddd gnda vdda bit_inv CMD_SS analog_in CMD_FS ref_high vres_ds vres vmem_h vmem_l vpix reset reset_ds mem_hl precharge sample temp_diode_n temp_diode_p precharge_bias photodiode gndd vdd
Pin Type Supply Supply Input Input Output Output Output Output Output Output Output Output Output Output Input Supply Supply Supply Supply Input Input Input Input Input Supply Supply Supply Supply Supply Input Input Input Input Input Testpin Testpin Input Testpin Ground Supply Power supply Vmem drivers. Power supply Vmem drivers.
Description
Analog reference input. Low reference voltage of ADC. (see Figure 7 for exact resistor value) Digital input. 0= linear conversion; 1= gamma correction. Digital output 2 <9> (MSB). Digital output 2 <8>. Digital output 2 <7>. Digital output 2 <6>. Digital output 2 <5>. Digital output 2 <4>. Digital output 2 <3>. Digital output 2 <2>. Digital output 2 <1>. Digital output 2 <0> (LSB). ADC clock input. Digital GND of ADC circuitry. Digital supply of ADC circuitry (nominal 2.5V). Analog GND of ADC circuitry. Analog supply of ADC circuitry (nominal 2.5V). Digital input. 0=no inversion of output bits; 1 = inversion of output bits. Biasing of second stage of ADC. Connect to VDDA with R=50 k and decouple with C=100 nF to GNDa. Analog input 2nd ADC. Analog reference input. Biasing of first stage of ADC. Connect to VDDA with R=50 k and decouple with C=100 nF to GNDa. Analog reference input. High reference voltage of ADC. (see Figure 7 for exact resistor value) Power supply reset drivers. Power supply reset drivers. Power supply Vmem drivers. Power supply Vmem drivers. Power supply pixel array. Digital input. Control of reset signal in the pixel. Digital input. Control of double slope reset in the pixel. Digital input. Control of Vmem signal in pixel. Digital input. Control of Vprecharge signal in pixel. Digital input. Control of Vsample signal in pixel. Cathode of temperature diode. Anode of temperature diode. Analog reference input. Biasing for pixel array. (seeTable 10 for exact resistor and capacitor value) Output photodiode. Ground digital modules. Power supply digital modules.
Document Number: 38-05712 Rev. *B
Page 27 of 38
LUPA-4000
Pad 113 114 115 116 117 118 119 120 121 122 123 124 125 126 127E2
Pin A6 A1 A5 A2 A3 B5 A4 B1 B2 C1 D1 B4 B3 C2 E2
Pin Name eos_y_l sync_y clock_y norowsel volt. averaging pre_col sh_col prebus2 prebus1 dec_y_load vpix va3 gnda vaa gndd
Pin Type Testpin Input Input Input Input Input Input Input Input Input Supply Supply Ground Supply Ground
Description Indicates when the end of frame is reached when scanning in the 'left' direction. Digital input. Synchronises the Y-address register. Digital input. Clock of the Y-addressing. Digital input. Control signal of the column readout. Digital input. Control signal of the voltage averaging in the column readout. Digital input. Control signal of the column readout to reduce row-blanking time. Digital input. Control signal of the column readout. Digital input. Control signal to reduce readout time. Digital input. Control signal to reduce readout time. Analog reference input. Biasing for Y-addressing. Power supply pixel array. Power supply column modules. Ground analog modules. Power supply analog modules. Ground digital modules. 3. All unused inputs should be tied to a non-active level (e.g. VDD or GND).
REMARKS: 1. All pins with the same name can be connected together. 2. All digital input are active high (unless mentioned otherwise).
Document Number: 38-05712 Rev. *B
Page 28 of 38
LUPA-4000
Geometry and Mechanical specifications
Bare die Figure 22. Die figure of the LUPA-4000
27200 m Pixel array of 2048 x 2048 pixels
Pixel 0,0
25610 m
Pixel 0,0 is located at 478 m from the left side of the die and 1366 m from the bottom side of the die.
Document Number: 38-05712 Rev. *B
Page 29 of 38
LUPA-4000
Package drawing The LUPA-4000 is packaged in a 127-pin PGA package. Figure 23. Package drawing of the LUPA-4000 package
Document Number: 38-05712 Rev. *B
Page 30 of 38
LUPA-4000
Figure 24. LUPA-4000 package specifications with die
Document Number: 38-05712 Rev. *B
Page 31 of 38
LUPA-4000
Bonding pads The bonding pads are located as indicated below. Figure 25. Placing of the bonding pads on the LUPA-4000 package
Document Number: 38-05712 Rev. *B
Page 32 of 38
LUPA-4000
Bonding diagram The die is bonded to the bonding pads of the package as indicated below Figure 26. Bonding pads diagram of the LUPA-4000 package.
The die will be placed in the package in a way that the center of the light sensitive area will match the center of the package.
Document Number: 38-05712 Rev. *B
Page 33 of 38
LUPA-4000
Glass transmittance A D263 glass will be used as protection glass lid on top of the LUPA-4000 monochrome sensors. Figure 24 shows the transmission characteristics of the D263 glass Figure 27. Transmission characteristics of the D263 glass used as protective cover for the LUPA-4000 sensors
100 90
Transmission [%]
80 70 60 50 40 30 20 10 0 400 500 600 700 800 900
Wavelength [nm ]
Document Number: 38-05712 Rev. *B
Page 34 of 38
LUPA-4000
Handling and soldering precautions
Special care should be given when soldering image sensors with color filter arrays (RGB color filters), onto a circuit board, since color filters are sensitive to high temperatures. Prolonged heating at elevated temperatures may result in deterioration of the performance of the sensor. The following recommendations are made to ensure that sensor performance is not compromised during end-users' assembly processes. Board Assembly: Device placement onto boards should be done in accordance with strict ESD controls for Class 0, JESD22 Human Body Model, and Class A, JESD22 Machine Model devices. Assembly operators should always wear all designated and approved grounding equipment; grounded wrist straps at ESD protected workstations are recommended including the use of ionized blowers. All tools should be ESD protected. Manual Soldering: When a soldering iron is used the following conditions should be observed: * Use a soldering iron with temperature control at the tip. * The soldering iron tip temperature should not exceed 350C. * The soldering period for each pin should be less than 5 seconds. Precautions and cleaning: Avoid spilling solder flux on the cover glass; bare glass and particularly glass with antireflection filters may be adversely affected by the flux. Avoid mechanical or particulate damage to the cover glass. It is recommended that isopropyl alcohol (IPA) is used as a solvent for cleaning the image sensor glass lid. When using other solvents, it should be confirmed beforehand whether the solvent will dissolve the package and/or the glass lid or not. Ordering Information FillFactory Part Number LUPA-4000-M Disclaimer The LUPA-4000 is only to be used for non-military applications. A strict exclusivity agreement prevents us to sell the LUPA-4000 to customers who intend to use it for military applications. FillFactory image sensors are only warranted to meet the specifications as described in the production data sheet. Specifications are subject to change without notice. Please contact info@FillFactory.com for more information. Cypress Semiconductor Part Number CYIL1SM4000AA-GBC
Document Number: 38-05712 Rev. *B
Page 35 of 38
LUPA-4000
APPENDIX A: LUPA-4000 evaluation system
For evaluating purposes an LUPA-4000 evaluation kit is available. The LUPA-4000 evaluation kit consists of a multifunctional digital board (memory, sequencer and IEEE 1394 Fire Wire interface) and an analog image sensor board. Visual Basic software (under Win 2000 or XP) allows the grabbing and display of images and movies from the sensor. All acquired images and movies can be stored in different file formats (8 or 16-bit). All setting can be adjusted on the fly to evaluate the sensors specs. Default register values can be loaded to start the software in a desired state
Figure 28. Content of the LUPA-4000 evaluation kit
Please contact Fillfactory (info@Fillfactory.com) if you want any more information on the evaluation kit.
Document Number: 38-05712 Rev. *B
Page 36 of 38
LUPA-4000
APPENDIX B: Frequently Asked Questions
Q: How does the dual (multiple) slope extended dynamic range mode works? A: Figure 29. Dual slope diagram
Reset pulse Double slope reset pulse
Read out
Reset level 1
p1
Reset level 2
p2 p3 p4
Saturation level
Double slope reset time (usually 510% of the total integration time)
Total integration time
The green lines are the analog signal on the photodiode, which decrease as a result of exposure. The slope is determined by the amount of light at each pixel (the more light the steeper the slope). When the pixels reach the saturation level the analog signal will not change despite further exposure. As you can see without any double slope pulse pixels p3 and p4 will reach saturation before the sample moment of the analog values, no signal will be acquired without double slope. When double slope is enabled a second reset pulse will be given (blue line) at a certain time before the end of the integration time. This double slope reset pulse resets the analog signal of the pixels BELOW this level to the reset level. After the reset the analog signal starts to decrease with the same slope as before the double slope reset pulse. If the double slope reset pulse is placed at the end of the integration time (90% for instance) the analog signal that would have reach the saturation levels aren't saturated anymore (this increases the optical dynamic range) at read out. It's important to notice that pixel signals above the double slope reset level will not be influenced by this double slope reset pulse (p1 and p2). All products and company names mentioned in this document may be the trademarks of their respective holders.
Document Number: 38-05712 Rev. *B
Page 37 of 38
(c) Cypress Semiconductor Corporation, 2006. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
LUPA-4000
Document History Page
Document Title: LUPA-4000 4M PIXEL CMOS Image Sensor Document Number: 38-05712 REV. ** *A *B ECN. 310396 497132 649219 Issue Date See ECN See ECN See ECN Orig. of Change FPW QGS FPW Initial Cypress Release Converted to Frame file Ordering information update+ title update + package spec label Description of Change
Document Number: 38-05712 Rev. *B
Page 38 of 38


▲Up To Search▲   

 
Price & Availability of LUPA-400007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X