Part Number Hot Search : 
SI7120AD UTT60P03 ADCVREFN ENA1771 1281N 150MC C106D 5MTRF
Product Description
Full Text Search
 

To Download ACT6358NH-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ACT6357/ACT6358
Rev PrB, 30-Aug-07 Advanced Product Information - All Information Subject to Change
High-Efficiency, 40V Step-Up WLED Bias Supplies FEATURES
High-Efficiency DC/DC WLED Bias Supply Internal 40V, 0.55 Power MOSFET Up to 10 WLEDs per String Two Peak Current Options:
ACT6357: 0.5A ACT6358: 1A
GENERAL DESCRIPTION
The ACT6357 and ACT6358 step-up DC/DC converters drive white LEDs with an externally programmable constant current. These devices feature integrated, 40V power MOSFETs that are capable of driving up to ten white LEDs in series, providing inherent current matching for uniform brightness. WLED brightness adjustment is easily achieved via a dual-function pin, which accepts either a PWM or an analog dimming control signal. The ACT6357 and ACT6358 feature a variety of protection circuits, including integrated over voltage protection (OVP), programmable soft-start, cycleby-cycle current limiting, and thermal shutdown protection circuitry. The ACT6357 has 500mA current limit, while the ACT6358 has 1A current limit. Both parts are available in a small 3mm x 3mm 8-pin TDFN33-8.
Supports Analog and PWM LED Dimming Integrated Over-Voltage Protection (OVP) Programmable Soft-Start Function Thermal Shutdown Cycle-by-Cycle Over Current Protection Tiny TDFN33-8 Package
APPLICATIONS
TFT LCD Displays Smart Phones Portable Media Players GPS/Personal Navigation Devices
SIMPLIFIED APPLICATION CIRCUIT
Up to 10 WLEDs
VIN 2.6V to 5.5V
IN
SW
VOUT
Enable Brightness Control
EN BC SS
ACT6357 ACT6358
OV
FB G
Innovative Products. Active Solutions.
-1-
www.active-semi.com Copyright (c) 2007 Active-Semi, Inc.
ACT6357/ACT6358
Rev PrB, 30-Aug-07
ORDERING INFORMATION
PART NUMBER
ACT6357NH-T ACT6358NH-T
CURRENT LIMIT
0.5A 1A
TEMPERATURE RANGE
-40C to 85C -40C to 85C
PACKAGE
TDFN33-8 TDFN33-8
PINS
8 8
PACKAGING
TAPE & REEL TAPE & REEL
PIN CONFIGURATION
G IN EN BC
1 2 3 4
8
SW OV SS FB
ACT6357 ACT6358
7 6 5
TDFN33-8
PIN DESCRIPTIONS
PIN
1 2 3
NAME
G IN EN Ground Supply Input
DESCRIPTION
Enable Control. Drive to a logic high to enable the device. Connect to a logic low to disable the device. EN should not be left floating; connect EN to IN when unused. Brightness Control. Accepts either a PWM or analog control signal to perform LED brightness control. For best results, PWM frequency must be between 100Hz and 10kHz, with high level above 1.7V. Analog control signal must be in the 0 to 1.5V range, providing a LED brightness dynamic range of 10 to 1. Feedback Input. Connect this pin to the cathode of the bottom LED, and a current feedback resistor between this pin and G to set the LED bias current. Soft Start Control Input. Connect a capacitor from this pin to G to program the soft start duration. SS is internally discharged when IC the is disabled. Over Voltage Protection Input. The IC is automatically disabled when the voltage at this pin exceeds 1.21V. Connect OV to the center point of a resistive voltage divider connected across the LED string. Switch Output. Connect this pin to the inductor and the Schottky diode. Exposed Pad. Connect to ground.
4
BC
5 6 7 8 EP
FB SS OV SW EP
Innovative Products. Active Solutions.
-2-
www.active-semi.com Copyright (c) 2007 Active-Semi, Inc.
ACT6357/ACT6358
Rev PrB, 30-Aug-07
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SW to G IN, EN to G FB, OV, BC, SS to G Continuous SW Current Junction to Ambient Thermal Resistance (JA) Maximum Power Dissipation Operating Junction Temperature Storage Temperature Lead Temperature (Soldering, 10 sec)
VALUE
-0.3 to 42 -0.3 to 6 -0.3 to VIN + 0.3 Internally Limited 42.5 1.9 -40 to 150 -55 to 150 300
UNIT
V V V C/W W C C C
: Do not exceed these limits to prevent damage to the device. Exposure to absolute maximum rating conditions for long periods may affect device reliability.
Innovative Products. Active Solutions.
-3-
www.active-semi.com Copyright (c) 2007 Active-Semi, Inc.
ACT6357/ACT6358
Rev PrB, 30-Aug-07
ELECTRICAL CHARACTERISTICS
(VIN = VEN = 3.3V, TA = 25C, unless otherwise specified.)
PARAMETER
Power Switch Voltage Rating Input Voltage Under Voltage Lockout Threshold Under Voltage Lockout Hysteresis Supply Current Supply Current in Shutdown Maximum On Time Maximum On Time Constant (K) Minimum Off Time VBC = 3.3V FB Feedback Voltage VFB/VBC Ratio FB Input Current BC Input Impedance Switch Current Limit Switch On Resistance Switch Leakage Current Over Voltage Protection Threshold OV Input Current EN Logic High Threshold EN Logic Low Threshold EN Input Current Thermal Shutdown Temperature Thermal Shutdown Hysteresis VFB = 1V VIN Rising
TEST CONDITIONS
MIN
2.6 2.1
TYP
MAX
40 5.5
UNIT
V V V mV
2.25 80 0.1 0.25 0.1
2.45 0.25 0.5 10 5.8 450 305 217 114
Not Switching Switching EN = G VIN = 3.3V K = tMAXON x VIN 220 275 197 98 VBC = 1.25V VBC = 0.625V 2.6
mA A s s x V ns mV V/V
4.0 13.2 320 290 207 106 0.16 0 400
200 750 1500 0.9 10 1.31 200 0.4
nA k mA A V nA V V A C C
VBC = 0 to 1.25V ACT6357 ACT6358 VIN = 3.3V VSW = 38V, EN = G VOV Rising VOV = 1.5V 1.4 VEN = 0V or 5V 1.11 320 620
500 1000 0.55 1.21 0
0 160 20
1
Innovative Products. Active Solutions.
-4-
www.active-semi.com Copyright (c) 2007 Active-Semi, Inc.
ACT6357/ACT6358
Rev PrB, 30-Aug-07
FUNCTIONAL BLOCK DIAGRAM
-
Control Scheme
The ACT6357 and ACT6358 use a minimum offtime, current-mode control scheme to achieve excellent performance under high duty-cycle operating conditions. This control scheme initiates a switching cycle only when needed to maintain output voltage regulation, resulting in very high efficiency operation. During each switching cycle, the N-channel power MOSFET turns on, increasing the inductor current. The switching cycle terminates when either the inductor current reaches the current limit (500mA for the ACT6357, 1A for the ACT6358) or when the cycle lasts longer than the maximum on-time of 4s. Once the MOSFET turns off, it remains off for at least the minimum off-time of 320ns, then another switching begins when the error comparator detects that the output is falling out of regulation again.
where tSS is the required soft start duration. In a typical application, use 0.1F to generate 20ms soft start time.
Over Voltage Protection
Both the ACT6357 and ACT6358 include internal over-voltage protection circuitry that monitors the OV pin voltage. Over-voltage protection is critical when one of the LEDs in the LED string fails as an open circuit. When this happens the feedback voltage drops to zero, and the control switches at maximum on time causing the output voltage to keep rising until it exceeds the maximum voltage rating of the power MOSFET. The ACT6357 and ACT6358's over-voltage protection detects this condition and switching ceases if the voltage at the OV pin reaches 1.21V. To set the maximum output voltage, connect a resistor divider from the output node to G, with center tap at OV, and select the two resistors with the following equation:
Soft-Start
The ACT6357 and ACT6358 include a programmable soft-start function, which can be used to optimize an application between start-up time and start-up inrush current. Soft start is achieved by connecting a capacitor CSS between the SS pin and G. The soft start duration can be calculated from the following equation:
V ROV 2 ROV1 OV 1 1.21V
where VOV is the over voltage detection threshold, ROV1 is the resistor between OV and G, and ROV2 is the resistor from the output to the OV pin. As a first estimate, the OV threshold can often be set to 4V times the number of LEDs in the string.
CSS t SS
5 F s
Innovative Products. Active Solutions.
-5-
www.active-semi.com Copyright (c) 2007 Active-Semi, Inc.
ACT6357/ACT6358
Rev PrB, 30-Aug-07
Setting the LED Current
The LED current is programmed by appropriate selection of the feedback resistor RFB connected between FB and G. To set the LED current, choose the resistor according to the equation:
low DC-Resistance (DCR) and be sure to choose an inductor with a saturation current that exceeds the current limit (500mA for the ACT6357 and 1A for the ACT6358).
RCS
V FB I LED
Capacitor Selection
The ACT6357 and ACT6358 only require a tiny 0.47F output capacitor for most applications. For circuits driving 6 or fewer LEDs, a 4.7F input capacitor is generally suitable. For circuits driving more than 6 LEDs, a 10F input capacitor may be required. When choosing a larger inductor which results in CCM operation, stability and ripple can be improved by adding a small feed-forward capacitor from OUT to FB. About 3000pF is a good starting point for most applications, although a larger value can be used to achieve best result in applications with 6 or fewer LEDs Ceramic capacitors are recommended for most applications. For best performance, use X5R and X7R type ceramic capacitors, which possess less degradation in capacitance over voltage and temperature.
where VFB is the FB feedback voltage (typically 207mV at VBC = 1.25V) and ILED is the desired maximum LED current. Once the LED current is selected via RCS, it may be adjusted via the BC pin to provide a simple means of LED dimming. The BC pin supports both analog as well as PWM dimming control.
Analog Dimming Control
To implement analog dimming, apply a voltage between 0.1V to 1.25V to BC. The resulting LED current as a function of VBC is given by:
V I LED 0 .16 BC R FB

BC may be overdriven, but driving VBC higher than 1.7V produces a constant LED current given by:
ILED
290 mV R FB
Diode Selection
The ACT6357 and ACT6358 require a Schottky diode as the rectifier. Select a low forward voltage drop Schottky diode with forward current (IF) rating that exceeds the peak current limit (500mA for the ACT6357 and 1A for the ACT6358) and a peak repetitive reverse voltage (VRRM) rating that exceeds the maximum output voltage, typically set by the OV threshold.
Direct PWM Dimming Control
The ACT6357 and ACT6358 support direct PWM dimming control, allowing LED current to be adjusted via a PWM signal without the need for an external RC network. For PWM dimming, drive BC with a logic-level PWM signal to scale the LED current proportionally with the PWM duty cycle, with resulting LED current given by:
Shutdown
The ACT6357 and ACT6358 feature low-current shutdown modes. In shutdown mode, the control circuitry is disabled and the quiescent supply current drops to less than 1A. To disable the ACT6357 and ACT6358, simply drive EN to a logic low. To enable the ICs, drive EN to a logic high or connect it to the input supply.
V I LED FB R CS
DUTY
For best results, use PWM frequencies in the 100Hz to 10kHz range.
Inductor Selection
The ACT6357 and ACT6358 were designed for operation with inductors in the 4.7H to 47H range, and achieve best results under most operating conditions when using 22H to 33H. Keep in mind that larger-valued inductors generally result in continuous conduction mode operation (CCM) and yield higher efficiency due to lower peak currents, while smaller inductors typically yield a smaller footprint but at the cost of lower efficiency, resulting from higher peak currents (and their associated I2R losses). For best results, choose an inductor with a
Innovative Products. Active Solutions.
Low Input Voltage Applications
In applications that have low input voltage range, such as those powered from 2-3 AA cells, the ACT6357 and ACT6358 may still be used if there is a suitable system supply (such as 3.3V) available to power the controller. In such an application, the inductor may be connected directly to the battery, while the IC power is supplied by the system supply.
-6www.active-semi.com Copyright (c) 2007 Active-Semi, Inc.
ACT6357/ACT6358
Rev PrB, 30-Aug-07
TYPICAL PERFORMANCE CHARACTERISTICS
(VVIN = 3.6V, TA = 25C, unless otherwise specified.)
ACT6357 Efficiency vs. Load Current
100 90 VIN = 3.6V 100 90 ACT6357/ACT6358-001 L = 33H
ACT6357 Efficiency vs. Load Current
ACT6357/ACT6358-002 L = 33H VIN = 5V
Efficiency (%)
80 70 60 50 0 5 10
L = 22H
Efficiency (%)
80 70 60
VIN = 3.6V
VIN = 3.2V
4 LEDs 15 20 25 30
50 0 5 10 15 20 25
4 LEDs 30
Load Current (mA)
Load Current (mA)
ACT6357 Efficiency vs. Load Current
100 90 VIN = 3.6V 100 90 ACT6357/ACT6358-003 L = 33H
ACT6357 Efficiency vs. Load Current
ACT6357/ACT6358-004 L = 33H VIN = 5V
Efficiency (%)
Efficiency (%)
80 70 60
L = 22H
80 70 60
VIN = 3.6V
VIN = 3.2V
6 LEDs 50 0 5 10 15 20 25 30
50 0 5 10 15 20 25
6 LEDs 30
Load Current (mA)
Load Current (mA)
ACT6357 Efficiency vs. Load Current
100 90 VIN = 3.6V L = 33H 100 90 ACT6357/ACT6358-005
ACT6357 Efficiency vs. Load Current
ACT6357/ACT6358-06 L = 33H VIN = 5V
Efficiency (%)
Efficiency (%)
80 70 60
L = 22H
80 70 60
VIN = 3.6V
VIN = 3.2V
8 LEDs 50 0 5 10 15 20 25 30 50 0 5 10 15 20 25
8 LEDs 30
Load Current (mA)
Load Current (mA)
Innovative Products. Active Solutions.
-7-
www.active-semi.com Copyright (c) 2007 Active-Semi, Inc.
ACT6357/ACT6358
Rev PrB, 30-Aug-07
TYPICAL PERFORMANCE CHARACTERISTICS
(VVIN = 3.6V, TA = 25C, unless otherwise specified.)
ACT6358 Efficiency vs. Load Current
100 90 VIN = 3.6V L = 33H 100 90 ACT6357/ACT6358-007
ACT6358 Efficiency vs. Load Current
ACT6357/ACT6358-008 L = 33H VIN = 5V
Efficiency (%)
Efficiency (%)
80 70 60 50 0 5
L = 22H
80 70 60
VIN = 3.6V
VIN = 3.2V
6 LEDs 10 15 20 25 30
50 0 5 10 15 20 25
6 LEDs 30
Load Current (mA)
Load Current (mA)
ACT6358 Efficiency vs. Load Current
100 90 VIN = 3.6V L = 33H 100 90 ACT6357/ACT6358-009
ACT6358 Efficiency vs. Load Current
ACT6357/ACT6358-010 L = 33H VIN = 5V
Efficiency (%)
Efficiency (%)
80 70 60 50 0 5
L = 22H
80 70 60
VIN = 3.6V
VIN = 3.2V
8 LEDs 10 15 20 25 30
50 0 5 10 15 20 25
8 LEDs 30
Load Current (mA)
Load Current (mA)
ACT6358 Efficiency vs. Load Current
100 90 VIN = 3.6V L = 33H 100 90 ACT6357/ACT6358-011
ACT6358 Efficiency vs. Load Current
ACT6357/ACT6358-012 L = 33H VIN = 5V
Efficiency (%)
Efficiency (%)
80 70 60 50 0 5
L = 22H
80 70 60
VIN = 3.6V
VIN = 3.2V
10 LEDs 10 15 20 25 30
50 0 5 10 15 20
10 LEDs 25 30
Load Current (mA)
Load Current (mA)
Innovative Products. Active Solutions.
-8-
www.active-semi.com Copyright (c) 2007 Active-Semi, Inc.
ACT6357/ACT6358
Rev PrB, 30-Aug-07
TYPICAL PERFORMANCE CHARACTERISTICS
(VVIN = 3.6V, TA = 25C, unless otherwise specified.)
LED Current vs. BC Duty Cycle
30 28 24 30 25 ACT6357/ACT6358-013
LED Current vs. BC Voltage
ACT6357/ACT6358-014
ILED (mA)
20 16 12 8 4 0 0 20 1kHz
10kHz
LED Current (mA)
20 15 10 5 0
100Hz
40
60
80
100
0
1
2
3
4
5
5.5
Duty Cycle (%)
BC Voltage (V)
Soft-Start Time vs. Capacitance
600 500 400 300 200 100 0 6 LEDs 4 LEDs ACT6357/ACT6358-015
Soft-Start Time (ms)
10 LEDs
0
0.5
1
1.5
2
2.5
Capacitance (F)
Innovative Products. Active Solutions.
-9-
www.active-semi.com Copyright (c) 2007 Active-Semi, Inc.
ACT6357/ACT6358
Rev PrB, 30-Aug-07
PACKAGE OUTLINE
TDFN33-8 PACKAGE OUTLINE AND DIMENSIONS
D
SYMBOL
A A1
E
DIMENSION IN MILLIMETERS MIN
0.700 0.000 2.850 2.850 2.100 1.350 0.250 0.300 0.200
DIMENSION IN INCHES MIN
0.028 0.000 0.112 0.112 0.083 0.053 0.010 0.012 0.008
MAX
0.800 0.050 3.150 3.150 2.500 1.750 0.350 0.500 ---
MAX
0.031 0.002 0.124 0.124 0.098 0.069 0.014 0.020 ---
A3 D E D2
0.200 REF
0.008 REF
PIN #1 INDEX AREA D/2 x E/2
E2 b e L K
0.650 TYP
0.026 TYP
PIN #1 INDEX AREA D/2 x E/2
D2
E2
K L e b
Active-Semi, Inc. reserves the right to modify the circuitry or specifications without notice. Users should evaluate each product to make sure that it is suitable for their applications. Active-Semi products are not intended or authorized for use as critical components in lifesupport devices or systems. Active-Semi, Inc. does not assume any liability arising out of the use of any product or circuit described in this datasheet, nor does it convey any patent license. Active-Semi and its logo are trademarks of Active-Semi, Inc. For more information on this and other products, contact sales@activesemi.com or visit http://www.active-semi.com. For other inquiries, please send to: 1270 Oakmead Parkway, Suite 310, Sunnyvale, California 94085-4044, USA
Innovative Products. Active Solutions.
- 10 -
www.active-semi.com Copyright (c) 2007 Active-Semi, Inc.


▲Up To Search▲   

 
Price & Availability of ACT6358NH-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X