Part Number Hot Search : 
UPD23C32 TMH0512D AN5295 D3055 44000 Z7500 C2012X7 SL702B
Product Description
Full Text Search
 

To Download SL0810001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET
Part Number: SL08 10001
Ordering Different Lead Types:
Inside Kinked Leads Outside Kinked Leads Use -A after Ametherm's part # Not Available
For example: to order an inside kinked lead use part number SL08 10001-A
D D D T
B
L
S
STRAIGHT LEADS
S
OUTSIDE KINKED LEADS
S
INSIDE KINKED LEADS
C
Electrical Specifications:
Resistance @ 25C Max Steady State Current Up to 65C Max Recommended Energy Rating (Joules) Actual Failure Point of Instantaneous Energy (Joules) Resistance @ 100% of Max Current Resistance @ 50% of Max Current Power Consumption @ Max Current Body Temperature @ 100% Current Rating Dissipation Constant Thermal Time Constant 10.0 20% 1.0 A 8.0 J 17.0 J 0.680 1.20 1.935 Watts 134 C 9.0mW/C 27 Seconds
Mechanical Specifications:
D T Lead Diameter S L Inside Kink B C 8.0 0.3 mm 3.5 0.3 mm 0.5 0.1 mm 6.35 0.5 mm 38.0 9.0 mm See Dimension B 7.5 3.50 mm 2.82 0.5 mm
CSA File #: CA 118061
Revision Date: March 19, 2003
Ametherm, Inc. 3111 N. Deer Run Road #4 Carson City, NV 89701 Telephone: (800) 808-2434 (775) 884-2434 Fax: (775) 884-0670
www.ametherm.com


▲Up To Search▲   

 
Price & Availability of SL0810001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X