Part Number Hot Search : 
PWR1141 HFR30A06 2N720A 15340 UA723CD 42S16800 2SD10 FB2504
Product Description
Full Text Search
 

To Download SII3531 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Brief
SII3531
SteelVineTM Host Controller
PCI Express to Serial ATA Gen II Host Controller
Built on the proven architecture of Silicon Image's industry-leading host controllers, the SII3531 is a single-lane PCI Express to single-port Serial ATA (SATA) II host controller that offers best in class SATA price/performance and is both flexible and robust enough for today's demanding storage applications.
Applications
* PC Motherboards * ExpressCard Applications * Server Motherboards * Embedded Applications
The x1 PCI Express interface integrates with the latest motherboard architectures and provides a cost effective way for manufacturers to differentiate their motherboards with an eSATA port. The SII3531 supports all Serial ATA II features, including 3.0 Gbps SATA II transfer speeds, native command queuing, port multipliers with FIS-based switching, programmable output signal swing strengths for longer external cables or extended backplanes, hot plugging, enclosure management and ATAPI device support. The SII3531 supports soft RAID 0, 1, 5 and 10 when connected to port multiplier such as the SiI3726. Users familiar with the SiI3124 or SiI3132 will recognize the SII3531 common driver structure.
End-users will appreciate the SII3531 Windows and Linux drivers for both RAID and nonRAID operations. The SII3531 leverages much of the circuit innovation at the physical layer of Silicon Image's proprietary reduced overhead Multi-layer Serial Link (MSLTM) architecture, pioneered and proven through its PanelLink products and extended to the SATALink and Fibre Channel SerDes storage products. MSL technology is a multilayer approach to providing cost-effective, multi-gigabit semiconductor solutions on a single chip for high-bandwidth applications.
Key Features
* Latest Generation SATA II (3 Gb/s) * Small 48-pin QFN package * Port Multiplier Support with FIS based switching * Software RAID 0, 1, 5, 10 support
SII3531 System Diagrams
South Bridge or Media Controller Hub
PCI Express X1 2.5 Gps
SII3531 PCI Express to Single Port SATA II Host Controller
Serial ATA II 3.0 Gbps
HDD 0
South Bridge or Media Controller Hub
PCI Express X1 2.5 Gps
SII3531 PCI Express to Single Port SATA II Host Controller
HDD 1 Serial ATA II 3.0 Gbps SiI3726 Multiplier HDD 5
SII3531
Evaluation Board
The PB3531-1ESATA300 Evaluation Board is a reference board that allows OEMs and system integrators to quickly bridge from PCI Express to external Serial ATA and evaluate the performance of the SiI 3531. Contents include: Hardware * SII3531 reference design board Documentation * Base Operating System Drivers: 2000/XP, Linux * SiI 3531 Reference Board Schematics * SiI 3531 Data Sheet * Serial ATA PCB Design Guide
Features
PCI Express Features
* Supports one-lane, 2.5 Gbps PCI Express * Compliant with PCI Express 1.0a specification * Supports hot plug for ExpressCard applications * All registers appear in unified memory space * All registers accessible through I/O space * Full-chip command completion status accessible with single PCI Express access
Serial ATA Features
* Independent command fetch, scatter/gather and command execution - Hard-coded state machines for streamlined command execution - Supports native command queuing and tagged command queuing - Supports first-party DMA - Supports port multipliers with FIS-based switching under hardware control * Spread spectrum support
General Features
* Integrated Serial ATA transport, link and PHY logic * Compliant with Serial ATA 1.0a specification with support for SATA II optional features * Supports 2nd-generation Serial ATA II transfer rate of 3.0 Gbps * Plesiochronous, single PLL architecture, with one PLL * Signal output amplitude control for external SATA * 31 commands and scatter/gather tables * Protocol override per command * Independent link, transport and data FIFO
* Host Protocol - Optimized for transaction-oriented designs; minimal host overhead - Supports two command issuance mechanisms * Efficient in both embedded and PC implementations * Reduces dependency on bridge behavior
Power
* 1.8V PHY/ core and 3.3V I/Os Package * 48-pin QFN with EPAD * 7x7 mm (0.4mm lead pitch)
SII3531 Block Diagram
SiI 3531
PCI Express Core
PCI Express
PCI Express RxLink
Port Logic 0
PCI Express Serdes PCI Express TxLink
PCI Express Application Interface
SATA PLL
XTAL
PCI Express PLL
Configuration & Global Registers
Interrupt Logic
XTAL
SATA
Silicon Image, Inc.
Test Control
1060 E. Arques Avenue Sunnyvale, CA 94085 T 408.616.4000 F 408.830.9530 www.siliconimage.com
Test Pins
(c) 2006 Silicon Image, Inc. All rights reserved. Silicon Image, the Silicon Image logo, SteelVine, the SteelVine logo, SiI and SII3531are trademarks or registered trademarks of Silicon Image, Inc. in the United States and other countries. Other trademarks are property of their respective holders. Product specifications are subject to change without notice. Part Number: SII3531CNU SiI PB-59 rev1 8/06


▲Up To Search▲   

 
Price & Availability of SII3531

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X