Part Number Hot Search : 
PAL16R4 KSD261R C15006 M35500B 7808P 74AHC1 TKM20A 1N5406
Product Description
Full Text Search
 

To Download JZC-36FCS10DC5V025 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Presente / Presents:
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Quebec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com
NHG RELAYS
JZC-36F
R
C
US
R158859
24.5 10.5 25.0
Patent NO.:200420081938.2
Features
Heavy load, suitable for heavy power reverse. Small size, suitable for high-density mounting.. Suitable for remote control TV set, copy machine, sales machine and air conditioner etc.
Ordering Information
JZC-36F C
1 2
S
3
10
4
DC12V 0.25
5 6
4 Contact current:10A 5 Coil rated voltage(V):DC:5,6,9,12,18,24,48 6 Coil power consumption:0.25:0.25W;0.53:0.53W
1 Part number JZC-36F 2 Contact arrangement A:1A C:1C 3 Enclosure S:Sealed type Z:Dust cover
Contact Data
Contact Arrangement Contact Material AgCdO Contact Rating (resistive) Max. Switching Power Max. Switching Voltage Contact Resistance or Voltage drop Operational Electrical Life Mechanical 1A (SPSTNO) 1C (SPDT(B-M)) AgSnO2 10A/250VAC,30VDC TV-5 330W 2500VA 30VDC 277VAC 100m 105 10 7
Max. Switching Current:10A Item 3.12 of IEC255-7 Item 3.30 of IEC255-7 Item 3.31 of IEC255-7
Coil Parameter
Coil voltage VDC Coil resistance 10% Pick up voltage VDC (max) (75% of rated voltage ) Release voltage VDC (min) (5% of rated voltage) Coil power consumption W Operate Time ms Release Time ms
Dash numbers
Rated 005-250 006-250 009-250 012-250 018-250 024-250 048-250 005-530 006-530 009-530 012-530 018-530 024-530 048-530 5 6 9 12 18 24 48 5 6 9 12 18 24 48
Max 6.5 7.8 11.7 15.6 23.4 31.2 62.4 6.5 7.8 11.7 15.6 23.4 31.2 62.4 100 145 325 575 1300 2310 9210 47 68 155 270 620 1080 4400
3.75 4.50 6.75 9.00 13.5 18.0 36.0 3.75 4.50 6.75 9.00 13.5 18.0 36.0
0.25 0.30 0.45 0.60 0.90 1.2 2.4 0.25 0.30 0.45 0.60 0.90 1.2 2.4
0.25
15
5
0.53
15
5
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
JZC-36F
Operation condition
Insulation Resistance Dielectric Strength Between contacts Between contact and coil Shock resistance Vibration resistance Terminals strength Solderability Ambient Temperature Relative Humidity Mass 1000M min (at 500VDC) Item 7 of IEC255-5 Item 6 of IEC255-5 Item 6 of IEC255-5 Item 8 of IEC255-5 IEC68-2-27 Test Ea IEC68-2-6 Test Fc IEC68-2-21 Test Ua1 IEC68-2-20 Test Ta method 1 IEC68-2-3Test Ca
50Hz 1000V 50Hz 3000V 4000V Surge Voltage 10kV Functional 200m/s2 11ms Survival 1000m/s2 11ms 10~55Hz amplitude 1.5mm 10N 235 2 3 0.5s -40~70 35%~85% (at 40 ) 12g
Qualification inspection:
Perform the qualification test as specified in the table of IEC255-19-1 and minimum sample size 24. UL & CUR 10A/250VAC,30VDC;TV-5
Safety approvals
Safety approval Load
Dimensions
24.5max. 1max. 10.5max. 0.413max.
3.5 0.138 16.5
mm /inch
0.650
25max. 0.984max.
7. 5 0.295
4- 1.3 0.051
4 0.3 0.157 0.012
1A
16.5 0.650
0.5 0.020
7. 5 0.295
2 0.079 0.8 0.031
5- 1.3 0.051
3.5 0.138
0.5 0.020
0.5 0.020
3.5 0.138
Dimensions
1C
Mounting (Bottom view)
1A
1C
Wiring diagram (Bottom view)
NOTES 1).Dimensions are in millimeters. 2).Inch equivalents are given for general information only.
Reference Data
Tolerance:
0.1/ 0.004
Ningbo Huaguan Relay Corporation LTD.


▲Up To Search▲   

 
Price & Availability of JZC-36FCS10DC5V025

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X