Part Number Hot Search : 
L064A KSH117 MC9S0 SI975005 KBL10 A2500 PA0173NL PST9014
Product Description
Full Text Search
 

To Download AKD438004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ASAHI KASEI
[AKD4380]
AKD4380
Evaluation board Rev.A for AK4380
GENERAL DESCRIPTION The AKD4380 is an evaluation board for AK4380, which is 96kHz sampling 24BitDAC. AKD4380 has the interface with AKM's wave generator using ROM data and with AKM's A/D converter evaluation boards. Therefore, it is easy to evaluate the AK4380. The AKD4380 also has the digital audio interface and can achieve the interface with digital audio systems via opt-connector or RCA connector. Ordering guide
AKD4380 --Evaluation board for AK4380
FUNCTION * Compatible with 2 types of interface -Direct interface with AKM's A/D converter evaluation boards (539X,535X) ,and direct interface with a signal generator (AKD43XX) - On-board CS8414 as DIR which accepts optical or RCA input. * BNC connector for an external clock input by 10 pin Hearder.
Optical Input 10pin Header
CS8414 (DIR) Lch AK4380
ROM Data or A/D input
Rch
External Clock Clock Generator
Figure 1. AKD4380 Block Diagram
-1-
'04/09
ASAHI KASEI
[AKD4380]
Analog output Analog signal is output through BNC connectors on the board. And the output level of AK4380 is 3.45Vpp. Operation sequence
1) Set up the power supply lines. [VA] (red) = 4.5 5.5V [VD] (red) = 4.5 5.5V [AGND] (black) = 0V [DGND] (black) = 0V Each supply line should be distributed from the power supply unit. 2) Set up the evaluation mode, jumper pins and DIP switches. (See the followings.) 3) Power on. The AK4380 should be reset once bringing upon power-up
Evaluation mode Applicable evaluation modes 1) DIR (Optical Link and RCA) (default) 2) Using ROM data (AK43XX) 3) Using AKM's evaluation board for ADC 4) Feeding all signals from external 1) DIR(Optical Link) PORT3(TORX176) or J3(RCA) is used. All clock are supplied from CS8414(DIR). DIR generates MCLK, BICK, LRCK and SDATA from the received data through optical connector (TORX176) or RCA connector. Used for the evaluation using CD test disk. Nothing should be connected to PORT2. In case of using optical connector (TORX176), select "OPT" on JP14(DIR/RX). In case of using RCA connector, select "RX".
JP3 BICK JP4 LRCK JP9 SDTI JP10 DIR_DATA JP11 DIR JP12 MCLK JP13 XTE
ADC
DIR
ADC
DIR
GND
DATA
VD
GND EXT XTL DIR
2) Ideal sine wave generated by ROM data Connect the AKD43XX with PORT2(ADC/ROM). AKD4380 sends MCLK to AKD43XX, and receives LRCK, BICK and SDATA. In case of using external master clock through a BNC connector, select "BNC" on JP12(MCLK) and short JP13(XTE).
JP3 BICK JP4 LRCK JP9 SDTI JP10 DIR_DATA JP11 DIR JP12 MCLK JP13 XTE
ADC
DIR
ADC
DIR
GND
DATA
VD
GND XTL DIR EXT
-2-
'04/09
ASAHI KASEI
[AKD4380]
3) Using AKM's evaluation board for ADC To evaluate AK4380 with analog input, the AKM's evaluation board for ADC can be used. MCLK, BICK and LRCK are supplied from clock generator on the AKD4380, and analog signal is A/D converted and send to AKD4380 through PORT2(ADC/ROM). In case of using external master clock through a BNC connector, select "BNC" on JP12(MCLK) and short JP13(XTE).
JP3 BICK JP4 LRCK JP9 SDTI JP10 DIR_DATA JP11 DIR JP12 MCLK JP13 XTE
ADC
DIR
ADC
DIR
GND
DATA
VD
GND XTL DIR EXT JP13 XTE EXT
4) Feeding all signals from external Under the following set-up, all external signals can be fed through POTR2.
JP3 BICK JP4 LRCK JP9 SDTI JP10 DIR_DATA JP11 DIR JP12 MCLK
ADC
DIR
ADC
DIR
GND
DATA
VD
GND XTL DIR
Clock (MCLK,BICK,LRCK) set up In case of using evaluation mode 1), JP9,10 and 17 should be set up as follows. They need no care for other evaluation mode. MCLK 128fs 256fs JP5 (X_MCLK) 256/128 256/128 JP8 (X_LRCK) LR_128 BICK JP7 (X_BICK) 64fs/32fs 128fs/64fs 32fs 64fs/32fs 128fs/64fs 32fs 64fs/32fs 128fs/64fs
512fs
512
32fs 64fs LR_256/512 32fs 64fs 128fs LR_256/512 32fs 64fs 128fs Table 1. Clock set up
default
-3-
'04/09
ASAHI KASEI
[AKD4380]
DIP switch set up [SW4](MODE1): No.1 to 2 set the mode of AK4380 and No.3 to 5 set the mode of CS8414.
No. 1 2 3 4 5 Pin DFS0 DIF0 M2 M1 M0 OFF ON Normal speed Double speed 24bit, MSB justified I2S Digital interface format of CS8414 (See table 4.) (Note)
Table 2. SW3 set-up (Note: M2-0 should be selected at only evaluation mode 1. In other mode, these should be "OFF".) 3 4 5 6 7 8 DIF DIF DIF M2 M1 M0 0 1 2 16bit, LSB justified 0 0 0 1 0 1 20bit, LSB justified 1 0 0 24bit, MSB justified 0 1 0 0 0 0 I2S 1 1 0 0 1 0 24bit, LSB justified 0 0 1 Table 3. Digital interface format set-up (1=ON, 0=OFF) (CS8414 does not correspond to 20/24bit LSB justified format.) Format JP6 BICK2 THR INV THR -
Mode 0 1 2 3 4
default
Other jumper pins set up
[JP1] (GND): Analog ground and digital ground open: separated short: AGND and DGND are connected. [JP2] (DZF) Mute circuit ON: Used . Analog output are muted when DZF="H". OFF: Not used. [JP6] (BICK_ PHASE): Phase of BCLK THR: BICK is coincides with AK4380. INV: BICK is inverted.
The function of the toggle SW. [SW1](PDN): Resets the AK4380. Keep "H" during normal operation. [SW2](SMUTE): Soft mute of AK4380. Bring "H" when using soft mute. [SW3](P/S): H: parallel mode. L: serial mode. Indication for LED [LED1] (VERF): Monitor VERF pin of the CS8414. LED turns on when some error has occurred to CS8414. [LED2]: (PREM): Indicate whether the input data of CS8414 is pre-emphasized or not. Serial control mode
10 PORT1 up-I/F 9 CSN CCLK CDTI
The AK4380 can be controlled via the printer port (parallel port) of IBM-AT compatible PC. Connect PORT1(up-I/F) with PC by 10-line flat cable packed with the AKD4380. Take care of the direction of connector. There is a mark at 1pin. The pin layout of PORT1 is as Figure 2.
2
1
Figure 2. PORT1 pin layout
-4-
'04/09
ASAHI KASEI
[AKD4380]
MEASUREMENT RESULTS
[Measurement condition] * Measurement unit * MCLK * BICK * fs * BW * Bit * Power Supply * Interface * Temperature Parameter S/(N+D) DR S/N
: Audio Precision System Two Cascade : 256fs : 64fs : 44.1kHz, 96kHz : 10Hz20kHz (fs=44.1kHz), 10Hz40kHz (fs=96kHz) : 24bit : VDD=5V : DIR (fs=44.1kHz, 96kHz) : Room Measurement filter 20kLPF 22kLPF 22kLPF, A-weighted 22kLPF 22kLPF, A-weighted Measurement filter 40kLPF 40kLPF 22kLPF, A-weighted 40kLPF 22kLPF, A-weighted fs=44.1kHz 94.0dB 97.2dB 100.0dB 97.2dB 100.0dB fs=96kHz 92.3dB 94.5dB 97.2dB 94.5dB 97.2dB
Input signal 1kHz, 0dB 1kHz, -60dB no signal
Parameter S/(N+D) DR S/N
Input signal 1kHz, 0dB 1kHz, -60dB no signal
-5-
'04/09
ASAHI KASEI
[AKD4380]
(fs=44.1kHz)
AKM
+0 -10 -20 -30 -40 -50 -60 d B r A -70 -80 -90 -100 -110 -120 -130 -140 -150 -160 20
AK4380 Rev.A FFT (Input=0dBFS, fin=1kHz)
50
100
200
500 Hz
1k
2k
5k
10k
20k
AKM
+0 -10 -20 -30 -40 -50 -60 d B r A -70 -80 -90 -100 -110 -120 -130 -140 -150 -160 20
AK4380 Rev.A FFT (Input=-60dBFS, fin=1kHz)
50
100
200
500 Hz
1k
2k
5k
10k
20k
-6-
'04/09
ASAHI KASEI
[AKD4380]
(fs=44.1kHz)
AKM
+0 -10 -20 -30 -40 -50 -60 d B r A -70 -80 -90 -100 -110 -120 -130 -140 -150 -160 20
AK4380 R ev.A FFT (Input="0"data, fin=1kHz)
50
100
200
500 Hz
1k
2k
5k
10k
20k
AK4380 Rev.A FFT(Input="0" data, HiBW)
+0 -10 -20 -30 -40 -50 -60 d B r A -70 -80 -90 -100 -110 -120 -130 -140 -150 -160 20
50
100
200
500
1k Hz
2k
5k
10k
20k
50k
100k
-7-
'04/09
ASAHI KASEI
[AKD4380]
(fs=44.1kHz)
AKM
-70 -72 -74 -76 -78 -80 -82 -84 -86 d B r A -88 -90 -92 -94 -96 -98 -100 -102 -104 -106 -108 -110 -150 -140 -130 -120 -110 -100 -90 -80 dB FS -70 -60 -50 -40 -30 -20 -10 +0
AK4380 Rev.A THD + N vs Am plitude (fin=1kHz)
AKM
-70 -72 -74 -76 -78 -80 -82 -84 -86 d B r A -88 -90 -92 -94 -96 -98 -100 -102 -104 -106 -108 -110 20 50 100
AK4380 R ev.A THD + N vs Input Frequency (fin=1kHz)
200
500 Hz
1k
2k
5k
10k
20k
-8-
'04/09
ASAHI KASEI
[AKD4380]
AKM
+0 -10 -20 -30 -40 -50 -60 d B r A -90 -100 -110 -120 -130 -140 -150 -150 -70 -80
AK4380 R ev.A Linearity
-140
-130
-120
-110
-100
-90
-80 dB FS
-70
-60
-50
-40
-30
-20
-10
+0
AKM
+0.5 + 0.45 +0.4 + 0.35 +0.3 + 0.25 +0.2 + 0.15 +0.1 d B r A + 0.05 +0 -0.05 -0.1 -0.15 -0.2 -0.25 -0.3 -0.35 -0.4 -0.45 -0.5 2k 4k 6k
AK4380 Rev.A Frequency R esponse
8k
10k Hz
12k
14k
16k
18k
20k
-9-
'04/09
ASAHI KASEI
[AKD4380]
(fs=44.1kHz)
AKM
-70 -72.5 -75 -77.5 -80 -82.5 -85 -87.5 -90 d B r A -92.5 -95 -97.5 -100 -102.5 -105 -107.5 -110 -112.5 -115 -117.5 -120 40 50 100 200 500 1k Hz 2k 5k 10k 20k 40k
AK4380 Rev.A Crosstalk
- 10 -
'04/09
ASAHI KASEI
[AKD4380]
(fs=96kHz)
AKM
+0 -10 -20 -30 -40 -50 -60 d B r A -70 -80 -90 -100 -110 -120 -130 -140 -150 -160 40
AK4380 Rev.A FFT (Input=0dBFS,fin=1kHz)
50
100
200
500
1k Hz
2k
5k
10k
20k
40k
AKM
+0 -10 -20 -30 -40 -50 -60 d B r A -70 -80 -90 -100 -110 -120 -130 -140 -150 -160 40
AK4380 R ev.A FFT (Input=-60dBFS,fin=1kHz)
50
100
200
500
1k Hz
2k
5k
10k
20k
40k
- 11 -
'04/09
ASAHI KASEI
[AKD4380]
(fs=96kHz)
AKM
+0 -10 -20 -30 -40 -50 -60 d B r A -70 -80 -90 -100 -110 -120 -130 -140 -150 -160 40
AK4380 Rev.A FFT (Input="0"data,fin=1kHz)
50
100
200
500
1k Hz
2k
5k
10k
20k
40k
- 12 -
'04/09
ASAHI KASEI
[AKD4380]
(fs=96kHz)
AKM
-70 -72 -74 -76 -78 -80 -82 -84 -86 d B r A -88 -90 -92 -94 -96 -98 -100 -102 -104 -106 -108 -110 -150 -140 -130 -120 -110 -100 -90 -80 dB FS -70 -60 -50 -40 -30 -20 -10 +0
AK4380 R ev.A THD + N vs Am plitude(fin=1kHz)
AKM
-70 -72 -74 -76 -78 -80 -82 -84 -86 d B r A -88 -90 -92 -94 -96 -98 -100 -102 -104 -106 -108 -110 40 50 100
AK4380 R ev.A THD + N vs Input Frequency(Input=0dBFS)
200
500
1k Hz
2k
5k
10k
20k
40k
- 13 -
'04/09
ASAHI KASEI
[AKD4380]
(fs=96kHz)
AKM
+0 -10 -20 -30 -40 -50 -60 d B r A -90 -100 -110 -120 -130 -140 -150 -150 -70 -80
AK4380 Linearity
-140
-130
-120
-110
-100
-90
-80 dB FS
-70
-60
-50
-40
-30
-20
-10
+0
AKM
+0.5 + 0.45 +0.4 + 0.35 +0.3 + 0.25 +0.2 + 0.15 +0.1 d B r A + 0.05 +0 -0.05 -0.1 -0.15 -0.2 -0.25 -0.3 -0.35 -0.4 -0.45 -0.5 2.5k 5k 7.5k 10k 12.5k
AK4380 Rev.A Frequency R esponse
15k
17.5k
20k Hz
22.5k
25k
27.5k
30k
32.5k
35k
37.5k
40k
- 14 -
'04/09
ASAHI KASEI
[AKD4380]
AKM
-70 -72.5 -75 -77.5 -80 -82.5 -85 -87.5 -90 d B r A -92.5 -95 -97.5 -100 -102.5 -105 -107.5 -110 -112.5 -115 -117.5 -120 40 50 100 200 500
AK4380 Rev.A Crosstalk
1k Hz
2k
5k
10k
20k
40k
- 15 -
'04/09
5
4
3
2
1
VD
JP1 GND Digital Ground + C5 47u Analog Ground
C1 0.1u
C2 0.1u
C3 0.1u
C4 0.1u
for 74HCU04,74AC74 , 74HC14, 74HC4040
D D
2
L1 (short)
VA 1 1 + C6 47u
L2 10u
2
VA2
+
DZF R3 R5 R6 R7 R8 (short) (short) (short) (short) (short)
+
VD D1 R4 10k 1 H C13
C
U1 1 2 3 4 5 6 7 8 MCLK DZF BICK VREF SDTI VDD LRCK VSS PDN VCOM CSN/SMUTE AOUTL CCLK/DFS AOUTR CDTI/DIF0 P/S AK4380 16 15 14 13 12 11 10 9
C9 10u C10 0.1u
C8 10u C11 0.1u
+
C25 10u R1 220 AOUTL R2 27k
U3A
2
3
U3B
4
MCLK BICK SDTI LRCK
74HC14
74HC14
2 3 4 5 6 7 8 9 1 19
U2 A1 A2 A3 A4 A5 A6 A7 A8
Y1 Y2 Y3 Y4 Y5 Y6 Y7 Y8
18 17 16 15 14 13 12 11
C12 10u +
R9 220 AOUTR R10 27k
C
SW1 PDN
0.1u
G1 G2 74HC541
VD SW3 SMUTE PORT1 9 CSN 7 CCLK 5 CDTI 3 1 uP-I/F P/S R14 51 R15 51 R16 51 R11 2.2k R12 2.2k R13 2.2k 2 3 5 6 11 10 14 13 1 15 U4 1A 1B 2A 2B 3A 3B 4A 4B 5 1Y 2Y 3Y 4Y 4 7 9 12 9 74HC14 U3D 8 P/S P U3C 6 P/S S
VD
10 8 6 4 2
74HC14
A/B G 74HC157
B
B
VD
M0 M1 M2 VD SW4 RP1 10 9 8 7 6 5 4 3 2 1 47K D2 R17 10k 13 H L C14 0.1u
DIR_VD
DFS DIF0 M0 M1 M2
1 2 3 4 5
U3F 12 74HC14
11
U3E
10
SMUTE
74HC14
MODE
SW2 SMUTE
A
A
Title Size Document Number
AKD4380
AK4380
1
of
Rev
A3
Date:
5 4 3 2
A
2
Monday, September 27, 1999 Sheet
1
5
4
3
2
1
1
1 TR1 RN1202 (10k,10k) 3 2
DZF
ON
JP2 DZF 3
OFF
D
VA2 TR2 RN2202 (10k,10k) R18 10k AOUTL 1 3 2
D
2
TR3 J1 2SC3327 AOUTL
R19 10k
3 1 AOUTR
2 TR4 J2 2SC3327 AOUTR
JP3 LRCK
C
X_LRCK DIR_LRCK
ADC DIR JP4 BICK LRCK MCLK 256/128 1 THR JP6 BICK_PHASE 2 BICK ADC DIR
C
X_BICK DIR_BICK
512
U5 JP5 X_MCLK 10 11 Q1 Q2 RST Q3 Q4 Q5 Q6 Q7 Q8 Q9 Q10 Q11 Q12 74HC4040 CLK
1 MCLK BICK LRCK SDATA AD/ROM 1 2 3 4 5 PORT2 10 9 8 7 6
U6A
2
INV 3 VD 1 GND JP9 SDTI VD U7A 2 3 JP10 DIR_DATA 1 D 4 SDTI
74HCU04
2
3 DATA
ADC/ROM VD R20 10k
B
PR
U7B 12 11 D
PR
CLK CL Q6 74AC74
10
Q
5
JP7 9 128fs/64fs 7 64fs/32fs 6 32fs 5 3 X_BICK 2 4 LR_128 13 LR_256/512 12 14 15 JP8 1 X_LRCK
X_BICK
X_LRCK
Q
9
CLK CL Q8 74AC74 4
B
13
3 GND VD R21 1k 1 L4 47u 6 5 PORT3 6 GND VCC GND 5 OUT TORX176 4 3 2 1 2
JP11 DIR
VD 1 VD 1 LED1 2 VERF
U6B 3 74HCU04
R22 1k 1 L3 10u 2
U6C 6 5 2 X1 1 74HCU04 JP12 MCLK DIR BNC XTL C15 10u U6D 8 9 10 C19 (open) 74HCU04
2
11.2896MHz R23 1M U6E 11 74HCU04 JP13 XTE C20 (open)
1
DIR_VD
LED2 C16 0.1u PREM 1 OPT + C17 10u 2 R24 1k C21 0.01u C22 0.1u C23 0.01u DIR_LRCK DIR_BICK
U8 1 2 3 4 5 6 7 8 9 10 11 12 13 14 C VREF Cd/F1 Ce/F2 Cc/F0 SDATA Cb/E2 ERF Ca/E1 M1 C0/E0 M0 VD+ VA+ DGND AGND RXP FILT RXN MCK FSYNC M2 SCK M3 CS12/FCK SEL U CBL CS8414 28 27 26 25 24 23 22 21 20 19 18 17 16 15 + M1 M0
C18 0.1u
A
3 RX
J3 RCA R26 75
JP14 DIR/RX
2
M2
R25 1k
C24 47n 12
U6F 13 74HCU04
J4 BNC
A
R27 51
Title Size Document Number
AKD4380
Interface
Sheet
1
Rev
A3
Date:
5 4 3 2
A
2
of
Thursday, October 14, 1999
2
IMPORTANT NOTICE * These products and their specifications are subject to change without notice. Before considering any use or application, consult the Asahi Kasei Microsystems Co., Ltd. (AKM) sales office or authorized distributor concerning their current status. * AKM assumes no liability for infringement of any patent, intellectual property, or other right in the application or use of any information contained herein. * Any export of these products, or devices or systems containing them, may require an export license or other official approval under the law and regulations of the country of export pertaining to customs and tariffs, currency exchange, or strategic materials. * AKM products are neither intended nor authorized for use as critical components in any safety, life support, or other hazard related device or system, and AKM assumes no responsibility relating to any such use, except with the express written consent of the Representative Director of AKM. As used here: (a) A hazard related device or system is one designed or intended for life support or maintenance of safety or for applications in medicine, aerospace, nuclear energy, or other fields, in which its failure to function or perform may reasonably be expected to result in loss of life or in significant injury or damage to person or property. (b) A critical component is one whose failure to function or perform may reasonably be expected to result, whether directly or indirectly, in the loss of the safety or effectiveness of the device or system containing it, and which must therefore meet very high standards of performance and reliability. * It is the responsibility of the buyer or distributor of an AKM product who distributes, disposes of, or otherwise places the product with a third party to notify that party in advance of the above content and conditions, and the buyer or distributor agrees to assume any and all responsibility and liability for and hold AKM harmless from any and all claims arising from the use of said product in the absence of such notification.


▲Up To Search▲   

 
Price & Availability of AKD438004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X