Part Number Hot Search : 
25LC080 1T368A BFT44 F1215 ECCM1 PS104C 4071B T3004
Product Description
Full Text Search
 

To Download UVR1V220MDD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
VR
Miniature Sized
series
VZ
High Temperature
One rank smaller case sizes than VX series. Adapted to the RoHS directive (2002/95/EC).
VR
Smaller
VK
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Performance Characteristics
- 40 ~ +85C (6.3V ~ 400V), - 25 ~ +85C (450V) 6.3 ~ 450V 0.1 ~ 33000F 20% at 120Hz, 20C
Rated voltage (V)
Leakage Current
6.3 ~ 100V After 1 minute's application of rated voltage, leakage current is not more than 0.03CV or 4 (A), whichever is greater.
After 2 minutes' application of rated voltage, leakage current is not more than 0.01CV or 3 (A), whichever is greater.
160 ~ 450V After 1 minute's application of rated voltage, < 1000 :1 = 0.1CV+40A or less CV =
After 1 minute's application of rated voltage, CV > 1000 :1 = 0.04CV+100 (A) or less
Measurement frequency : 120Hz, Temperature : 20C
tan
For capacitance of more than 1000F, add 0.02 for every increase of 1000F. Rated voltage (V) 6.3 10 16 25 35 tan (MAX.) 0.28 0.24 0.20 0.16 0.14 Rated voltage (V) Impedance ratio Z- 25C / Z+20C ZT / Z20 (MAX.) Z- 40C / Z+20C
50 0.12 50 2 3 63 2 3
63 0.10 100 2 3
100 0.08
160 ~ 315 350 ~ 450 0.20 0.25 400 6 10 450 15
Measurement frequency : 120Hz
Stability at Low Temperature
6.3 5 12
10 4 10
16 3 8
25 2 5
35 2 4
160 ~ 200 250 ~ 350 3 4 4 8
Endurance
After 2000 hours' application of rated voltage at 85C,capacitors meet the characteristic requirements listed at right.
Capacitance change tan Leakage current
Within 20% of initial value 200% or less of initial specified value Initial specified value or less
Shelf Life Marking
After storing the capacitors under no load at 85C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. Printed with white color letter on black sleeve.
Radial Lead Type
Sleeve (P.E.T.) d
Type numbering system (Example : 10V 330F)
1 2 3 4 5 6 7 8 9 10 11 12
UVR 1 A 3 3 1 MED
MAX
Configuration
P 0.5
D+
Capacitance tolerance (20%) Rated Capacitance (330F) Rated voltage (10V)
Pressure relief vent
(6.3up) L+
MAX
Series name
15MIN 4MIN
Type
(mm)
Configuration D 4 5 6.3 8 * 10 12.5 ~ 18 20 ~ 25
Pb-free leadwire Pb-free PET sleeve
D P d
4 1.5 0.45 0.5
5 2.0 0.5 0.5
6.3 2.5 0.5 0.5
8 3.5 0.6 0.5
10 5.0 0.6 0.5
12.5 5.0 0.6 0.5
16 7.5 0.8 0.5
18 7.5 0.8 0.5
20 10.0 1.0 0.5
22 10.0 1.0 1.0
25 12.5 1.0 1.0
DD6 DD ED PD HD RD
(L 20) 1.5 (L 20) 2.0
* Please refer to page 21 about the end seal configulation.
Please refer to page 21, 22, 23 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity.
Dimension table in next page.
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
VR
Cap.(F)
series
Dimensions
V Code
6.3 0J
10 1A
16 1C
25 1E
35 1V
50 1H
63 1J
100 2A
0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 2200 3300 4700 6800 10000 15000 22000 33000
0R1 R22 R33 R47 010 2R2 3R3 4R7 100 220 330 470 101 221 331 471 102 222 332 472 682 103 153 223 333
5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 10 x 20 10 x 20 12.5 x 20 12.5 x 25 16 x 25
65 80 95 135 200 270 320 540 1000 1190 1550 1920 2350
5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 6.3 x 11 6.3 x 11 10 x 12.5 10 x 20 12.5 x 20 12.5 x 25 16 x 25
65 85 100 145 240 290 350 650 1100 1450 1800 2250
5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 8 x 11.5 8 x 11.5 10 x 16 12.5 x 20 12.5 x 25 16 x 25
50 75 90 110 160 260 370 440 790 1300 1700 2100
5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 12.5 10 x 20 12.5 x 25 16 x 25
35 55 80 95 115 190 330 440 550 960 1550 1980
5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 10 x 12.5 10 x 12.5 10 x 16 12.5 x 20 16 x 25
40 60 90 105 130 210 385 490 650 1150 1800
5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 16 12.5 x 20 12.5 x 25
1.3 2.9 4.3 6.2 17 28 35 40 60 95 125 155 260 430 590 760 1350
5 x 11 5 x 11 6.3 x 11 6.3 x 11 10 x 12.5 10 x 16 10 x 20 12.5 x 20 16 x 25
65 100 140 170 300 490 710 900 1300
16 x 35.5 2100 18 x 35.5 22 x 30 20 x 40 25 x 30 22 x 50 25 x 40 25 x 50 2500 2450 2900 2900 3500 3300 4000
18 x 35.5 2300 20x40 25x 30 22 x 50 25 x 40 25 x 50 2700 2600 3400 3200 3900
5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 20 12.5 x 25 12.5 x 25 16 x 25 18 x 40 22 x 50 25 x 40 25 x 50
2.1 4.7 7 10 21 30 40 45 75 130 180 230 370 620 760 1000 1380 2400 2400 2900
16 x 35.5 2280 18 x 35.5 20 x 31 20 x 40 25 x 30 22 x 50 25 x 40 25 x 50 2700 3000 2900 3700 3600 4300
16 x 31.5 2450 18 x 35.5 20 x 31 20 x 40 25 x 30 22 x 50 25 x 40 25 x 50 2900 2700 3000 2900 3800 3600 4500
16 x 35.5 2650 18 x 35.5 20 x 31 20 x 40 25 x 30 22 x 50 25 x 40 25 x 50 2950 3000 3400 3300 4200 4000 4800
16 x 35.5 2700 18 x 35.5 3100 20 x 40 25 x 30 22 x 50 25 x 40
200 2D
16 x 35.5 2850 18 x 40 22 x 30 22 x 50 25 x 40
160 2C
3350 3200 3900 3800
3700 3300 4500 4800
Case size Rated D x L (mm) ripple
Cap.(F)
V Code
250 2E
315 2F
350 2V
400 2G
450 2W
0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000
R47 010 2R2 3R3 4R7 100 220 330 470 101 221 331 471 102
6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 8 x 11.5 10 x 16 10 x 20 12.5 x 20 12.5 x 25
15 22 33 40 50 80 155 205 270 430
6.3 x 11 6.3 x 11 6.3 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 20 12.5 x 20 12.5 x 20
15 22 33 40 55 95 170 230 270
6.3 x 11 6.3 x 11 6.3 x 11 8 x 11.5 8 x 11.5 10 x 16 12.5 x 20 12.5 x 20 12.5 x 25
15 22 33 46 55 105 190 230 300
6.3 x 11 8 x 11.5 10 x 12.5 10 x 12.5 10 x 20 12.5 x 20 16 x 25 16 x 25
22 33 55 65 115 190 275 340
6.3 x 11 8 x 11.5 10 x 12.5 10 x 12.5 10 x 20 12.5 x 25 16 x 25
22 38 55 65 115 200 275
8 x 11.5 10 x 12.5 10 x 12.5 10 x 16 12.5 x 20 16 x 25 16 x 31.5
25 45 55 70 130 240 300
16 x 35.5 380 18 x 40 22 x 30 22 x 50 25 x 40 590 570 850 890
16 x 35.5 370 20 x 40 25 x 30 25 x 50 550 530 750
8 x 11.5 10 x 12.5 10 x 16 10 x 20 12.5 x 20 16 x 25 16 x 35.5 18 x 40 22 x 30 22 x 40
23 35 45 55 90 165 230 300 290 350
16 x 31.5 530 18 x 35.5 810 20 x 40 25 x 30 22 x 50 25 x 40 1130 1090 1490 1550
16 x 31.5 520 20 x 40 22 x 30 22 x 50 25 x 30 25 x 50 740 820 1170 970 1600
18 x 35.5 560 22 x 50 25 x 30 25 x 50 850 770 1250
16 x 35.5 800 18 x 40 22 x 30 22 x 40 25 x 30 25 x 50 940 900 1410 1290 1900
Case size Rated D x L (mm) ripple
Rated Ripple (mArms) at 85C 120Hz
Size 4x11 is available for capacitors marked " " In this case, 6 will be put at 12th digit of type numbering system " "
Frequency coefficient of rated ripple current
V
Cap.(F)
Frequency
6.3 ~ 100
160 ~ 450
~ 47000 100 ~ 47000 1000 ~ 33000 0.47 ~ 22000 330 ~ 10000
50Hz 0.75 0.80 0.85 0.80 0.90
120Hz 1.00 1.00 1.00 1.00 1.00
300Hz 1.35 1.23 1.10 1.25 1.10
1 kHz 1.57 1.34 1.13 1.40 1.13
10kHz ~ 2.00 1.50 1.15 1.60 1.15
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UVR1V220MDD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X