Part Number Hot Search : 
CHIPS SF50DG 10A07 CHIPS BC337 M67201A BLF546 BUV19
Product Description
Full Text Search
 

To Download NUP5150MU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NUP5150MU 5-Line Transient Voltage Suppressor Array
This 5-line transient voltage suppressor array is designed for applications requiring transient voltage protection capability. It is intended for use in over-transient voltage and ESD sensitive equipment such as cell phones, portables, computers, printers and other applications. This device features a monolithic common anode design which protects five independent lines in a single UDFN package. This device is ideal for situations where board space is at a premium.
Features http://onsemi.com
UDFN6 5-LINE TRANSIENT VOLTAGE SUPPRESSOR
PIN ASSIGNMENT
1 2 3 PIN 1. 2. 3. 4. 5. 6. 6 5 4 CATHODE ANODE CATHODE CATHODE CATHODE CATHODE
* * * *
Protects up to 5 Lines in a Single UDFN Package ESD Rating of Class 3B (Exceeding 8 kV) per Human Body Model Compliance with IEC 61000-4-2 This is a Pb-Free Device
Applications
* Hand Held Portable Applications * Serial and Parallel Ports * Notebooks, Desktops, Servers
MAXIMUM RATINGS (TJ = 25C, unless otherwise specified)
Symbol TJ TSTG TL ESD Rating Operating Junction Temperature Range Storage Temperature Range Lead Solder Temperature - Maximum (10 seconds) Human Body Model (HBM) IEC 61000-4-2 Contact (ESD) Value -40 to 125 -55 to 150 260 16000 8000 Unit C C C V 1 5 M G
MARKING DIAGRAM
UDFN6 CASE 517AA 5M G
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
= Specific Device Code = Month Code = Pb-Free Package
*Specific Device Code orientation may vary depending upon manufacturing location.
ORDERING INFORMATION
Device NUP5150MUTBG Package Shipping
UDFN6 3000/Tape & Reel (Pb-Free)
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specification Brochure, BRD8011/D.
(c) Semiconductor Components Industries, LLC, 2007
1
September, 2007 - Rev. 0
Publication Order Number: NUP5150/D
NUP5150MU
ELECTRICAL CHARACTERISTICS (TJ = 25C, unless otherwise specified)
Parameter Reverse Working Voltage Breakdown Voltage Reverse Leakage Current Capacitance (Note 1) IT = 1 mA, (Note 2) VRWM = 3 V VR = 0 V, f = 1 MHz (Line to GND) Conditions Symbol VRWM VBR IR CJ 6.2 12 Min Typ 6.8 Max 5.0 7.2 0.1 15 Unit V V mA pF
1. TVS devices are normally selected according to the working peak reverse voltage (VRWM), which should be equal or greater than the DC or continuous peak operating voltage level. 2. VBR is measured at pulse test current IT.
http://onsemi.com
2
NUP5150MU
14 TYPICAL CAPACITANCE (pF) 1 MHz FREQUENCY 12 10 8 6 4 2 0 0 1 2 3 4 5 6 BIAS VOLTAGE (V) 1.0E-12 1 TA = 25C 100E-9 TA = 25 C REVERSE CURRENT (A) 10E-9 TJ = 125 C 1.0E-9
100E-12
TJ = 25 C
10E-12 TJ = -40C
2
3
4
5
6
REVERSE VOLTAGE (V)
Figure 1. Capacitance
Figure 2. Typical Reverse Current vs. Reverse Voltage
1.0 TA = 25 C FORWARD CURRENT (A) TJ = 125 C 0.1
TJ = 25 C 0.01
TJ = -40C 0.001 0.6 0.8 1.0 1.2 1.4 1.6 FORWARD VOLTAGE (V) 1.8 2.0
Figure 3. Typical Forward Current vs. Forward Voltage
http://onsemi.com
3
NUP5150MU
PACKAGE DIMENSIONS
UDFN6, 1.2x1.0, 0.4P CASE 517AA-01 ISSUE B
D A B
NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. 2. CONTROLLING DIMENSION: MILLIMETERS. 3. DIMENSION b APPLIES TO PLATED TERMINAL AND IS MEASURED BETWEEN 0.25 AND 0.30 mm FROM TERMINAL. 4. COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS. MILLIMETERS MIN MAX 0.45 0.55 0.00 0.05 0.127 REF 0.15 0.25 1.20 BSC 1.00 BSC 0.40 BSC 0.30 0.40 0.40 0.50
PIN ONE REFERENCE 2X
0.10 C
2X
0.10 C 0.10 C
10X
0.08 C
L2 0.40 PITCH e BOTTOM VIEW
6X
b 0.10 C A B 0.05 C
NOTE 3 6 4
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
EEE EEE EEE
1
E
TOP VIEW
(A3) A SIDE VIEW A1
5X 3 SEATING PLANE
DIM A A1 A3 b D E e L L2
MOUNTING FOOTPRINT*
6X
C L
0.42
6X
0.22
1.07
DIMENSIONS: MILLIMETERS
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
4
NUP5150/D


▲Up To Search▲   

 
Price & Availability of NUP5150MU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X