Part Number Hot Search : 
AO442 FR204 BCX5610 FR204 SA5901 LT8714 S3V39 21000
Product Description
Full Text Search
 

To Download 5KP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet
5.0V to 110V GPP TRANSIENT VOLTAGE SUPPRESSORS
TVS Device Load Uni-Polar TVS Device Load
Description
Mechanical Dimensions
JEDEC R6
.340 .360 .340 .360 1.00 Min.
5KP Series
.050 typ.
Bi-Polar
Features
n 5000 WATT PEAK POWER PROTECTION n EXCELLENT CLAMPING CAPABILITY n FAST RESPONSE TIME n TYPICAL IR < 1A ABOVE 10V n GLASS PASSIVATED CHIP CONSTRUCTION n MEETS UL SPECIFICATION 94V-0
5KP Series Maximum Ratings Peak Power Dissipation...PPK TP = 1ms (Note 5) Steady State Power Dissipation...PD @ TL = 75C ......................................... 5000 ..........................................
Units
Watts
.............................................
5
...............................................
Watts
Non-Repetitive Peak Forward Surge Current...IFSM ............................................. 400 ............................................... @ Rated Load Conditions, 8.3 ms, 1/2 Sine Wave, Single Phase (Note 3) Weight...G RM Soldering Requirements (Time & Temp)...S T @ 250C Operating & Storage Temperature Range...TJ, TSTRG NOTES: 1. 2. 3. 4. 5. ............................................. 2.10 ............................................... ......................................... 10 Sec.
Amps
Grams
.......................................... Min. to Solder C
......................................... -55 to 175 ..........................................
For Bi-Directional Applications, Use C or CA. Electrical Characteristics Apply in Both Directions. Mounted on 20mm2 Copper Pads. 8.3 ms, 1/2 Sine Wave, Single Phase Duty Cycle, @ 4 Pulses Per Minute Maximum. VBR Measured After IT Applies for 300 s. I T = Square Wave Pulse or Equivalent. Non-Repetitive Current Pulse. Per Fig. 3 and Derated Above TA = 25C Per Fig. 2.
Page 11-18
Data Sheet
5.0V to 110V GPP TRANSIENT VOLTAGE SUPPRESSORS
Fig. 4 Typical Junction Capacitance Junction Capacitance (pF)
Peak Pulse Power (kW)
Non-Repetitive Pulse Waveform shown Fig. 3 TA = 25oC
Measured @ Zero Bias
Measured @ Standoff VR
Pulse Width Fig. 2 Pulse Derating Curve Steady State Power (W)
Breakdown Voltage (V) Fig. 5 Steady State Power Derating
Peak Pulse Percentage
20 x 20 x 1mm Cu
Ambient Temperature (C) Fig. 3 Pulse Waveform
tr = 10s
Lead Temperature (C)
Peak Forward Surge Current (A)
Fig. 6 Maximum Non-Repetitive Surge Current
8.3ms Single Half Sine Wave JEDEC Method
Peak Pulse Current
100
Peak Value I PPM
50
Pulse Width is defined as that point where the Peak Current decays to 50% of IPPM
Ratings at 25 Deg. C ambient temperature unless otherwise specified. Single Phase Half Wave, 60 Hz Resistive or Inductive Load.
0
1.0
2.0 Time (ms)
3.0
4.0
Number of Cycles @ 60 Hz
For Capacitive Load, Derate Current by 20%.
Page 11-19
5KP Series
Fig. 1 Pulse Rating Curve
Data Sheet
5.0V to 110V GPP TRANSIENT VOLTAGE SUPPRESSORS
Working Peak Reverse Voltage VRWM (V) Maximum Reverse Leakage @ VRWM IR (A) Peak Pulse Current IPPM (A) (Note 2) Maximum Clamping Voltage @ IPPM VC (V) Maximum Temperature Coefficient of VBR % / C
5KP Series
DEVICE
Breakdown Voltage VBR Volts (Note 1) Min. Max. 6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.00 10.00 11.10 11.10 12.20 12.20 13.30 13.30 14.40 14.40 15.60 15.60 16.70 16.70 17.80 17.80 18.90 18.90 20.00 20.00 22.20 22.20 24.40 24.40 26.70 26.70 28.90 28.90 7.30 7.00 8.15 7.37 8.82 7.98 9.51 8.60 10.20 9.21 10.90 9.83 11.50 10.40 12.20 11.10 13.60 12.30 14.90 13.50 16.30 14.70 17.60 15.90 19.10 17.20 20.40 18.50 21.80 19.70 23.10 20.90 24.40 22.10 27.10 24.50 29.80 26.90 32.60 29.50 35.30 31.90 @ IT (mA) 50.00 50.00 50.00 50.00 50.00 50.00 50.00 50.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00
5KP5.0 5KP5.0A 5KP6.0 5KP6.0A 5KP6.5 5KP6.5A 5KP7.0 5KP7.0A 5KP7.5 5KP7.5A 5KP8.0 5KP8.0A 5KP8.5 5KP8.5A 5KP9.0 5KP9.0A 5KP10 5KP10A 5KP11 5KP11A 5KP12 5KP12A 5KP13 5KP13A 5KP14 5KP14A 5KP15 5KP15A 5KP16 5KP16A 5KP17 5KP17A 5KP18 5KP18A 5KP20 5KP20A 5KP22 5KP22A 5KP24 5KP24A 5KP26 5KP26A
5.00 5.00 6.00 6.00 6.50 6.50 7.00 7.00 7.50 7.50 8.00 8.00 8.50 8.50 9.00 9.00 10.00 10.00 11.00 11.00 12.00 12.00 13.00 13.00 14.00 14.00 15.00 15.00 16.00 16.00 17.00 17.00 18.00 18.00 20.00 20.00 22.00 22.00 24.00 24.00 26.00 26.00
2000 2000 5000 5000 2000 2000 1000 1000 250 250 150 150 50.00 50.00 20.00 20.00 15.00 15.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00
520 543 439 485 407 447 378 417 350 388 333 367 314 347 295 325 266 294 249 274 227 251 210 232 194 215 188 206 176 192 164 181 155 172 139 154 127 141 116 128 107 119
9.60 9.20 11.40 10.30 12.30 11.20 13.30 12.00 14.30 12.90 15.00 13.60 15.90 14.40 16.90 15.40 18.80 17.00 20.10 18.20 22.00 19.90 23.80 21.50 25.80 23.20 26.90 24.40 28.80 26.00 30.50 27.60 32.20 29.20 35.80 32.40 39.40 35.50 43.00 38.90 46.60 42.10
0.057 0.057 0.061 0.061 0.065 0.065 0.068 0.068 0.073 0.073 0.075 0.075 0.078 0.078 0.061 0.061 0.084 0.084 0.086 0.086 0.088 0.088 0.090 0.090 0.092 0.092 0.094 0.094 0.096 0.096 0.097 0.097 0.098 0.098 0.099 0.099 0.100 0.100 0.101 0.101 0.101 0.101
Page 11-20
Data Sheet
5.0V to 110V GPP TRANSIENT VOLTAGE SUPPRESSORS
Working Peak Reverse Voltage VRWM (V) 28.00 28.00 30.00 30.00 33.00 33.00 36.00 36.00 40.00 40.00 43.00 43.00 45.00 45.00 48.00 48.00 51.00 51.00 54.00 54.00 58.00 58.00 60.00 60.00 64.00 64.00 70.00 70.00 75.00 75.00 78.00 78.00 85.00 85.00 90.00 90.00 100.00 100.00 110.00 110.00 Maximum Reverse Leakage @ VRWM IR (A) 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 10.00 Peak Pulse Current IPPM (A) (Note 2) 99 110 93 103 86 94 78 86 70 78 65 72 62 69 58 65 55 61 52 57 49 53 47 52 44 49 40 44 37 41 36 40 33 36 31 34 28 31 26 28 Maximum Clamping Voltage @ I PPM VC (V) 50.10 45.40 53.50 48.40 59.00 53.30 64.30 58.10 71.40 64.50 76.70 69.40 80.30 72.70 85.50 77.40 91.10 82.40 96.30 87.10 103.00 93.60 107.00 96.80 114.00 103.00 125.00 113.00 134.00 121.00 139.00 126.00 151.00 137.00 160.00 146.00 179.00 162.00 196.00 177.00 Maximum Temperature Coefficient of VBR % / C 0.102 0.102 0.103 0.103 0.104 0.104 0.105 0.105 0.105 0.105 0.106 0.106 0.106 0.106 0.107 0.107 0.107 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.110 0.110 0.110 0.110 0.110 0.112 0.112
DEVICE
Breakdown Voltage VBR Volts (Note 1) Min. Max. 31.10 31.10 33.30 33.30 36.70 36.70 40.00 40.00 44.40 44.40 47.80 47.80 50.00 50.00 53.30 53.30 56.70 56.70 60.00 60.00 64.40 64.40 66.70 66.70 71.10 71.10 77.80 77.80 83.30 83.30 86.70 86.70 94.40 94.40 100.00 100.00 111.00 111.00 122.00 122.00 38.00 34.40 40.70 36.80 44.90 40.60 48.90 44.20 54.30 49.10 58.40 52.80 61.10 55.30 65.10 58.90 69.30 62.70 73.30 66.30 78.70 71.20 81.50 73.70 86.90 78.60 95.10 86.00 102.00 92.10 106.00 95.80 115.00 104.00 122.00 111.00 136.00 123.00 149.00 135.00 @ IT (mA) 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00 5.00
5KP28 5KP28A 5KP30 5KP30A 5KP33 5KP33A 5KP36 5KP36A 5KP40 5KP40A 5KP43 5KP43A 5KP45 5KP45A 5KP48 5KP48A 5KP51 5KP51A 5KP54 5KP54A 5KP58 5KP58A 5KP60 5KP60A 5KP64 5KP64A 5KP70 5KP70A 5KP75 5KP75A 5KP78 5KP78A 5KP85 5KP85A 5KP90 5KP90A 5KP100 5KP100A 5KP110 5KP110A
Page 11-21
5KP Series


▲Up To Search▲   

 
Price & Availability of 5KP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X