Part Number Hot Search : 
SDM0565R M38021E1 025AF SB200 ZM4736 MEGA64 ATMEGA 2SC1317
Product Description
Full Text Search
 

To Download 1N5255B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5221B - 1N5263B
0.5W Hermetically Sealed Glass Zener Diodes
Pb
RoHS
COMPLIANCE
DO-35
Features
Zener voltage range 2.4 to 56 volts DO-35 package (JEDEC) Through-hole device type mounting Hemetically sealed glass Compression bonded construction All extermal surface are corrosion resistant and leads are readily solderable RoHS compliant Solder hot dip Tin(Sn) lead finish Cathode indicated by polarity band
Dimensions is inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25oCambient temperature unless otherwise specified.
Type Number Power Dissipation Forward Voltage @ IF=200mA Operating and Storage Temperature Range
Symbol Pd VF TJ, TSTG
Value 500 1.1 -65 to + 200
Units mW V O C
Version: A07
RATINGS AND CHARACTERISTIC CURVES (1N5221B THRU 1N5263B)
RthJA - Therm. Resist. Junction Ambient (K/W)
VZtn - Relative Voltage Change
500 400 300 l 200 100 TL = constant 0 0 5 10 15 20
95 9611
1.3
VZtn = VZt/VZ (25 C)
1.2 1.1 1.0 0.9 0.8 - 60
95 9599
TKVZ = 10 x 10-4/K 8 x 10-4/K 6 x 10-4/K 4 x 10-4/K 2 x 10-4/K
l
0
- 2 x 10-4/K - 4 x 10-4/K
0
60
120
180
240
I - Lead Length (mm)
Tj - Junction Temperature (C)
Figure 1. Thermal Resistance vs. Lead Length
Figure 3. Typical Change of Working Voltage vs. Junction Temperature
Ptot - Total Power Dissipation (mW)
1000 VZ - Voltage Change (mV)
600 500 400 300 200 100 0 0
Tj = 25 C
100
IZ = 5 mA
10
1 0
95 9598
5
10
15
20
25
95 9602
40
80
120
160
200
VZ - Z-Voltage (V)
Tamb - Ambient Temperature (C)
Figure 2. Typical Change of Working Voltage under Operating Conditions at Tamb = 25 C
Figure 4. Total Power Dissipation vs. Ambient Temperature
Version: A07
RATINGS AND CHARACTERISTIC CURVES (1N5221B THRU 1N5263B)
TKVZ - Temperature Coefficient of VZ (10-4/K)
15
100 80
Ptot = 500 mW Tamb = 25 C
10
IZ - Z-Current (mA)
60 40 20 0
5
IZ = 5 mA
0
-5 0
95 9600
10
20 40 30 VZ - Z-Voltage (V)
50
0
95 9604
4
6
8
12
20
VZ - Z-Voltage (V)
Figure 5. Temperature Coefficient of Vz vs. Z-Voltage
Figure 8. Z-Current vs. Z-Voltage
200 CD - Diode Capacitance (pF)
50 40 30 20 10 0 15
95 9607
150
VR = 2 V Tj = 25 C
100
50
0 0
95 9601
IZ - Z-Current (mA)
Ptot = 500 mW Tamb = 25 C
5
10
15
20
25
20
25
30
35
VZ - Z-Voltage (V)
VZ - Z-Voltage (V)
Figure 6. Diode Capacitance vs. Z-Voltage
Figure 9. Z-Current vs. Z-Voltage
10
Tj = 25 C
rZ - Differiential Z-Resistance ()
100 IF - Forward Current (mA)
1000
IZ = 1 mA
100
5 mA
1
0.1 0.01 0.001 0 0.2 0.4 0.6 0.8 1.0
10 10 mA
1
Tj = 25 C
0
95 9606
5
10
15
20
25
95 9605
VF - Forward Voltage (V)
VZ - Z-Voltage (V)
Figure 7. Forward Current vs. Forward Voltage
Figure 10. Differential Z-Resistance vs. Z-Voltage
Version: A07
RATINGS AND CHARACTERISTIC CURVES (1N5221B THRU 1N5263B)
Z thp -Thermal Resistance for Pulse Cond. (KW)
1000
tp/T = 0.5 100 tp/T = 0.2 Single Pulse 10 tp/T = 0.1 tp/T = 0.02 i ZM = (-VZ+(V Z2+4rzj x T/Zthp)1/2)/(2rzj) 100 101 tp - Pulse Length (ms) tp/T = 0.05 1 10-1 tp/T = 0.01 RthJA = 300 K/W T = Tjmax-Tamb
102
95 9603
Figure 11. Thermal Response
Version: A07
ELECTRICAL CHARACTERISTICS (Ratings at TA=25oC ambient temperature unless otherwise specified).
Device Vz @ Izt Voltage Nominal 2.4 2.5 2.7 2.8 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 47 51 56 Current IZT (mA) 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 9.0 8.5 7.8 7.4 7.0 6.6 6.2 5.6 5.2 5.0 4.6 4.5 4.2 3.8 3.4 3.2 3.0 2.7 2.5 2.2 ZZT @ IZT
Max.
ZZK @IZK=0.25mA
Max.
IR @ V R
uA
1N5221B 1N5222B 1N5223B 1N5224B 1N5225B 1N5226B 1N5227B 1N5228B 1N5229B 1N5230B 1N5231B 1N5232B 1N5233B 1N5234B 1N5235B 1N5236B 1N5237B 1N5238B 1N5239B 1N5240B 1N5241B 1N5242B 1N5243B 1N5244B 1N5245B 1N5246B 1N5247B 1N5248B 1N5249B 1N5250B 1N5251B 1N5252B 1N5253B 1N5254B 1N5255B 1N5256B 1N5257B 1N5258B 1N5259B 1N5260B 1N5261B 1N5262B 1N5263B Notes:
30 30 30 30 29 28 24 23 22 19 17 11 7 7 5 6 8 8 10 17 22 30 13 15 16 17 19 21 23 25 29 33 35 41 44 49 58 70 80 93 105 125 150
1200 1250 1300 1400 1600 1600 1700 1900 2000 1900 1600 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 900 1000 1100 1300
Max. 100 100 75 75 50.0 25.0 15.0 10.0 5.0 5.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0 2.0 1.0 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
VR (Volts) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 3.0 3.5 4.0 5.0 6.0 6.5 6.5 7.0 8 8.4 9 10 10 11 12 13 14 14 15 17 18 19 21 21 23 25 27 30 33 36 39 43
1. The type numbers listed have zener voltage as whown and have a standard tolerance on the nominal zener voltage of 5%. Device of 2% is indicated by a "C" instead of a "B". 2. Nominal zener voltages between the voltages shown and tighter voltage, for detalied information on price, availability and delivery. 3. The zener voltage(VZ) is tested under pulse condition. The measured VZ is guaranteed to be within specification with device junction in thermal equilibrium. 4. Zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an RMS value equal to 10% of the dc zener current (I ZT) is superimposed to I ZT.
Version: A07


▲Up To Search▲   

 
Price & Availability of 1N5255B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X