Part Number Hot Search : 
AP560 DDZX9705 MN5206 MN5206 HZ4BLL AP560 MN5206 MMBZ5256
Product Description
Full Text Search
 

To Download 1N4734A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
SILICON GLASS PASSIVATED 1.0 WATT ZENER DIODES
1N4728A to 1N4762A 3.3V to 82V DO-41 Glass Axial Package
FEATURES
These Zeners are best suited for General Purpose Industrial, Entertainment, Military & Space Applications. The Glass Passivated Chips are Hermetically Sealed with Double Studs, Providing Excellent Stability and Reliability. ABSOLUTE MAXIMUM RATINGS DESCRIPTION Power Dissipation @ Ta=50C Derate above 50C Operating and Storage Temperature
SYMBOL PD Tstg
VALUE 1 6.67 - 65 to+200
UNIT W mW/C C
ELECTRICAL CHARACTERISTICS (Ta=25C VF <1.2V @ 200mA ) VZT ** @ IZT rzt ** IZT rZK @ IZK Device Nominal (V) 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 MAX () 10 10 9.0 9.0 8.0 7.0 5.0 2.0 3.5 4.0 4.5 5.0 7.0 8.0 9.0 10 14 16 20 22 23 25 35 40 45 (mA) 76.0 69.0 64.0 58.0 53.0 49.0 45.0 41.0 37.0 34.0 31.0 28.0 25.0 23.0 21.0 19.0 17.0 15.5 14.0 12.5 11.5 10.5 9.5 8.5 7.5 MAX () 400 400 400 400 500 550 600 700 700 700 700 700 700 700 700 700 700 700 750 750 750 750 750 1000 1000 (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
1N4728A 1N4729A 1N4730A 1N4731A 1N4732A 1N4733A 1N4734A 1N4735A 1N4736A 1N4737A 1N4738A 1N4739A 1N4740A 1N4741A 1N4742A 1N4743A 1N4744A 1N4745A 1N4746A 1N4747A 1N4748A 1N4749A 1N4750A 1N4751A 1N4752A
Temp . Coeff of Zener Voltage typ. %/ C -0.06 -0.06 -0.05 -0.03 -0.01 0.01 0.03 0.04 0.05 0.05 0.06 0.06 0.07 0.07 0.07 0.07 0.08 0.08 0.08 0.08 0.08 0.08 0.09 0.09 0.09
IR Max (A) 100 100 50 10 10 10 10 10 10 10 10 10 10 5 5 5 5 5 5 5 5 5 5 5 5
VR
IZM Max
IZSM * Max (mA) 1380 1260 1190 1070 970 890 810 730 660 605 550 500 454 414 380 344 304 285 250 225 205 190 170 150 135
(V) 1.0 1.0 1.0 1.0 1.0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 7.6 8.4 9.1 9.9 11.4 12.2 13.7 15.2 16.7 18.2 20.6 22.8 25.1
(mA) 276 252 234 217 193 178 162 146 133 121 110 100 91 83 76 69 61 57 50 45 41 38 34 30 27
SILICON GLASS PASSIVATED 1.0 WATT ZENER DIODES
1N4728A to 1N4762A 3.3V to 82V DO-41 Glass Axial Package
ELECTRICAL CHARACTERISTICS (Ta=25C VF <1.2V @ 200mA ) IZT rZK @ IZK VZT ** @ IZT rzt ** Device Nominal (V) 36 39 43 47 51 56 62 68 75 82 MAX () 50 60 70 80 95 110 125 150 175 200 (mA) 7.0 6.5 6.0 5.5 5.0 4.5 4.0 3.7 3.3 3.0 MAX () 1000 1000 1500 1500 1500 2000 2000 2000 2000 3000 (mA) 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
1N4753A 1N4754A 1N4755A 1N4756A 1N4757A 1N4758A 1N4759A 1N4760A 1N4761A 1N4762A
Temp . Coeff of Zener Voltage typ. %/ C 0.09 0.09 0.09 0.09 0.09 0.09 0.09 0.09 0.09 0.09
IR Max (A) 5 5 5 5 5 5 5 5 5 5
VR
IZM Max
IZSM * Max (mA) 125 115 110 95 90 80 70 65 60 55
(V) 27.4 29.7 32.7 35.8 38.8 42.6 47.1 51.7 56.0 62.2
(mA) 25 23 22 19 18 16 14 13 12 11
Tolerance on Nominal VZ (1N4728A to1N4762A) A Suffix +/- 5% , No Suffix +/-10% ** Pulse Condition : 20ms tp<50ms, Duty Cycle<2% * Rectangle wave form ( tp=10ms)
1N4728A to 1N4762A 3.3V to 82V DO-41 Glass Axial Package DO-41 Glass Axial Package
A
B
A
DIM A
MIN 27.90 4.06 0.71 2.03
MAX -- 5.51 0.87 2.72
C
B NOTES 1. Cathode is marked by Band. 2. All dimensions are in mm. C D D
DO-41, 52mm Taping Specification
1.05 MAX.
1.5 R MAX.
5.50 4.50
52 mm Taping Specification 1. T & A indicates Axil Tape & Ammo packing (52 mm Tape Spacing). 2. 300 mm (min) leader tape on every spool. 3. No. of empty places allowed 0.25% without consecutive empty places. 4. Ends of leads shall preferably not protrude beyond the tapes. 5. Components shall be held sufficiently in the tape or tapes so that they can not come free in normal handling.
LEADER
6.0 1. 0 52 2 .0 .0
CENTRE LINE 1.05
6.0 5.0
54.00 50.00
52.0 11 DIODES 48.0 All dimensions in mm.
ED FE
6.0 1. 0
TAPES
85.0 mm
LABEL
m .0 m 255
73. 5
mm
DO-41:- 2500 pcs./Ammo Pack DIODE AMMO PACK
On request also available in 26 mm Tape and Ammo Pack
Packing Detail
PACKAGE DO-41 T&A STANDARD PACK Details Net Weight/Qty INNER CARTON BOX Size Qty 2.5K Size OUTER CARTON BOX Qty Gr Wt 62.5K 30 kgs 2.5K/ammo box 1.04 kg/2.5K pcs 10" x 3.5" x 3.5" 12.7" x 12.7" x 20"


▲Up To Search▲   

 
Price & Availability of 1N4734A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X