Part Number Hot Search : 
DSH126C 74LVC1G0 DS4432U 2SK1195 GC10DH 30CPF10 00201 SK310
Product Description
Full Text Search
 

To Download XPAD1-100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Low Leakage Pico Amp Diodes
CORPORATION
PAD1 / PAD2 / PAD5 / PAD10 / PAD20 / PAD50
FEATURES DESCRIPTION Calogic's series of Pico Amp Diodes are an excellent choice for protection devices where ultra low leakage is critical and must be at a minimal measurement. These devices have a wide operating voltage range and are low capacitance for high speed switching requirements. Housed in a hermetic TO-18 package the product line is also available in chip form for hybrid uses. ORDERING INFORMATION Part Package Temperature Range -55oC to +150oC -55oC to +150oC PAD1-100 Hermetic TO-18 XPAD1-100 Sorted Chips in Carriers
* Low Leakage . . . . . . . . . . . . . . . . . . . . . . . . . 1 pA (PAD1) * High .Breakdown.Range V min - 120 V max (PAD1, 2, 5) . . . . . . . . . . . . . . . . . -45
. . . . 0.8 pf 2, 5) * Low. Capacitance. .. .. .. .. .. .. .. .. .. .. . 2.0. pf. (PAD10, (PAD1, 100) ... .......... 20, 50, . . . . . . . . . . . . . . . . . . . . . . -35V min (PAD10, 20, 50, 100)
* High Impedance Protection Devices * Fast Diode Switching * Clipping Circuits
APPLICATIONS
PIN CONFIGURATION
ANODE
CASE (CLIPPED) CATHODE BOTTOM VIEW
5007 SCHEMATIC DIAGRAM
ANODE
CATHODE
A
C
PAD1 / PAD2 / PAD5 / PAD10 / PAD20 / PAD50
CORPORATION
ABSOLUTE MAXIMUM RATINGS (25oC) Forward Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA Total Device Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300 mW Storage Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC Lead Temperature (1/16" from case for 10 seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300oC
ELECTRICAL CHARACTERISTICS (25oC unless otherwise noted)
SYMBOL STATIC -1 -2 -5 IR Reverse Current -10 -20 -50 -100 BVR VF DYNAMIC CR Capacitance 0.8 2 pF VR = -5 V, f = 1 MHz PAD1, 2, 5 PAD10, 20, 50, 100 Breakdown Voltage (Reverse) Forward Voltage Drop -45 -35 0.8 1.5 -120 V IR = -1A PAD10, 20, 50, 100 IF = 5 mA PAD1, 2, 5, 10, 20, 50, 100 pA VR = -20 V PAD1 PAD2 PAD5 PAD10 PAD20 PAD50 PAD100 PAD1, 2, 5 CHARACTERISTICS MIN TYP MAX UNIT TEST CONDITIONS
IR < 1 pA
PAD10 _ D1 D3 +15V D2 D4 -15V 1 +
+V
-V PAD1
+
PAD1 J110 e in CONTROL SIGNAL
J210 VOUT C
APPLICATION Operational Amplifier Protection. Input Differential Voltage limited to 0.8 V (typ) by PADS D1 and D2 Common mode input voltage limited by PADS D3 and D4 to 15 V. Typical sample and hold circuit with clipping. PAD diodes reduce offset voltages fed capacitively from the FET switch gate.


▲Up To Search▲   

 
Price & Availability of XPAD1-100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X