Part Number Hot Search : 
CTRL922 MAZ3027 P6KE2 AD834AQ SP13TR 0DDA6 3EZ15D5 3026B
Product Description
Full Text Search
 

To Download WT1206ML450L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 V ARISTORS
Transient Multilayer Ceramic Transient This product is not recommended Voltage Suppressor for new designs. Please refer to Low Capacity
Littelfuse series MLA.
TVS 1206 SMD
Specifications
Packaging Material
Tape and Reel T 7 inch reel (3.000 pcs.) Body: Terminals: Ceramic (ZnO) Ni/Sn plated (code "P") Ag/Pt/Pd non plated (code "N" on request)
Features
Thin layer, high precise techniques Lead free Bi-directional clamping Standard and low capacity Available with Nickel/Tin end termination
Temperature Operating Temperature
-55 to +125C
Solderability
Applications
Dimensions (mm)
acc. to IEC 60068-2-58 235C, 2s 260C, 10 sec. (IEC 60068-2-58) 280C, 5 sec. (IEC 60068-2-58) <0.5ns
0.50-0.25
WebLinks
3.20-0.20 1.60 1.60-0.20
Circuit board and ESD, EFT Protection of: * I/O ports * Keyboards * LCD`s * Sensors
Soldering Heat Resistance Time Response Time
( Temperature coefficient (V) of clamping voltage (Vc) @ specified test current
<0.01%/C
Further infos see: www.wickmanngroup.com Further technical infos see technical varistor file: www.wickmanngroup.com/download/ techvaristor.pdf
Power dissipation
0.1W max.
Standards
IEC 61000-4-2 MIL-STD-883C
Maximum Ratings (125C)
Type max. cont. working voltage VM(DC) VM(AC) (V) (V)
WT1206ML030L WT1206ML050L WT1206ML140L WT1206ML180L WT1206ML450L 3,3 5,5 14,0 18,0 45,0 2,5 4,0 11,0 14,0 35,0
Specifications (25C)
typ. capacitance 1KHz C typ. (pF)
4330 3450 890 760 225
max. non-repetitive surge current (8/20 s) ITM (A)
40 40 40 40 40
max. non-repetitive max. clamping nominal voltage surge energy voltage at spec. at 1mA (DC) (10/1000 s) current test current (8/20 s) W TM Vc VN(DC)min. V N(DC)max. (J) (V@A) (V) (V)
0,10 0,10 0,10 0,10 0,10 10,0 @ 15,5 @ 30,0 @ 40,0 @ 100,0 @ 2 2 2 2 10 3,8 7,1 16,0 22,0 50,0 7,0 9,8 21,0 28,0 61,0
typ. inductance
1MHz C typ. (pF)
3600 2900 750 640 190
Ltyp. (nH)
1,8 1,8 1,8 1,8 1,8
Order Information
050915
Qty.
OrderNumber
Type Type WT1206ML140 L
Terminal Terminal Code Packaging
P T
Specifications are subject to change without notice China Tel: +86 21 6432 5146 E-mail: sales@wickmann.cn
WebSite Europe Tel: +49 2302 662-107 www.wickmanngroup.com E-mail: sales@wickmann.com
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com
Asia Tel: +852 26 14-1108 E-mail: sales@wickmann.com.hk
V ARISTORS
TVS 1206 SMD
WT1206ML450L
45,0 45,0 18,0 14,0 5,5 3,3 14,0 5,5 3,3 18,0
WT1206ML180L WT1206ML140L WT1206ML050L WT1206ML030L
V/I Characteristics
Maximum Surge Current: WT1206ML030L - WT1206ML180L
050915
WebSite Europe Tel: +49 2302 662-107 www.wickmanngroup.com E-mail: sales@wickmann.com
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com
Asia Tel: +852 26 14-1108 E-mail: sales@wickmann.com.hk
China Tel: +86 21 6432 5146 E-mail: sales@wickmann.cn
VARISTORS
TVS 1206 SMD
Maximum Surge Current: WT1206ML450L
050915
WebSite Europe Tel: +49 2302 662-107 www.wickmanngroup.com E-mail: sales@wickmann.com
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com
Asia Tel: +852 26 14-1108 E-mail: sales@wickmann.com.hk
China Tel: +86 21 6432 5146 E-mail: sales@wickmann.cn


▲Up To Search▲   

 
Price & Availability of WT1206ML450L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X