Part Number Hot Search : 
OCD1527T 00306 B4204 5021P 00306 TA8233 ATA68 LC040
Product Description
Full Text Search
 

To Download WT0402ML180L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 V ARISTORS
Transient Multilayer Ceramic Transient This product is not recommended Voltage Suppressor for new designs. Please refer to Low Capacity
Littelfuse series MLA.
TVS 0402 SMD
Specifications
Packaging Material
Tape and Reel T 7 inch reel (10.000 pcs.) Body: Terminals: Ceramic (ZnO) Ni/Sn plated (code "P") Ag/Pt/Pd non plated (code "N" on request)
Features
Thin layer, high precise techniques Lead free Bi-directional clamping Standard and low capacity Available with Nickel/Tin end termination
Temperature Operating Temperature
-55 to +125C
Solderability
Applications
Dimensions (mm)
acc. to IEC 60068-2-58 235C, 2s 260C, 10 sec. (IEC 60068-2-58) 280C, 5 sec. (IEC 60068-2-58) <0.5ns
0.25-0.15
1.00-0.10 0.60 0.50-0.10
WebLinks
Circuit board and ESD, EFT Protection of: * I/O ports * Keyboards * LCD`s * Sensors
Soldering Heat Resistance Time Response Time
( Temperature coefficient (V) of clamping voltage (Vc) @ specified test current
<0.01%/C
Further infos see: www.wickmanngroup.com Further technical infos see technical varistor file:
www.wickmanngroup.com/download/ techvaristor.pdf
Power dissipation
0.05W max.
Standards
IEC 61000-4-2 MIL-STD-883C
Maximum Ratings (125C)
Type max. cont. working voltage VM(DC) VM(AC) (V) (V)
WT0402ML050L WT0402ML090L WT0402ML120L WT0402ML140L WT0402ML180L 5,5 9,0 12,0 14,0 18,0 4,0 6,0 9,0 11,0 14,0
Specifications (25C)
typ. capacitance 1KHz C typ. (pF)
330 230 180 160 95
max. non-repetitive surge current (8/20 s) ITM (A)
20 20 20 20 20
max. non-repetitive max. clamping nominal voltage surge energy voltage at spec. at 1mA (DC) (10/1000 s) current test current (8/20 s) W TM Vc VN(DC)min. V N(DC)max. (J) (V@A) (V) (V)
0,05 0,05 0,05 0,05 0,05 15,5 @ 23,0 @ 27,0 @ 30,0 @ 40,0 @ 1 1 1 1 1 7,1 10,0 14,0 16,0 22,0 9,8 14,5 18,5 21,0 28,0
typ. inductance
1MHz C typ. (pF)
200 160 145 85
Ltyp. (nH) 0,8
0,8 0,8 0,8 0,8
280
Order Information
050915
Qty.
OrderNumber
Type Terminal Type Terminal Code Packaging WT0402ML050 L P T
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com Asia Tel: +852 26 14-1108 E-mail: sales@wickmann.com.hk
Specifications are subject to change without notice China Tel: +86 21 6432 5146 E-mail: sales@wickmann.cn
WebSite Europe Tel: +49 2302 662-107 www.wickmanngroup.com E-mail: sales@wickmann.com
V ARISTORS
TVS 0402 SMD
18,0 18,0 14,0 12,0 9,0 5,5 14,0 12,0 9,0 5,5
WT0402ML180L WT0402ML140L WT0402ML120L WT0402ML090L WT0402ML050L
V/I Characteristics
Maximum Surge Current
050915
WebSite Europe Tel: +49 2302 662-107 www.wickmanngroup.com E-mail: sales@wickmann.com
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com
Asia Tel: +852 26 14-1108 E-mail: sales@wickmann.com.hk
China Tel: +86 21 6432 5146 E-mail: sales@wickmann.cn


▲Up To Search▲   

 
Price & Availability of WT0402ML180L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X