Part Number Hot Search : 
LM2941 BC36805 FF330 78P2243 BC337 6530A VLT60 M168B
Product Description
Full Text Search
 

To Download WH0603ML420R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 V ARISTORS
High Speed Series SMD
This product is not recommended for new designs. Please refer to Littelfuse series MHS.
Transient Multilayer Ceramic Transient Suppressors Voltage Suppressors for High Speed Applications Features
Ultra low capacitance Bi-directional clamping Available with Nickel/Tin end termination or lead free
Specifications
Packaging
Tape and Reel T 7 inch reel 0402 0603 (10.000 pcs) (4.000 pcs.)
Material
Body: Terminals:
Ceramic (ZnO) Ni/Sn plated (Code "P") Ag/PT/Pd non plated code "N" on request
Applications
Dimensions
a
Temperature Operating Temperature
-55 to +125C
Portable / Handheld Products Universal Serial Bus Data, Diagnostic I/O Ports Video/Audio Ports Mobile Communications Computer/DSP Products Industrial Instruments and High Speed Data Line
Solderability
acc. to IEC 60068-2-58 235C, 2s 260C, 10 sec. (IEC 60068-2-58) 280C, 5 sec. (IEC 60068-2-58) IEC 61000-4-2 MIL-STD-883C
Soldering Heat Resistance Standards
L T W
W ebLinks
Further infos see: www.wickmanngroup.com Further technical infos see technical varistor file:
www.wickmanngroup.com/download/ techvaristor.pdf
Maximum Ratings (125C)
Type
Packaging
Specifications (25C)
max. ESD clamp voltage 8kV contact (note 1) (V) 65 125 300 65 125 300
VC A
max. cont. working voltage VM(DC) (V) 9,0 18,0 42,0 9,0 18,0 42,0
max. clamping voltage at 1A (8/20s) (V) 30 55 110 30 55 110
VC
max. non-repetitive surge energy (10/1000s)
WTM
max. leakage current @ specified DC voltage 3.5 V 0.50 0.10 0.10 0.50 0.10 0.10 5.5 V
A
typ. capacitance at 1MHz (note 2) C typ. (pF) 22 12 3 22 12 3
(J)
9.0 V
A
15.0 V
A
WH0402ML090T WH0402ML180W WH0402ML420R WH0603ML090T WH0603ML180W WH0603ML420R
0,02 0,025 0,01 0,02 0,025 0,01
1.00 0.15 0.15 1.00 0.15 0.15
1.00 0.25 1.00 0.25
5.00 0.50 5.00 0.50
Note 1: Maximum ESD clamp voltage tested with IEC 61000-4-2 Human Body Model discharge test circuit and direct discharge to device terminals. Note 2: Capacitance may be customized, please contact WICKMANN for availability
Order Information
050915
Qty.
OrderNumber
Type Terminal Type Terminal Code Packaging WH0402ML180 W P T
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com Asia Tel: +852 26 14-1108 E-mail: sales@wickmann.com.hk
Specifications are subject to change without notice China Tel: +86 21 6432 5146 E-mail: sales@wickmann.cn
WebSite Europe Tel: +49 2302 662-107 www.wickmanngroup.com E-mail: sales@wickmann.com
V ARISTORS
High Speed Series SMD
VARISTOR VOLTAGE (V)
25 C 85 C 125 C
CURRENT (mA)
STANDBY CURRENT AT NORMALIZED VARISTOR VOLTAGE AND TEMPERATURE
INSERTION LOSS (dB)
WH0402ML180W WH0603ML180W
WH0402ML420R WH0603ML420R
WH0402ML090T WH0603ML090T
FREQUENCY (MHz)
INSERTION LOSS (S21) CHARACTERISTICS
050915
050601 Europe Tel: +49 2302 662-107 www.wickmanngroup.com E-mail: sales@wickmann.com
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com
Asia Tel: +852 26 14-1108 E-mail: sales@wickmann.com.hk
China Tel: +86 21 6432 5146 E-mail: sales@wickmann.cn
V ARISTORS
High Speed Series SMD
NOMINAL VOLTAGE AT 1mADC
WH0402ML420R WH0603ML420R
WH0402ML180W WH0603ML180W
WH0402ML090T WH0603ML090T
Number of Pulses
NOMINAL VOLTAGE STABILITY TO MULTIPLE ESD IMPULSES (8KV CONTACT DISCHARGES PER IEC 61000-4-2)
050915
WebSite Europe Tel: +49 2302 662-107 www.wickmanngroup.com E-mail: sales@wickmann.com
Americas Tel: +1 404 699-7820 E-mail: service@wickmannusa.com
Asia Tel: +852 26 14-1108 E-mail: sales@wickmann.com.hk
China Tel: +86 21 6432 5146 E-mail: sales@wickmann.cn


▲Up To Search▲   

 
Price & Availability of WH0603ML420R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X