Part Number Hot Search : 
3200A C71KD ICS1702 SC800 LT103105 G3202 LNA2901L ICL7621
Product Description
Full Text Search
 

To Download TMR4823 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC/DC Converters
TMR Series, 2 Watt Features 2 Watt in SIL Package Regulated Output Wide 2 : 1 Input Range No external Capacitors needed Low Ripple and Noise Indefinite Short-Circuit Protection External On/Off - Control Lead free Design, RoHS compliant 3 Year Product Warranty
compliant
RoHS
The TMR series is a range of miniature regulated 2 Watt DC/DC- converters in a SILpackage. Requiring only 2cm2 board space they provide a state of art functionality. Wide 2:1 Input voltage range, 1000 VDC isolation voltage, external on/off control and a temperature range of -40C - 75C with no derating makes this converter suitable for many applications in telecommunication, control units and industrial equipments.
Models
Ordercode TMR 0510 TMR 0511 TMR 0512 TMR 0521 TMR 0522 TMR 0523 TMR 1210 TMR 1211 TMR 1212 TMR 1221 TMR 1222 TMR 1223 TMR 2410 TMR 2411 TMR 2412 TMR 2421 TMR 2422 TMR 2423 TMR 4810 TMR 4811 TMR 4812 TMR 4821 TMR 4822 TMR 4823 http://www.tracopower.com 36 - 75 VDC 18 - 36 VDC 9 - 18 VDC 4.5 - 9.0 VDC Input voltage range Output voltage 3.3 VDC 5 VDC 12 VDC 5 VDC 12 VDC 15 VDC 3.3 VDC 5 VDC 12 VDC 5 VDC 12 VDC 15 VDC 3.3 VDC 5 VDC 12 VDC 5 VDC 12 VDC 15 VDC 3.3 VDC 5 VDC 12 VDC 5 VDC 12 VDC 15 VDC Output current max. 500 mA 400 mA 167 mA 200 mA 83 mA 67 mA 500 mA 400 mA 167 mA 200 mA 83 mA 67 mA 500 mA 400 mA 167 mA 200 mA 83 mA 67 mA 500 mA 400 mA 167 mA 200 mA 83 mA 67 mA Efficiency typ. 64 % 66 % 71 % 64 % 69 % 71 % 70 % 73 % 80 % 73 % 78 % 78 % 71 % 74 % 81 % 74 % 78 % 80 % 70 % 73 % 79 % 71 % 77 % 77 % Page 1 of 3
DC/DC Converters
TMR Series Input Specifications
Input current at full load (nominal input) 5 12 24 48 5 12 24 48 Vin Vin Vin Vin Vin Vin Vin Vin models: models: models: models: models: models: models: models: 667 mA max. 242 mA max. 119 mA max. 62 mA max. 15 V max. 25 V max. 50 V max. 100 V max. capacitor type < 1ms (at nominal input and resistive load) 2% - Input variation Vin min. to Vin max. - Load variation 25 - 100 %: 0.5 % max. 0.75 % max. for single output models 1.0% max. for dual output models 50 mVpk-pk max 0.1 % / C continuous, automatic recovery 25% of rated max current (operation at lower load condition is safe but a higher output ripple will be experianced) 3.3 VDC / 5 VDC output models: 2'200 F max. / 1'000 F max. 12 VDC / 5 VDC output models: 70 F max. / 470 F max. 12 VDC / 15 VDC output models: 100 F max. / 47 F max. - Operating - Storage - 40 C ... + 75 C (no derating) - 55 C ... + 105 C 95 % rel. H max. > 2.3 Mio h @ 25C 1'000 VDC 300 pF max. > 1`000 M Ohm 100 to 650 kHz (PFM) ON: open or high impedance OFF: 3...6mA input current applied via 1KW resistor OFF stand by input current max 1mA non-conductive plastic epoxy, UL 94V-0 - rated 4.8g (0.17oz) - Input/Output - Input/Output - Input/Output (500 VDC)
2 Watt
Surge voltage (100 msec. max.)
Input Filter Start up time
Output Specifications
Voltage set accuracy Regulation
Ripple and noise (20 MHz Bandwidth) Temperature coefficient Short circuit protection Minimum load
Capacitive load
General Specifications
Temperature ranges Humidity (non condensing) Reliability, calculated MTBF (MIL-HDBK-217 F) Isolation voltage Isolation capacity Isolation resistance Switching frequency Remote On/Off
Physical Specifications
Case material Potting material Weight
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. http://www.tracopower.com Page 2 of 3
DC/DC Converters
TMR Series EMC Characteristics
- Use an electrolytic low ESR capacitor at input side to reduce reflected ripple current. - In order to meet EN55022 class B additionally use a choke to build an L/C filter as follows: Recommended values for filter: Input 5VDC 12VDC 24VDC 48VDC C 100F 100F 10F 10F L 10H 10H 120H 120H
2 Watt
+
Input
+ -C
L
+
TMR Output
-
-
Outline Dimensions mm (inches) Pin-Out
(0.36)
Bottom view
1 2 3 5 6 7 8
0.25 (0.01)
Pin 1 2 3 5 6 7 8
Single -Vin (GND) +Vin (Vcc) Remote On/Off No function +Vout -Vout No function
Dual -Vin (GND) +Vin (Vcc) Remote On/Off No function +Vout Common -Vout
0.5 (0.02)
0.5 (0.02)
11.1 (0.44)
(0.16)
0.5
2.0
2.54 2.54
(0.1)
5.08
(0.2)
2.54 2.54 2.54
(0.1)
(0.1) (0.1)
(0.08
0.025)
(0.1)
21.8
(0.86)
Specifications can be changed without notice
Rev. 07/05.2
Jenatschstrasse 1 * CH-8002 Zurich * Switzerland Tel. +41 43311 4511 * Fax +41 43311 4545 * info@traco.ch * www.tracopower.com
4.0
(0.13)
3.2
9.2
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of TMR4823

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X