Part Number Hot Search : 
TDA3845 P87C591 FD120 FD120 00010 N54LS N54LS 66A35
Product Description
Full Text Search
 

To Download TA4018F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TA4018F
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4018F
VHF Gain Control Amplifier Application Features
* * * * High gain: |S21|2 = 11dB (@45 MHz, at Maximum gain) Gain control range: GR = 37dB (@45 MHz) Low distortion: IM3 = 42dB (@45 MHz, at Maximum gain) Operating supply voltage: VCC = 4.75 V~5.25 V
Maximum Ratings (Ta = 25C)
Characteristics Supply voltage Total power dissipation Operating temperature Storage temperature Symbol VCC PD (Note 1) Topr Tstg Rating 5.5 550 -40~85 -55~150 2 Unit V mW C C
Weight:
0.02g (typ.)
Note 1: When mounted on the glass epoxy of 2.5 cm 0.4 t
Pin Assignment
VGCA GND OUT OUT (1) (2) 8 7 6 5
4018F
1 2 3 4 VCC NC IN (1)IN (2)
1
2003-03-12
TA4018F
Electrical Characteristics (Ta = 25C, VCC = 5 V, Zg = Zl = 50 W)
Characteristics Circuit current Input return loss Insertion gain (1) Insertion gain (2) Isolation Output return loss Gain control range Noise figure 3
rd
Symbol ICC |S11|
2 2 2
Test Circuit
Test Condition VGCA = 3 V, Non carrier VGCA = 3 V, f = 45 MHz VGCA = 3 V, f = 45 MHz VGCA = 1 V, f = 45 MHz
Min 21 3/4 8 -36 3/4 3/4 24 3/4 32
Typ. 28 -0.3 11 -26 -50 -5 37 11.5 42
Max 35 3/4 3/4 -16 3/4 3/4 3/4 15 3/4
Unit mA dB dB dB dB dB dB dB dB
|S21| (1) |S21| (2) |S12|2 |S22| GR NF IM3
2
Fig1
VGCA = 3 V, f = 45 MHz VGCA = 3 V, f = 45 MHz |S21| (2)-|S21| (1) VGCA = 5 V, f = 45 MHz VGCA = 3 V, f1 = 45 MHz, f2 = 44 MHz Pin = -20dBmW
2 2
order Inter Modulation
CAUTION: This device electrostatic sensitivity. Please handle with caution.
2
2003-03-12
TA4018F
VCC = +5.0 V 10000 pF
1 1000 pF 2
VCC NC
VGCA
8 1000 pF 7
VGCA = 0~5 V Variable 10000 pF
GND
IF-in
1000 pF 3 IN (1) OUT (1) 6
1000 pF
IF-out
1000 pF 4 1000 pF IN (2) OUT (2) 5 50 W
Figure 1
Measurement circuit
[1] VCC
[6] OUT (1) [8] VGCA GCA Control [5] OUT (2)
[7] GND [3] IN (1) [4] IN (2)
Figure 2 Notice
Equivalent circuit
The circuits and measurements contained in this document are given only in the context of as examples of applications for these products. Moreover, these example application circuits are not intended for mass production, since the high-frequency characteristics (the AC characteristics) of these devices will be affected by the external components which the customer uses, by the design of the circuit and by various other conditions. It is the responsibility of the customer to design external circuits which correctly implement the intended application, and to check the characteristics of the design. TOSHIBA assume no responsibility for the integrity of customer circuit designs or applications.
3
2003-03-12
TA4018F
C.Gain - VGCA
20 10 0 -10
Pout, IM3, IM2 - Pin
(dBmW)
-20 -30 -40
Po VGCA = 3.0 V
0
(dB)
Pout, IM3, IM2
-10 -20 -30 VCC = 5 V -40 -50 0.0 f = 44 MHz Ta = 25C 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
IM3 -50 -60 -70 -80 -90 -100 -50 -45 -40 Po VCC = 5 V f = 44 MHz, 45 MHz Ta = 25C -35 -30 -25 -20 IM2 -15 -10 -5 IM2 VGCA = 0.5 V
C.Gain
VGCA
(V)
Pin (dBmW)
NF-f
16 14 12 10
NF (dB)
8 6 4 2 0 0 200 400 600 800 1000
f (MHz)
4
2003-03-12
TA4018F
VGC=0.5V Vcc=5V
|S21| 2 -f
S11
0
-10
|S21| 2 (dB)
-20
-30
-40
-50
-60 0 200 400 600 800 1000
f(MHz) |S12|2 -f
0 -20 -40
S22
|S12| 2 (dB)
-60 -80 -100 -120 -140 0 200 400 600 800 1000
f(MHz)
VGC=3V Vcc=5V
S11
|S21|2 -f
13 11 9
|S21| (dB)
7 5 3 1 -1 -3 -5 0 200 400 600 800 1000
2
|S12|2 -f
0
f (MHz)
S22
-20 -40 -60 -80
|S12|2 (dB)
-100
-120 0 200 400 600 800 1000
f (MHz)
5
2003-03-12
TA4018F
VGC=5V Vcc=5V
S11
|S21|2 -f
15 13 11 9
|S21|2 (dB)
7 5 3 1 -1 -3 -5 0 200 400 600 800 1000
f (MHz)
|S12| 2 -f
0 -20 -40
S22
|S12| (dB)
-60 -80 -100 -120 -140 0 200 400 600 800 1000
2
f (MHz)
6
2003-03-12
TA4018F
Package Dimensions
Weight: 0.02g (typ.)
7
2003-03-12
TA4018F
RESTRICTIONS ON PRODUCT USE
000707EBA
* TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * The products described in this document are subject to the foreign exchange and foreign trade laws. * The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others. * The information contained herein is subject to change without notice.
8
2003-03-12


▲Up To Search▲   

 
Price & Availability of TA4018F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X