Part Number Hot Search : 
26000 4053C VHCT125 LBS15002 2SK90 TE7753 00M000 TA1101
Product Description
Full Text Search
 

To Download SR108 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* * * *
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
SR105 THRU SR1010
1 Amp Schottky Barrier Rectifier 50 - 100 Volts
DO-41
Schottky Barrier Rectifier Low Forward Voltage Low Power Loss For High Efficiency High Current Capability
* * *
Maximum Ratings
Operating Temperature: -55C to +125C Storage Temperature: -55C to +125C Maximum Thermal Resistance; 30 C/W Junction To Lead MST Catalog Number Device Marking Maximum Recurrent Peak Reverse Voltage 50V 60V 80V 100V Maximum RMS Voltage Maximum DC Blocking Voltage 50V 60V 80V 100V
D
SR105 SR106 SR108 SR1010
SR105 SR106 SR108 SR1010
35V 42V 56V 70V
A Cathode Mark B
D
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward IF(AV) 1.0A TA = 75C Current Peak Forward Surge IFSM 30A 8.3ms, half sine Current Maximum Instantaneous Forward Voltage .70V IFM = 1.0A; SR105-SR106 VF .85V SR108-SR1010 TJ = 25C* Maximum DC 0.5mA TJ = 25C Reverse Current At IR 10mA Rated DC Blocking TJ = 100C Voltage *Pulse test: Pulse width 300 sec, Duty cycle 2%
C
DIMENSIONS INCHES MIN .166 .080 .028 1.000 MM MIN 4.10 2.00 .70 25.40
DIM A B C D
MAX .205 .107 .034 ---
MAX 5.20 2.70 .90 ---
NOTE
www.mccsemi.com
SR105 thru SR1010
Figure 1 Typical Forward Characteristics 20 10 6 4 1.25 2 Amps 1 .6 .4 SR108-SR1010 .2 25C .1 .06 .04 .02 .01 .4 .6 .8 Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts 1.0 1.2 1.4 0 .25 Amps .50 SR105-SR106 1.50 Figure 2 Forward Derating Curve
MCC
1.0
.75
Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 50 75 100 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 125 150 175
Figure 3 Junction Capacitance
100 60 40 20 pF 10 6 4 2 1 .1 .2 .4 1 Volts 2 4 10 20 40 100 200 400 1000 TJ=25C
Junction Capacitance - pFversus Reverse Voltage - Volts
www.mccsemi.com
SR105 thru SR1010
Figure 4 Typical Reverse Characteristics 10 6 4 2 1 .6 .4 .2 .1 MilliAmps T =75C .06 J .04 .02 .01 .006 .004 .002 .001 20 40 60 80 Volts Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts 100 120 140 TJ=25C TJ=125C 5 0 1 4 6 Amps 30 25 20 15 10
MCC
Figure 5 Peak Forward Surge Current
2
8 10 Cycles
20
40
60 80 100
Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of SR108

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X