Part Number Hot Search : 
02100 M6008 MCL12 10A12 LF101 M68757L 101001 M68757L
Product Description
Full Text Search
 

To Download SI7476DP-T1-E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Si7476DP
New Product
Vishay Siliconix
N-Channel 40-V (D-S) Fast Switching MOSFET
PRODUCT SUMMARY
VDS (V)
40
FEATURES
ID (A)
25 23
rDS(on) (W)
0.0053 @ VGS = 10 V 0.0066 @ VGS = 4.5 V
D TrenchFETr Power MOSFET D New Low Thermal Resistance PowerPAKr Package with Low 1.07-mm Profile
APPLICATIONS
D Automotive* - 12-V Boardnet - High-Side Switches - Motor Drives
PowerPAK SO-8
*Contact factory for automotive qualification
6.15 mm
S 1 2 S 3 S
5.15 mm
D
4 D 8 7 D 6 D 5 D
G
G
Bottom View Ordering Information: Si7476DP-T1--E3
S N-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 150_C)a Pulsed Drain Current Continuous Source Current (Diode Conduction)a Avalanche Current Avalanche Energy Maximum Power Dissipationa Operating Junction and Storage Temperature Range TA = 25_C TA = 70_C TA = 25_C TA = 70_C
Symbol
VDS VGS ID IDM IS IAS EAS PD TJ, Tstg
10 secs
40 "20 25 20 80 4.5 60 180 5.4 3.4
Steady State
Unit
V
15 12 A 1.6
mJ 1.9 1.2 W _C
-55 to 150
THERMAL RESISTANCE RATINGS
Parameter
Maximum J Mi Junction-to-Ambienta ti t A bi t Maximum Junction-to-Case (Drain) Notes a. Surface Mounted on 1" x 1" FR4 Board. Document Number: 72569 S-40577--Rev. B, 29-Mar-04 www.vishay.com t v 10 sec Steady State Steady State
Symbol
RthJA RthJC
Typical
18 52 1.0
Maximum
23 65 1.3
Unit
_C/W C/W
1
Si7476DP
Vishay Siliconix
New Product
MOSFET SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Gate Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Currenta Drain-Source On-State Resistancea Forward Transconductancea Diode Forward Voltagea VGS(th) IGSS IDSS ID(on) rDS(on) gfs VSD VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "20 V VDS = 40 V, VGS = 0 V VDS = 40 V, VGS = 0 V, TJ = 55_C VDS w 5 V, VGS = 10 V VGS = 10 V, ID = 25 A VGS = 4.5 V, ID = 23 A VDS = 15 V, ID = 25 A IS = 4.5 A, VGS = 0 V 40 0.0042 0.0053 85 0.76 1.2 0.0053 0.0066 1.0 3 "100 1 5 V nA mA A W S V
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Total Gate Charge Gate-Source Charge Gate-Drain Charge Gate Resistance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Source-Drain Reverse Recovery Time Qg Qgs Qgd Rg td(on) tr td(off) tf trr IF = 4.5 A, di/dt = 100 A/ms VDD = 20 V, RL = 20 W ID ^ 1 A, VGEN = 10 V, Rg = 6 W VDS = 20 V, VGS = 10 V, ID = 25 A 118 25 21.2 1.0 30 22 130 55 45 45 35 195 85 70 ns W 177 nC
Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
60 50 40 30 20 10 0 0.0 VGS = 10 thru 4 V 60 50 40 30 20 10 0 0.0
Transfer Characteristics
I D - Drain Current (A)
I D - Drain Current (A)
TC = 125_C 25_C -55_C 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
3V
0.5
1.0
1.5
2.0
2.5
3.0
VDS - Drain-to-Source Voltage (V) www.vishay.com
VGS - Gate-to-Source Voltage (V) Document Number: 72569 S-40577--Rev. B, 29-Mar-04
2
Si7476DP
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0.008 0.007 r DS(on) - On-Resistance ( W ) C - Capacitance (pF) 0.006 0.005 0.004 0.003 0.002 0.001 0.000 0 10 20 30 40 50 60 0 0 Crss 5 10 15 20 25 30 35 40 VGS = 4.5 V VGS = 10 V 8000 Ciss
Vishay Siliconix
On-Resistance vs. Drain Current
10000
Capacitance
6000
4000
2000
Coss
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
10 V GS - Gate-to-Source Voltage (V) VDS = 20 V ID = 25 A
Gate Charge
1.6
On-Resistance vs. Junction Temperature
VGS = 10 V ID = 25 A
8
1.4 rDS(on) - On-Resiistance (Normalized)
6
1.2
4
1.0
2
0.8
0 0 20 40 60 80 100 120 Qg - Total Gate Charge (nC)
0.6 -50
-25
0
25
50
75
100
125
150
TJ - Junction Temperature (_C)
Source-Drain Diode Forward Voltage
60
0.020
On-Resistance vs. Gate-to-Source Voltage
r DS(on) - On-Resistance ( W )
0.016 ID = 25 A 0.012
I S - Source Current (A)
TJ = 150_C 10
0.008
TJ = 25_C
0.004
1 0.0
0.000 0.2 0.4 0.6 0.8 1.0 1.2 0 2 4 6 8 10
VSD - Source-to-Drain Voltage (V)
VGS - Gate-to-Source Voltage (V)
Document Number: 72569 S-40577--Rev. B, 29-Mar-04
www.vishay.com
3
Si7476DP
Vishay Siliconix
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Threshold Voltage
0.4 0.2 -0.0 Power (W) -0.2 -0.4 -0.6 -0.8 -1.0 -50 20 60 ID = 250 mA 80 V GS(th) Variance (V) 100
Single Pulse Power, Juncion-to-Ambient
40
-25
0
25
50
75
100
125
150
0 0.01 0.1 1 Time (sec) 10 100 600
TJ - Temperature (_C)
100 rDS(on) Limited 10 I D - Drain Current (A) ID(on) Limited
Safe Operating Area
IDM Limited
P(t) = 0.001 P(t) = 0.01 P(t) = 0.1 P(t) = 1
1
0.1
TA = 25_C Single Pulse BVDSS Limited
P(t) = 10 dc
0.01 0.1 1 10 100 VDS - Drain-to-Source Voltage (V)
Normalized Thermal Transient Impedance, Junction-to-Ambient
2 1
Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02 Single Pulse 0.01 10-4 10-3 10-2 10-1 1 Square Wave Pulse Duration (sec)
Notes: PDM t1
t2 1. Duty Cycle, D =
t1 t2 2. Per Unit Base = RthJA = 52_C/W 3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
10
100
600
www.vishay.com
4
Document Number: 72569 S-40577--Rev. B, 29-Mar-04
Si7476DP
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Normalized Thermal Transient Impedance, Junction-to-Case
2 1
Vishay Siliconix
Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5 0.2 0.1
0.1 0.05 0.02 Single Pulse
0.01 10-4 10-3 10-2 Square Wave Pulse Duration (sec) 10-1 1
Document Number: 72569 S-40577--Rev. B, 29-Mar-04
www.vishay.com
5


▲Up To Search▲   

 
Price & Availability of SI7476DP-T1-E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X