Part Number Hot Search : 
104M10 2SC1623W TMBR6S05 C16FJ NFSW072 KB521G EP2600TS BYT41M
Product Description
Full Text Search
 

To Download PSMN030-150P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Product specification
N-channel TrenchMOS transistor
FEATURES
* 'Trench' technology * Very low on-state resistance * Fast switching * Low thermal resistance
g
PSMN030-150P
QUICK REFERENCE DATA
d
SYMBOL
VDSS = 150 V ID = 55.5 A RDS(ON) 30 m
s
GENERAL DESCRIPTION
SiliconMAX products use the latest Philips Trench technology to achieve the lowest possible on-state resistance in each package at each voltage rating. Applications:* d.c. to d.c. converters * switched mode power supplies The PSMN030-150P is supplied in the SOT78 (TO220AB) conventional leaded package.
PINNING
PIN 1 2 3 tab gate drain source drain DESCRIPTION
SOT78 (TO220AB)
tab
1 23
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134) SYMBOL PARAMETER VDSS VDGR VGS ID IDM PD Tj, Tstg Drain-source voltage Drain-gate voltage Gate-source voltage Continuous drain current Pulsed drain current Total power dissipation Operating junction and storage temperature CONDITIONS Tj = 25 C to 175C Tj = 25 C to 175C; RGS = 20 k Tmb = 25 C Tmb = 100 C Tmb = 25 C Tmb = 25 C MIN. - 55 MAX. 150 150 20 55.5 39 222 250 175 UNIT V V V A A A W C
June 2000
1
Rev 1.000
Philips Semiconductors
Product specification
N-channel TrenchMOS transistor
AVALANCHE ENERGY LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134) SYMBOL PARAMETER EAS IAS Non-repetitive avalanche energy Non-repetitive avalanche current CONDITIONS Unclamped inductive load, IAS = 35 A; tp = 100 s; Tj prior to avalanche = 25C; VDD 50 V; RGS = 50 ; VGS = 10 V;
PSMN030-150P
MIN. -
MAX. 300 35
UNIT mJ A
THERMAL RESISTANCES
SYMBOL PARAMETER Rth j-mb Rth j-a Thermal resistance junction to mounting base Thermal resistance junction to ambient CONDITIONS TYP. SOT78 package, in free air 60 MAX. 0.6 UNIT K/W K/W
ELECTRICAL CHARACTERISTICS
Tj= 25C unless otherwise specified SYMBOL PARAMETER V(BR)DSS VGS(TO) RDS(ON) IGSS IDSS Qg(tot) Qgs Qgd td on tr td off tf Ld Ld Ls Ciss Coss Crss Drain-source breakdown voltage Gate threshold voltage CONDITIONS VGS = 0 V; ID = 0.25 mA; Tj = -55C VDS = VGS; ID = 1 mA Tj = 175C Tj = -55C Drain-source on-state VGS = 10 V; ID = 25 A resistance Gate source leakage current VGS = 10 V; VDS = 0 V Zero gate voltage drain VDS = 150 V; VGS = 0 V; current Total gate charge Gate-source charge Gate-drain (Miller) charge Turn-on delay time Turn-on rise time Turn-off delay time Turn-off fall time Internal drain inductance Internal drain inductance Internal source inductance Input capacitance Output capacitance Feedback capacitance Tj = 175C Tj = 175C MIN. 150 133 2.0 1.0 TYP. MAX. UNIT 3.0 24 2 0.05 98 16 38 18 71 97 76 3.5 4.5 7.5 3680 470 220 4.0 6 30 81 100 10 500 50 V V V V V m m nA A A nC nC nC ns ns ns ns nH nH nH pF pF pF
ID = 55.5 A; VDD = 120 V; VGS = 10 V
VDD = 75 V; RD = 1.5 ; VGS = 10 V; RG = 5.6 Resistive load Measured from tab to centre of die Measured from drain lead to centre of die (SOT78 package only) Measured from source lead to source bond pad VGS = 0 V; VDS = 25 V; f = 1 MHz
June 2000
2
Rev 1.000
Philips Semiconductors
Product specification
N-channel TrenchMOS transistor
REVERSE DIODE LIMITING VALUES AND CHARACTERISTICS
Tj = 25C unless otherwise specified SYMBOL PARAMETER IS ISM VSD trr Qrr Continuous source current (body diode) Pulsed source current (body diode) Diode forward voltage Reverse recovery time Reverse recovery charge CONDITIONS MIN. IF = 25 A; VGS = 0 V IF = 20 A; -dIF/dt = 100 A/s; VGS = 0 V; VR = 30 V -
PSMN030-150P
TYP. MAX. UNIT 0.85 109 610 55.5 222 1.2 A A V ns nC
June 2000
3
Rev 1.000
Philips Semiconductors
Product specification
N-channel TrenchMOS transistor
PSMN030-150P
Normalised Power Derating, PD (%) 100 90 80 70 60 50 40 30 20 10 0 0 25 50 75 100 125 Mounting Base temperature, Tmb (C) 150 175
1
Transient thermal impedance, Zth j-mb (K/W) D = 0.5 0.2
0.1
0.1 0.05 0.02 P D D = tp/T
0.01 single pulse
tp
T 0.001 1E-06 1E-05 1E-04 1E-03 1E-02 1E-01 1E+00
Pulse width, tp (s)
Fig.1. Normalised power dissipation. PD% = 100PD/PD 25 C = f(Tmb)
Fig.4. Transient thermal impedance. Zth j-mb = f(t); parameter D = tp/T
Normalised Current Derating, ID (%) 100 90 80 70 60 50 40 30 20 10 0 0 25 50 75 100 125 Mounting Base temperature, Tmb (C) 150 175
70 65 60 55 50 45 40 35 30 25 20 15 10 5 0 0
Drain Current, ID (A)
Tj = 25 C VGS = 10 V 6V 8V 5.4 V 5.2 V 5V 4.8 V 4.6 V 4.4 V
0.2
0.4
0.6 0.8 1 1.2 1.4 Drain-Source Voltage, VDS (V)
1.6
1.8
2
Fig.2. Normalised continuous drain current. ID% = 100ID/ID 25 C = f(Tmb)
Fig.5. Typical output characteristics, Tj = 25 C. ID = f(VDS); parameter VGS
1000
Peak Pulsed Drain Current, IDM (A) RDS(on) = VDS/ ID 0.07 0.06 0.05 100 us 0.04 0.03 0.02 0.01 0 1 10 100 Drain-Source Voltage, VDS (V) 1000 0 5 10 15 20 25 30 Drain Current, ID (A) 35 40 45 50 8V 5.4 V 6V VGS = 10V Drain-Source On Resistance, RDS(on) (Ohms) 4.4 V 4.6 V V 4.8 V 5V 5.2 V Tj = 25 C
100
tp = 10 us
10
D.C.
1 ms 10 ms 100 ms
1
Fig.3. Safe operating area. Tmb = 25 C ID & IDM = f(VDS); IDM single pulse; parameter tp
Fig.6. Typical on-state resistance, Tj = 25 C. RDS(ON) = f(VGS)
June 2000
4
Rev 1.000
Philips Semiconductors
Product specification
N-channel TrenchMOS transistor
PSMN030-150P
Drain current, ID (A) 50 45 40 35 30 25 20 15 10 5 0 0 1 2 3 4 5 6 7 8 9 10 Gate-source voltage, VGS (V) 175 C Tj = 25 C VDS > ID X RDS(ON)
4.5 4 3.5 3 2.5 2 1.5 1 0.5 0
Threshold Voltage, VGS(TO) (V) maximum typical
minimum
-60
-40
-20
0
20
40
60
80
100 120 140 160 180
Junction Temperature, Tj (C)
Fig.7. Typical transfer characteristics. ID = f(VGS); parameter Tj
Transconductance, gfs (S) VDS > ID X RDS(ON) Tj = 25 C
Fig.10. Gate threshold voltage. VGS(TO) = f(Tj); conditions: ID = 1 mA; VDS = VGS
55 50 45 40 35 30 25 20 15 10 5 0
1.0E-01
Drain current, ID (A)
1.0E-02
175 C
1.0E-03
minimum typical
1.0E-04 maximum 1.0E-05
1.0E-06
0 5 10 15 20 25 30 35 Drain current, ID (A) 40 45 50
0
0.5
1 1.5 2 2.5 3 3.5 Gate-source voltage, VGS (V)
4
4.5
5
Fig.8. Typical transconductance, Tj = 25 C. gfs = f(ID)
Fig.11. Sub-threshold drain current. ID = f(VGS); Tj = 25 C
Normalised On-state Resistance 2.9 2.7 2.5 2.3 2.1 1.9 1.7 1.5 1.3 1.1 0.9 0.7 0.5 -60 -40 -20 0 20 40 60 80 100 120 140 160 180 Junction temperature, Tj (C)
Capacitances, Ciss, Coss, Crss (pF) 10000 Ciss
1000
Coss Crss 100 0.1 1 10 Drain-Source Voltage, VDS (V) 100
Fig.9. Normalised drain-source on-state resistance. RDS(ON)/RDS(ON)25 C = f(Tj)
Fig.12. Typical capacitances, Ciss, Coss, Crss. C = f(VDS); conditions: VGS = 0 V; f = 1 MHz
June 2000
5
Rev 1.000
Philips Semiconductors
Product specification
N-channel TrenchMOS transistor
PSMN030-150P
Maximum Avalanche Current, IAS (A)
Gate-source voltage, VGS (V) 16 14 12 10 8 6 4 2 0 0 10 20 30 40 50 60 70 80 90 100 110 120 130 140 150 Gate charge, QG (nC)
VDD = 30 V ID = 55.5A Tj = 25 C
100
25 C
VDD =120 V
10 Tj prior to avalanche = 150 C
1 0.001
0.01
0.1 Avalanche time, tAV (ms)
1
10
Fig.13. Typical turn-on gate-charge characteristics VGS = f(QG)
Fig.15. Maximum permissible non-repetitive avalanche current (IAS) versus avalanche time (tAV); unclamped inductive load
Source-Drain Diode Current, IF (A) 50 45 40 35 30 25 20 15 10 5 0 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 Source-Drain Voltage, VSDS (V) 175 C Tj = 25 C VGS = 0 V
Fig.14. Typical reverse diode current. IF = f(VSDS); conditions: VGS = 0 V; parameter Tj
June 2000
6
Rev 1.000
Philips Semiconductors
Product specification
N-channel TrenchMOS transistor
MECHANICAL DATA
Plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead TO-220
PSMN030-150P
SOT78
E P
A A1 q
D1
D
L2(1)
L1 Q
L
b1
1
2
3
b c
e
e
0
5 scale
10 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 4.5 4.1 A1 1.39 1.27 b 0.9 0.7 b1 1.3 1.0 c 0.7 0.4 D 15.8 15.2 D1 6.4 5.9 E 10.3 9.7 e 2.54 L 15.0 13.5 L1 3.30 2.79 L2 max. 3.0
(1)
P 3.8 3.6
q 3.0 2.7
Q 2.6 2.2
Note 1. Terminals in this zone are not tinned. OUTLINE VERSION SOT78 REFERENCES IEC JEDEC TO-220 EIAJ EUROPEAN PROJECTION ISSUE DATE 97-06-11
Fig.16. SOT78 (TO220AB); pin 2 connected to mounting base (Net mass:2g) Notes 1. This product is supplied in anti-static packaging. The gate-source input must be protected against static discharge during transport or handling. 2. Refer to mounting instructions for SOT78 (TO220AB) package. 3. Epoxy meets UL94 V0 at 1/8".
June 2000
7
Rev 1.000
Philips Semiconductors
Product specification
N-channel TrenchMOS transistor
DEFINITIONS
Data sheet status Objective specification Product specification Limiting values
PSMN030-150P
This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications.
Preliminary specification This data sheet contains preliminary data; supplementary data may be published later.
Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. Philips Electronics N.V. 2000 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
June 2000
8
Rev 1.000


▲Up To Search▲   

 
Price & Availability of PSMN030-150P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X