Part Number Hot Search : 
HFS8N70S DPLS350Y MAX9150 MX7224LN MYB32C TN3002 RF164 MPS4126
Product Description
Full Text Search
 

To Download PD2508 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DIODE MODULE
FEATURES
* Isolated Base * Dual Diodes Cathode Common and Cascaded Circuit * High Surge Capability * UL Recognized, File No. E187184
250A/300 to 800V
PC2503,PC2504,PC2508 PD2503,PD2504,PD2508
OUTLINE DRAWING
PC
TYPICAL APPLICATIONS
* Rectified For General Use
PD
Maximum Ratings
Parameter
Repetitive Peak Reverse Voltage Non Repetitive Peak Reverse Voltage
Approx Net Weight:530g Symbol VRRM VRSM
Type / Grade
PC/D2503 300 400 PC/D2504 400 500 PC/D2508 800 900
Max Rated Value
Unit
V
Parameter
Average Rectified Output Current RMS Forward Current Surge Forward Current I Squared t Operating JunctionTemperature Range Storage Temperature Range Isoration Voltage Case mounting Mounting torque Terminals IO(AV) IF(RMS) IFSM I2t Tjw Tstg Viso Ftor
Conditions
50Hz Half Sine Wave condition Tc=95C 50 Hz Half Sine Wave,1cycle Non-repetitive 2msec to 10msec
Unit
A A A
250 390 5000
125000 A2s -40 to +150 C -40 to +125 C Base Plate to Terminals, AC1min 2000 V M6 Screw 2.5 to 3.5 N*m M8 Screw 9.0 to 10.0
Electrical * Thermal Characteristics
Characteristics
Peak Reverse Current Peak Forward Voltage Thermal Resistance Symbol Test Conditions Max. Unit 40 1.22 0.2 0.1 mA V C/W IRM VRM= VRRM, Tj= 150C VFM IFM= 800A, Tj=25C Rth(j-c) Junction to Case Base Plate to Heat Sink with Thermal Rth(c-f) Compound
PC/D250x OUTLINE DRAWING (Dimensions in mm)
PC
PD


▲Up To Search▲   

 
Price & Availability of PD2508

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X