Part Number Hot Search : 
2SA1667 IR3839 2SK625 MLL5954 S1616 EM641FV8 FLK5LED CH29BU
Product Description
Full Text Search
 

To Download OP705D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Bulletin OP705 March 1999
NPN Phototransistor with Base-Emitter Resistor Types OP705A, OP705B, OP705C, OP705D
Features * * * *
Narrow receiving angle Variety of sensitivity ranges T-1 package style Small package size for space limited applications * Base-emitter resistor provides ambient light protection
Absolute Maxi mum Ratings (TA = 25o C unless otherwise noted)
Collector-Emitter Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30 V Emitter Reverse Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 mA Collector DC Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30 mA Storage and Operating Temperature Range. . . . . . . . . . . . . . . . . . -40o C to +100o C Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 sec. with soldering iron] . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260o C(1) Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100 mW(2)
O-ae (1) RMA flux is recommended. Duration can be extended to 10 sec. max. when flow soldering. Max. 20 grams force may be applied to leads when soldering. (2) Derate linearly 1.33 mW /o C above 25 o C. (3) Light source is an unfiltered GaAs LED with a peak emission wavelength of 935 nm and a radiometric intensity level which varies less than 10% over the entire lens surface of the phototransistor being tested. (4) The knee point irradiance is defined as the irradiance required to increase IC(ON) to 50** A.
Description
The OP705 series devices consist of NPN silicon phototransistors molded in blue tinted epoxy packages. The narrow receiving angle provides excellent onaxis coupling. These devices are 100% production tested using infrared light for close correlation with Optek's GaAs and GaAlAs emitters. The phototransistor has an internal baseemitter resistor which provides protection from low level ambient lighting conditions. This feature is also useful when the media being detected is semitransparent to infrared light in interruptive applications.
Typical Performance Curves
I*1/2 I1/2(R) I--
Schematic
E o Optek Technology, Inc. 1215 W. Crosby Road Carrollton, Texas 75006 5 (972) 323-2200 Fax (972) 323-2396
Types OP705A, OP705B, OP705C, OP705D
Electrical Characteristics (TA = 25o C unless otherwise noted) SYMBOL PARAMETER
On-State Collector Current IC(ON) OP705A OP705B OP705C OP705D
MIN TYP MAX UNITS
3.95 2.65 1.50 1.50 .02 100 100 30 0.4 12.0 7.25 4.85 12.0
TEST CONDITIONS
VCE = 5 V, Ee = .50 mW/cm
2(3)
mA
EKP ICEO IECO V(BR)CEO VCE(SAT)
Knee Point Irradiance Collector-Emitter Dark Current Emitter-Reverse Current Collector-Emitter Breakdown Voltage Collector-Emitter Saturation Voltage
mW/cm2 VCE = 5 V(4) nA A V V VCE = 10 V, Ee = 0 VEC = 0.4 V IC = 100 A IC = 250 A, Ee = .50 mW/cm
2(3)
Typical Performance Curves
Normalized Collector Current vs. Angular Displacement
Normalized Light and Dark Current vs. Ambient Temperature
i i i O* Y(R)(R) oi oi
On-State Collector Current vs. Irradiance
Nee
Nee U(R) Y(R)(R) oi oi oi oi oi E YU a e E OUUae * a cie oi i
* - Angular Displacement - Deg.
I o 3/4* I(R)(R) o **Y
Ee - Irradiance - mW/cm2
Normalized Output vs. Frequency
io
VRL = 1 V VCE = 5 V 50% Duty Cycle LED: * = 935 nm
Typical Rise and Fall Time vs. Load Resistance
ii ie c ee
VCC = 5 V VRL = 1 V f = 100 Hz PW = 1 mS LED = GaAIAS, * = 890 nm VRL is voltage across R L
Switching Time Test Circuit
oe IO a iO* IO a iO*
e ie i ie i i i i i i e e i I- Y1/4**-ae O* -(R)1/2 *- -1/4 OUU (c)*o (R) 1/4 * e -o xU *- 1/4-1/4 (R) ENEI a i Eo
o
Frequency - KHz
IO o O1/4 I-*-1/2 o O*
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible. Optek Technology, Inc. 1215 W. Crosby Road Carrollton, Texas 75006 (972) 323-2200 Fax (972) 323-2396 6


▲Up To Search▲   

 
Price & Availability of OP705D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X