Part Number Hot Search : 
74LCX54 1N5785 74LS95N FQPF6N15 PMB23 KBP01 PMB23 PMB23
Product Description
Full Text Search
 

To Download NREL472M6318X21TRF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Miniature Aluminum Electrolytic Capacitors
LOW PROFILE, RADIAL LEAD, POLARIZED FEATURES * LOW PROFILE APPLICATIONS * HIGH STABILITY AND PERFORMANCE CHARACTERISTICS
Rated Voltage Range Capacitance Range Operating Temperature Range Capacitance Tolerance After 1 min. Max. Leakage Current @ (20oC) After 2 min.
NREL Series
includes all homogeneous materials *See Part Number System for Details
6.3 ~ 100 VDC 22 ~ 4,700F -40 ~ +85C + 20%
RoHS Compliant
Max. Tan @ 120Hz/20C
Low Temperature Stability Impedance Ratio @ 120Hz
Load Life Test at Rated W.V. 85C 2,000 Hours: 8 3,000 Hours: 10
W.V. (Vdc) S.V. (Vdc) C < 1,000F C = 2,200F C = 3,300F C = 4,700F Z-25C/Z+20C Z-40C/Z+20C Capacitance Change Tan Leakage Current
0.03CV or 4A , whichever is greater 0.01CV or 3A , whichever is greater 63 50 35 25 16 10 6.3 79 63 44 32 20 13 8 0.10 0.10 0.12 0.14 0.16 0.20 0.24 0.16 0.18 0.22 0.26 0.24 0.28 0.26 0.30 2 2 2 2 3 3 4 3 3 3 4 6 8 10 Within +20% of initial measured value Less than 200% of specified maximum value Less than specified maximum value
DIMENSIONS (mm)
100 125 0.10
2 3
PERMISSIBLE RIPPLE CURRENT (mA rms AT 120Hz AND 85C)


MAXIMUM ESR ( AT 120Hz AND 20C)















Polarity Marking


d 0.05
STANDARD PRODUCT AND CASE SIZE TABLE D x L (mm)
Cap (F) Code 22 100 220 330 470 1,000 2,200 3,300 4,700 220 101 221 331 471 102 222 332 472 Working Voltage (Vdc) 6.3 10 16 25 35 50 63 100 10x9.5 10x9.5 10x9.5 16x16 10x9.5 10x9.5 18x21 10x9.5 10x9.5 10x12.5 12.5x16 16x16 16x16 10x9.5 12.5x16 16x16 16x16 16x21 12.5x16 12.5x16 16x16 18x21 16x16 16x16 16x16 16x21 18x21 18x21 18x21 18x21 -
Insulation Sleeve
F 0.5
L + max.
15mm Min.
4mm Min.
D
LEAD SPACING AND DIAMETER (mm)
Case Dia. (D)
NREL 471 M 35V 16X16 TR
PART NUMBERING SYSTEM
RoHS Compliant Tape and Reel* Size (D x L) Rated Voltage Tolerance Code Capacitance Code
F
10
12.5
16
18
Leads Dia. (d) Lead Spacing (F) Dim. Dim.
0.6 5.0 0.5 1.5
0.6 5.0 0.5 1.5
0.8 7.5 0.5 2.0
0.8 7.5 0.5 2.0
Series
*see tape specification for details
(R)
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
49


▲Up To Search▲   

 
Price & Availability of NREL472M6318X21TRF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X