Part Number Hot Search : 
EUP2471 1A239 DA12CN X9316WP 40020 NJM2206 SW4100 2SA1489
Product Description
Full Text Search
 

To Download MURB1629-1TRRPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-21083 08/05
MURB1620CTPbF MURB1620CT-1PbF
Ultrafast Rectifier
Features
* * * * * Ultrafast Recovery Time Low Forward Voltage Drop Low Leakage Current 175C Operating Junction Temperature Lead-Free ("PbF" suffix)
trr = 25ns IF(AV) = 16Amp VR = 200V
Description/ Applications International Rectifier's MUR.. series are the state of the art Ultra fast recovery rectifiers specifically designed with optimized performance of forward voltage drop and ultra fast recovery time. The planar structure and the platinum doped life time control, guarantee the best overall performance, ruggedness and reliability characteristics. These devices are intended for use in the output rectification stage of SMPS, UPS, DC-DC converters as well as free-wheeling diode in low voltage inverters and chopper motor drives. Their extremely optimized stored charge and low recovery current minimize the switching losses and reduce over dissipation in the switching element and snubbers.
Absolute Maximum Ratings Parameters
VRRM IF(AV) IFSM IFM TJ, TSTG Peak Repetitive Peak Reverse Voltage Average Rectified Forward Current Total Device, (Rated VR ), TC = 150C Non Repetitive Peak Surge Current Peak Repetitive Forward Current (Rated VR , Square wave, 20 KHz), TC = 150C Operating Junction and Storage Temperatures -65 to 175 C Per Leg Total Device Per Leg Per Leg
Max
200 8.0 16 100 16
Units
V A
Case Styles
MURB1620CTPbF
MURB1620CT-1PbF
BASE COMMON CATHODE 2
BASE COMMON CATHODE 2
1
2
3
1
2
3
ANODE COMMON ANODE CATHODE 1 2
ANODE COMMON ANODE CATHODE 1 2
D2PAK www.irf.com
TO-262 1
MURB1620CTPbF, MURB1620CT-1PbF
Bulletin PD-21083 08/05
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
Parameters
VBR, Vr VF Breakdown Voltage, Blocking Voltage Forward Voltage
Min Typ Max Units Test Conditions
200 25 8.0 0.975 0.895 5 250 V V V A A pF nH IR = 100A IF = 8A IF = 8A, TJ = 150C VR = V R Rated TJ = 150C, VR = V R Rated VR = 200V Measured lead to lead 5mm from package body
IR
Reverse Leakage Current
-
CT LS
Junction Capacitance Series Inductance
-
Dynamic Recovery Characteristics @ TJ = 25C (unless otherwise specified)
Parameters
trr Reverse Recovery Time
Min Typ Max Units Test Conditions
-
20 34
35 25 -
ns
IF = 1.0A, diF/dt = 50A/s, VR = 30V IF = 0.5A, IR = 1.0A, IREC = 0.25A TJ = 25C TJ = 125C IF = 8A VR = 160V diF /dt = 200A/s
IRRM
Peak Recovery Current
-
1.7 4.2 23 75
-
A
TJ = 25C TJ = 125C
Qrr
Reverse Recovery Charge
-
nC
TJ = 25C TJ = 125C
Thermal - Mechanical Characteristics
Parameters
TJ TStg RthJC RthJA RthCS Wt Max. Junction Temperature Range Max. Storage Temperature Range Thermal Resistance, Junction to Case Per Leg
Min
- 65 - 65 -
Typ
0.5 2.0 0.07 -
Max
175 175 3.0 50 12 10
Units
C
C/W
Thermal Resistance, Junction to Ambient Per Leg Thermal Resistance, Case to Heatsink Weight
g (oz) Kg-cm lbf.in
Mounting Torque
6.0 5.0
Marking Device
MURB1620CT MURB1620CT-1
Case style D2Pak Case style TO-262
Mounting Surface, Flat, Smooth and Greased
2
www.irf.com
MURB1620CTPbF, MURB1620CT-1PbF
Bulletin PD-21083 08/05
100
100
T J = 175C 150C
Reverse Current - I R (A)
10
1
125C 100C
0.1
25C
Instantaneous Forward Current - I F (A)
10
T = 175C
J
0.01
0.001 0 50 100 150 200 250
Reverse Voltage - VR (V) Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage
TJ = 150C TJ = 25C
1000
1
Junction Capacitance - C T (pF)
T = 25C J
100
0.1 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 Forward Voltage Drop - VFM (V) 1.8
10 1 10 100 1000
Reverse Voltage - VR (V) Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage
Fig. 1 - Typical Forward Voltage Drop Characteristics
10
(C/W)
1
Thermal Impedance Z
D = 0.50 D = 0.20 D = 0.10 D = 0.05 D = 0.02 D = 0.01
Notes:
thJC
PDM
t1 t2
0.1
Single Pulse (Thermal Resistance)
1. Duty factor D = t1/t 2
2. Peak Tj = Pdm x ZthJC + Tc
0.01 0.00001
0.0001
0.001
0.01
0.1
1
t1, Rectangular Pulse Duration (Seconds) Fig. 4 - Max. Thermal Impedance Z thJC Characteristics
www.irf.com
3
MURB1620CTPbF, MURB1620CT-1PbF
Bulletin PD-21083 08/05
180
Allowable Case Temperature (C) Average Power Loss ( Watts )
10
170
DC
8
D = 0.01 D = 0.02 D = 0.05 D = 0.10 D = 0.20 D = 0.50
160
6
150
Square wave (D = 0.50) Rated Vr applied
4 RMS Limit
DC
140
see note (2)
2
130 0 3 6 9 12
Average Forward Current - IF(AV) (A) Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current
0 0 3 6 9 12
Average Forward Current - IF(AV) (A) Fig. 6 - Forward Power Loss Characteristics
60
IF = 30 A IF = 15 A IF = 8 A
200
VR = 160V TJ = 125C TJ = 25C
50
160
IF = 30 A IF = 15 A IF = 8 A
Qrr ( nC )
VR = 160V TJ = 125C TJ = 25C
trr ( ns )
40
120
30
80
20
40
10 100
di F /dt (A/s )
1000
0 100
di F /dt (A/s )
1000
Fig. 7 - Typical Reverse Recovery vs. di F /dt
Fig. 8 - Typical Stored Charge vs. di F /dt
(2) Formula used: TC = TJ - (Pd + PdREV) x R thJC ; Pd = Forward Power Loss = I F(AV) x VFM @ (I F(AV) / D) (see Fig. 6); Pd REV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = rated VR
4
www.irf.com
MURB1620CTPbF, MURB1620CT-1PbF
Bulletin PD-21083 08/05
Reverse Recovery Circuit
VR = 200V
0.01 L = 70H D.U.T.
di F /dt dif/dt ADJUST G
D IRFP250 S
Fig. 9- Reverse Recovery Parameter Test Circuit
3
IF 0
t rr ta tb
4
2
Q rr I RRM
0.5 I RRM di(rec)M/dt 0.75 I RRM
5
1
/dt di fF/dt
4. Qrr - Area under curve defined by t rr and IRRM t rr x I RRM Q rr = 2 5. di (rec) M / dt - Peak rate of change of current during t b portion of t rr
1. diF/dt - Rate of change of current through zero crossing 2. IRRM - Peak reverse recovery current 3. trr - Reverse recovery time measured from zero crossing point of negative going IF to point where a line passing through 0.75 IRRM and 0.50 I RRM extrapolated to zero current
Fig. 10 - Reverse Recovery Waveform and Definitions
www.irf.com
5
MURB1620CTPbF, MURB1620CT-1PbF
Bulletin PD-21083 08/05
Outlines Table
BASE COMMON CATHODE 2
1
2
3
ANODE COMMON ANODE CATHODE 1 2
Conform to JEDEC outline D2Pak (SMD-220) Dimensions in millimeters and (inches)
Modified JEDEC outline TO-262 Dimensions in millimeters and (inches)
BASE COMMON CATHODE 2
1
2
3
ANODE COMMON ANODE CATHODE 1 2
NC
6
www.irf.com
MURB1620CTPbF, MURB1620CT-1PbF
Bulletin PD-21083 08/05
Part Marking Information
D2PAK
PART NUMBER
MURB1620CT
THIS IS A MURB1620CT LOT CODE 8024 ASSEMBLED ON WW 02, 2000
INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE
DATE CODE YEAR 0 = 2000 WEEK 02 P = LEAD-FREE
TO-262
THIS IS A MURB1620CT-1 LOT CODE 8024 ASSEMBLED ON WW 02, 2000
INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE
PART NUMBER
MURB1620CT-1
DATE CODE YEAR 0 = 2000 WEEK 02 P = LEAD-FREE
www.irf.com
7
MURB1620CTPbF, MURB1620CT-1PbF
Bulletin PD-21083 08/05
Tape & Reel Information
TRR
1.60 (0.063) 1.50 (0.059)
4.10 (0.161) 3.90 (0.153) FEED DIRECTION
1.60 (0.063) 1.50 (0.059)
DIA. 0.368 (0.0145) 0.342 (0.0135)
1.85 (0.073) 1.65 (0.065)
11.60 (0.457) 11.40 (0.449)
15.42 (0.609) 15.22 (0.601) 1.75 (0.069) 24.30 (0.957) 23.90 (0.941)
TRL
10.90 (0.429) 10.70 (0.421)
1.25 (0.049) 16.10 (0.634) 15.90 (0.626)
DIA.
4.72 (0.186) 4.52 (0.178)
FEED DIRECTION
13.50 (0.532) 12.80 (0.504)
DIA.
26.40 (1.039) 24.40 (0.961)
SMD-220 Tape & Reel When ordering, indicate the part number, part orientation, and the quantity. Quantities are in multiples
60 (2.362) D IA . MIN.
360 (14.173) DIA. MAX.
of 800 pieces per reel for both TRL and T RR.
Dimensions in millimeters and (inches)
8
www.irf.com
MURB1620CTPbF, MURB1620CT-1PbF
Bulletin PD-21083 08/05
Ordering Information Table
Device Code
MUR
1
B
2
16
3
20
4
CT
5
-1
6
TRL PbF
7 8
1 2 3 4 5 6 7 6 8
-
Ultrafast MUR Series B = D2Pak/ TO-262 Current Rating (16 = 16A) Voltage Rating (20 = 200V) CT -1 = Center Tap (Dual) TO-220 /D2PAK/ TO-262 = TO-262
none = Tube (50 pieces) TRL = Tape & Reel (Left Oriented, for D2PAk package) TRR = Tape & Reel (Right Oriented, for D 2PAk package)
-
none = Standard Production PbF = Lead-Free
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level and Lead-Free. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 08/05
www.irf.com
9


▲Up To Search▲   

 
Price & Availability of MURB1629-1TRRPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X