Part Number Hot Search : 
030AA SRFL1060 01360 S0611 28050 MM3Z2XVC LV8011V GI01N60
Product Description
Full Text Search
 

To Download MP60-E-HC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PENTIUM PRO PROCESSOR VOLTAGE REGULATOR MODULE
November 3, 1997
(R)
MP60-E
TEL:805-498-2111 FAX:805-498-3804 WEB:http://www.semtech.com
DESCRIPTION
The MP60 series of power modules are economical switching DC/DC converters with an integral connector conforming to Intel Corporation's Voltage Regulator Module specification for the Pentium(R) Pro Processor. The modules have additional monitoring functions for Power Good Signal, Output Enable and Upgrade Present. The output voltage can be set between 2.1V and 3.5V by means of a four bit voltage identification code, to support current and future versions of the Pentium Pro and OverDrive(R) processor variants. To power Pentium II processors (VRM 8.1) use MP60-F or MP60-G.
FEATURES * Integral 40-pin header connector * Programmable output voltage to suit processor * * *
(by VID code); adjustable from 2.1 to 3.5V Maximum output current 15A Efficiency >80% at full load Designed to specifications for Intel Pentium(R) Pro Processor voltage regulator module
APPLICATIONS * Intel Pentium(R) Pro Power Supply * Deshutes Memory Power Supply (2.5V)
ORDERING INFORMATION
DEVICE MP60-E MP60-E-HC IOUT 13A 15A VOUT (volts) 4 Bit Programmable 4 Bit Programmable
ELECTRICAL CHARACTERISTICS
Conditions: VO = 3.1V, VIN = 4.75 - 5.25V, IO = 10A, unless otherwise stated.
PARAMETER Output Voltage Output Current MP60-E Output Current MP60-E-HC Current Surge Limit MP60-E Current Surge Limit MP60-E-HC Output over voltage protection Output slew rate Quiescent Current Temperature Coefficient Temperature Stability Operating Efficiency (full load) Switching Frequency DC output ripple voltage Operating Temperature Range
SYMBOL VO IO IO IS IS
MIN 0.95IVOl 0.3 0.3 15 16.5 30 1
TYP
MAX 1.05lVOI 13 15
Setpoint + 20% IQ TC TS fSW TJ
TBD TBD 80 200 0 48 60
UNITS V A A A A V A/s mA %/C % % kHz mVp-p C
Pentium and OverDrive are registered trademarks of Intel Corporation
(c) 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
PENTIUM PRO PROCESSOR VOLTAGE REGULATOR MODULE
November 3, 1997 INPUT AND OUTPUT CONNECTIONS Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 Row A 5V in 5V in 5V in 12V in Reserved Reserved VID0 VID2 UP# VCCP VSS VCCP VSS VCCP VSS VCCP VSS VCCP VSS VCCP Row B 5V in 5V in 5V in 12V in Reserved OUTEN VID1 VID3 PWRGD VSS VCCP VSS VCCP VSS VCCP VSS VCCP VSS VCCP VSS Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 End view of VRM connector (viewed from motherboard side) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 VRM PCB B A
(R)
MP60-E
VOLTAGE REGULATOR MODULE CONNECTOR PIN REFERENCE
Pin Name PWRGD Pin Function Power Good: When the output voltage is not within specifications (nominal or selected voltage + 7%) this signal will be in the low state. The PWRGD signal will change to the proper state within 5ms of the output coming into or going out of specification. Output Enable: A low state disables the output voltage. When disabled, the PWRGD signal shall be in the low state. Upgrade Present: Used to indicate the presence of an upgrade processor. Typical state is high (standard processor in system). When in the low or ground state (OverDriveTM processor in system) the output voltage shall be disabled unless the converter can supply to an OverDrive processor's specifications. When disabled, the PWRGD output will be in the low state. Voltage Identification: The module will accept four open collector signals, used to indicate the voltage required by the processor, as defined by Intel Main power input for regulation. Must also be connected (input for control circuits only)
OUTEN UP#
VID(0:3) 5V in 12V in
Pentium and OverDrive are registered trademarks of Intel Corporation
(c) 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320
PENTIUM PRO PROCESSOR VOLTAGE REGULATOR MODULE
November 3, 1997
VOLTAGE IDENTIFICATION CODE VID3 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 Pentium Pro Pins VID2 VID1 1 1 1 1 1 0 1 0 0 1 0 1 0 0 0 0 1 1 1 1 1 0 1 0 0 1 0 1 0 0 0 0 VID0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 VCCP (VDC) 2.0 (no CPU) 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 3.1 3.2 3.3 3.4 3.5
(R)
MP60-E
0 = processor pin connected to VSS, 1 = open
MECHANICAL DIMENSIONS
Component size and location for illustration only
Dimension A B C D E F G H J K
mm 79.7 43.2 24.4 57.4 8.13 10.67 + 0.13 3.81 6.50 21.6 2.5
inch 3.14 1.70 0.96 2.26 0.32 0.42 + 0.005 0.15 0.26 0.85 0.10 Max Max Max Typ Typ Typ Typ Min Max Min
Pentium and OverDrive are registered trademarks of Intel Corporation
(c) 1997 SEMTECH CORP.
652 MITCHELL ROAD NEWBURY PARK CA 91320


▲Up To Search▲   

 
Price & Availability of MP60-E-HC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X