Part Number Hot Search : 
IRC111 SVC203CP CD4050 ACT25 1N5384B B1001 68HC70 EC2C33
Product Description
Full Text Search
 

To Download MDD310-22V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LTO-DMS
MDD310-08V thru MDD310-22V
Diode/Diode Module
LTO-DMS Semiconductor Corporation 1468, 86th Street, Brooklyn, New York, 11228, USA Tel: (718) 234 6010 / (707) 3223 4679 Fax:(718) 234 6013 / (707) 3223 6696
3 2
VRSM V
900 1300 1500 1700 1900 2100 2300
VRRM V
800 1200 1400 1600 1800 2000 2200
Type
MDD310-08V MDD310-12V MDD310-14V MDD310-16V MDD310-18V MDD310-20V MDD310-22V
3 1 2 1
Symbol
IFRM IFAVM IFSM
Test Conditions
TVJ=TVJM TC=100 TVJ=45 VR=0 TVJ=TVJM VR=0 TVJ=45 VR=0 TVJ=TVJM VR=0 180 sine t=10 ms t=8.3 ms t=10 ms t=8.3 ms t=10 ms t=8.3 ms t=10 ms t=8.3 ms (50Hz),sine (60Hz),sine (50Hz),sine (60Hz),sine (50Hz),sine (60Hz),sine (50Hz),sine (60Hz),sine
Maximum Ratings
480 310 11500 12200 9600 10200 662000 620000 460000 430000 -40 +150 150 -40 +150 3000 3600 2.5-5 12-15 320 A A A A A A A2S 2 AS A2S A2S
Features
*Package with screw terminals *Isolation Voltage 3600V*Planar glasspassivated chips *Low forward voltage drop
Applications
*Heat and temperature control for industrial fumaces and chemical processes *Lighting control *Motor control *Power converter
i dt
2
TVJ TVJM Tstg VISOL Md Weight 50/60Hz,RMS t=1min IISOL 1mA t=1s Mounting Torque Terminal connection torque Typ.
Advantages
V V Nm Nm g *Easy to mount with two screws *Space and weight savings *Improved temperature and power cycling *High power density
(M5) (M8)
Symbol
IR VF VTO rT QS IRM RthJC RthJK ds dA a
Test Conditions
VR=VRRM TVJ=TVJM IF=600A TVJ=25 For power-loss calculations only TVJ=TVJM TVJ=125 ,IF=400A,-di/dt=50A/ s per Diode;DC current per module per Diode;DC current per module Creeping distance on surface Creeping distance in air Max.allowable acceleration
Dimensions in mm (1 mm = 0.0394")
Characteristic Value
40 1.2 0.75 0.63 760 275 0.129 0.065 0.169 0.0845 12.7 9.6 50 mA V V m C A K/W K/W K/W K/W mm mm m/s2
Revision:1
2002/06/17


▲Up To Search▲   

 
Price & Availability of MDD310-22V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X