Part Number Hot Search : 
A1705 G1117 AP3842GP MURS360 2SK182 SD150 SMA51 2SK38
Product Description
Full Text Search
 

To Download MBRB20CTPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bulletin PD-21019 rev. C 01/07
MBRB20...CTPbF MBR20...CT-1PbF
SCHOTTKY RECTIFIER 20 Amp
IF(AV) = 20Amp VR = 80/ 100V
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform (Per Device) IFRM VRRM IFSM @ tp = 5 s sine VF TJ @ 10 Apk, TJ = 125C range @ TC = 133C (Per Leg) 20 80/90/100 850 0.70 - 65 to 150 A V A V C
Description/ Features Units
A This center tap Schottky rectifier has been optimized for low reverse leakage at high temperature. The proprietary barrier technology allows for reliable operation up to 150 C junction temperature. Typical applications are in switching power supplies, converters, free-wheeling diodes, and reverse battery protection. 150 C TJ operation Center tap TO-220, D2Pak and TO-262 packages Low forward voltage drop High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance High frequency operation Guard ring for enhanced ruggedness and long term reliability
Values
20
Case Styles
MBRB20...CTPbF MBR20...CT-1PbF
Base Common Cathode
2
Base Common Cathode
2
1
Anode
2 Common Cathode
3
1
Anode
Anode
2 Common Cathode
3
Anode
D2PAK www.irf.com
TO-262 1
MBRB20...CTPbF, MBR20...CT-1PbF Series
Bulletin PD-21019 rev. C 01/07
Voltage Ratings
Parameters
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
MBRB2080CTPbF MBR2080CT-1PbF MBRB2090CTPbF MBR2090CT-1PbF MBRB20100CTPbF MBR20100CT-1PbF
80
90
100
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward (Per Leg) Current (Per Device) IFRM Peak Repetitive Forward Current (Per Leg) IFSM Non Repetitive Peak Surge Current
Values
10 20 20 850 150
Units
A A
Conditions
@ TC = 133 C, (Rated VR) Rated VR, square wave, 20kHz TC = 133 C 5s Sine or 3s Following any rated load condition and with rated VRRM applied Rect. pulse Surge applied at rated load conditions halfwave, single phase, 60Hz 2.0 sec 1.0 KHz TJ = 25 C, IAS = 2 Amps, L = 12 mH
A A mJ
IRRM Peak Repetitive Reverse Surge Current EAS Non-Repetitive Avalanche Energy (Per Leg)
0.5 24
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (1)
Values
0.80 0.95 0.70 0.85
Units
V V V V mA mA V
m
Conditions
@ 10A @ 20A @ 10A @ 20A TJ = 25 C TJ = 125 C
TJ = TJ max.
TJ = 25 C TJ = 125 C Rated DC voltage
IRM
Max. Instantaneus Reverse Current (1)
0.10 6 0.433 15.8 400 8.0 10000
VF(TO) Threshold Voltage rt CT LS Forward Slope Resistance Max. Junction Capacitance Typical Series Inductance
pF nH
VR = 5VDC (test signal range 100Khz to 1Mhz) 25C Measured from top of terminal to mounting plane
(1) Pulse Width < 300s, Duty Cycle <2%
dv/dt Max. Voltage Rate of Change
V/ s (Rated VR)
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
Values
-65 to 150 -65 to 175 2.0 0.50 50 2 (0.07) Min. Max. 6 (5) 12 (10)
Units
C C
Conditions
RthJC Max. Thermal Resistance Junction to Case (Per Leg) RthCS Typical Thermal Resistance Case to Heatsink RthJA Max. Thermal Resistance Junction to Ambient wt T Approximate Weight Mounting Torque Marking Device
C/W DC operation C/W Mounting surface, smooth and greased Only for TO-220 C/W DC operation For D2Pak and TO-262 g (oz.) Kg-cm Non-lubricated threads (Ibf-in) Case style D2Pak Case style TO-262
MBRB20...CT MBR20...CT-1
2
www.irf.com
MBRB20...CTPbF, MBR20...CT-1PbF Series
Bulletin PD-21019 rev. C 01/07
100
100 10 1 0.1 0.01 0.001 0.0001
Reverse Current - IR (mA)
TJ = 150C 125C 100C 75C 50C 25C
Instantaneous Forward Current - IF (A)
TJ = 150C TJ = 125C TJ = 25C 10
0
20
40
60
80
100
Reverse Voltage - VR (V)
Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage (Per Leg)
1000 Junction Capacitance - C T (pF)
TJ = 25C
100
1 0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
10
0
20
40
60
80
100
Forward Voltage Drop - V FM (V)
Reverse Voltage - VR (V)
Fig. 1 - Max. Forward Voltage Drop Characteristics (Per Leg)
10 T hermal Impedance Z thJC (C/ W)
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (Per Leg)
1
D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0.20
P DM
0.1 S ingle Pulse (T hermal Resistanc e) 0.01 0.00001 Notes:
t1 t2
1. Duty factor D = t 1/ t 2 2. Peak T = P x Z thJC+ TC J DM 0.01 0.1 1 10
0.0001
0.001
t 1 , Rectangular Pulse Duration (S onds) ec
Fig. 4 - Max. Thermal Impedance ZthJC Characteristics (Per Leg)
www.irf.com
3
MBRB20...CTPbF, MBR20...CT-1PbF Series
Bulletin PD-21019 rev. C 01/07
150 Allowable Case T emperature - (C)
10 Average Power Loss - (Watts) D = 0.20 D = 0.25 D = 0.33 D = 0.50 D = 0.75 DC RMSLimit 4
140
DC
8
130 S quare wave (D = 0.50) Rated VR applied
6
120
110
see note (2)
2
100
0
2
4
6
8
10
12
14
16
0
0
2
4
6
8
10
12
14
16
Average Forward Current - I F(AV) (A)
Average Forward Current - I F(AV) (A)
Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current (Per Leg)
Fig. 6 - Forward Power Loss Characteristics (Per Leg)
Non-Repetitive S urge Current - I FS (A) M
1000 At Any Rated Load Condition And With Rated VRRM Applied Following S urge
100 10
100
1000
10000
S quare Wave Pulse Duration - t p (microsec)
Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
(2) Formula used: TC = TJ - (Pd + PdREV) x RthJC ; Pd = Forward Power Loss = IF(AV) x VFM @ (IF(AV) / D) (see Fig. 6); PdREV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = rated VR
4
www.irf.com
MBRB20...CTPbF, MBR20...CT-1PbF Series
Bulletin PD-21019 rev. C 01/07
Outlines Table
Conform to JEDEC outline D2Pak (SMD-220) Dimensions in millimeters and (inches)
Modified JEDEC outline TO-262 Dimensions in millimeters and (inches)
www.irf.com
5
MBRB20...CTPbF, MBR20...CT-1PbF Series
Bulletin PD-21019 rev. C 01/07
Part Marking Information
D2PAK
THIS IS A MBRB20100CTPbF LOT CODE 8024 ASSEMBLED ON WW 02, 2000 INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE PART NUMBER
MBRB20100CT
DATE CODE YEAR 0 = 2000 WEEK 02 P = LEAD-FREE
TO-262
EXAMPLE: THIS IS A MBR20100CT-1PbF LOT CODE 1789 ASSEMBLED ON WW 19, 1999 INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE
PART NUMBER
DATE CODE YEAR 9 = 1999 WEEK 19 P = LEAD-FREE
Tape & Reel Information
Dimensions in millimeters and (inches)
6
www.irf.com
MBRB20...CTPbF, MBR20...CT-1PbF Series
Bulletin PD-21019 rev. C 01/07
Ordering Information Table
Device Code
MBR
1
B
2
20
3
100
4
CT
5
-1
6
TRL
7
P
8
1 2 3 4 5 6 7
-
Essential Part Number B = D2Pak 6 none 6 = -1 80 = 80V 90 = 90V 100 = 100V none = TO-262 Voltage Ratings CT -1 = Essential Part Number 2 =B 2 none = TO-262 none = D2Pak
Current Rating (20 = 20A)
-
none = Tube (50 pieces) TRL = Tape & Reel (Left Oriented - for D2Pak only) TRR = Tape & Reel (Right Oriented - for D2Pak only)
8
-
none = Standard Production PbF = Lead-Free (for TO-262 and D 2Pak tube) P = Lead-Free (for D 2Pak TRR and TRL)
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level and Lead-Free. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 01/07
www.irf.com
7


▲Up To Search▲   

 
Price & Availability of MBRB20CTPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X