Part Number Hot Search : 
1215Z SIS43 VIPER50B P4KE47 2N6796 34907 UZ15BSA EW6018
Product Description
Full Text Search
 

To Download LN248WALU Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ultra Bright GaAIAs Lamps
Square Type 5.0 mm 2.0 mm Series
Conventional Part No. Global Prat No. Lighting Color
2 Max. NOT SOLDERED
Unit: mm
5.2 0.2 5.0 0.2 4.0 0.2 3.4 0.2 2.2 0.2 2.0 0.2
5.5 1.0 4.5
LN248WAL(U) ********* LNG248WDA *********** Red
s Absolute Maximum Ratings (Ta = 25C) Lighting Color PD(mW) IF(mA) IFP(mA) VR(V) Topr(C) Tstg(C) Red 70 150 30 3 -25 +85 -30 +100
IFP duty 10% Pulse width 1 msec. The condition of IFP is duty 10%, Pulse width 1 msec
2 - 1.0 0.1 2 - 0.6 0.1
3.9 4.9 0.3 13.0 1.0
10.0 0.2
0.6 0.1
1
2.54 2
1.5
1: Anode 2: Cathode
s Electro-Optical Characteristics (Ta = 25C) Conventional Part No. LN248WAL(U) Unit Lighting IO Lens Color Color Typ Min Red White Diffused 5 2 mcd mcd - - VF IF 20 mA Typ 1.8 V Max 2.6 V P Typ 665 nm Typ 20 nm IR IF 20 mA Max 100 A VR 3 V
IO IF
10 5 100 50
IF VF
Relative Luminous Intensity
500 300
IO Ta
Luminous Intensity
Forward Current
3
30
1 0.5 0.3
10 5 3
100 50 30
0.1 1
3
5
10
30
50
100
1
1.6
1.8
2.0
2.2
2.4
10 -20
0
20
40
60
80
100
Forward Current
Forward Voltage
Ambient Temperature
Relative Luminous Intensity Wavelength Characteristics
Relative Luminous Intensity
100 80 30 40 60 40 20 0 500 50 60 60 70 80 600 700 800 90 100 80 60 40 20 40 20 0 20 40 60 80 60 70 80 90 100 80
IF Ta
50
Directive Characteristics
20 10 0 10 20 30 40 50
Forward Current
40
30
20
10
0
0
20
40
60
80
100
Wavelength
Relative Luminous Intensity
Ambient Temperature
243


▲Up To Search▲   

 
Price & Availability of LN248WALU

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X