Part Number Hot Search : 
MJ160 UC3843N D112K SMC16C BZX55C15 74V1G02S 035CT 68HC00
Product Description
Full Text Search
 

To Download L4501DW1T1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Silicon NPN Epitaxial Planer Transistor
Feature
Pb-Free Package is available.
L4501DW1T1
6 5
4
1 2 3
SC-88/SOT-363
MAXIMUM RATINGS
Parameter Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector current-continuoun Characteristic Total Device Dissipation FR-5 Board, (1) TA=25 C Thermal Resistance, Junction to Ambient Junction and Storage Temperature R
JA o
Symbol VCEO VCBO VEBO IC
Ratings 50 60 7 150 Symbol PD
Unit V V V mAdc Max 380 328 -55 to +150 Unit mW
o
THERMAL CHARATEERISTICS
C/W
o
Tj ,Tstg
C
DEVICE MARKING
L4501DW1T1=5H
ELECTRICAL CHARACTERISTICS (TA=25oC unless otherwise noted)
Characteristic Symbol V(BR)CEO V(BR)EBO V(BR)CBO Min 50 7 60 Typ Max Unit V V V
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage (IC=1mA) Emitter-Base Breakdown Voltage (IE=50 A) Collector-Base Breakdown Voltage (IC=50 A) Collector Cutoff Current
(VCB=60V)
ICBO
-
-
0.1
A
L4501DW1T1-1/3
LESHAN RADIO COMPANY, LTD.
L4501DW1T1
0.1
EMITTER CUTOFF CURRENT VEB=7V
IEBO
-
-
A
ON CHARACTERISTICS
DC Current Gain (IC=1mA, VCE=6.0V) Collector-Emitter Saturation Voltage (IC=50mA,IB=5mA) Hfe 120 560
VCE(SAT) Ft Cobo
-
180 2
0.4 3.5
V MHz Pf
SMALL-SIGNAL CHARACTERISTICS
Current-Gain-Bandwidth Product (VCE = 12.0V; IE =-2.0 mA,f=100MHZ) Output Capacitance(VCE=12V,f=1.0MHz)
ORDERING INFORMATION
Device L4501DW1T1 L4501DW1T1G Marking 5H 5H (Pb-Free) Shipping 3000/Tape&Reel 3000/Tape&Reel
L4501DW1T1-2/3
LESHAN RADIO COMPANY, LTD.
L4501DW1T1
SC-88/SOT-363
NOTES:
A G
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. DIM INCHES MIN MAX 0.071 0.087 0.045 0.053 0.031 0.043 0.004 0.012 0.026 BSC --0.004 0.004 0.010 0.004 0.012 0.008 REF 0.079 0.087 MILLIMETERS MIN MAX 1.80 2.20 1.15 1.35 0.80 1.10 0.10 0.30 0.65 BSC --0.10 0.10 0.25 0.10 0.30 0.20 REF 2.00 2.20
6 S 1
5
4 - B-
2
3
D6PL
0.2 (0.008) M B M N J
A B C D G H J K N S
C
H
K
PIN 1. EMITTER 1 2. BASE 1 3. COLLECTOR 2 4.EMITTER 2 5. BASE 2 6.COLLECTOR 1
0.5 mm (min)
0.4 mm (min)
1.9 mm
0.65 mm 0.65 mm
L4501DW1T1-3/3


▲Up To Search▲   

 
Price & Availability of L4501DW1T1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X