Part Number Hot Search : 
AOD460L 74LVT BD235 FMMT451 1N4740 1N4740 FR1010FC F4347
Product Description
Full Text Search
 

To Download IS9-1845ASRHPROTO Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
IS-1845ASRH
Data Sheet October 2003 FN9001.3
Single Event Radiation Hardened High Speed, Current Mode PWM
The IS-1845ASRH is designed to be used in switching power supplies operating in current-mode. The rising edge of the on-chip oscillator turns on the output. Turn-off is controlled by the current sense comparator and occurs when the sensed current reaches a peak controlled by the error amplifier.
TM
Features
* Electrically Screened to DSCC SMD # 5962-01509 * QML Qualified per MIL-PRF-38535 Requirements * Radiation Environment - Total Dose . . . . . . . . . . . . . . . . . . . . 300 krad(SI) (Max) - SEL Immune. . . . . . . . . . . . . . . . . Dielectrically Isolated - SEU Immune . . . . . . . . . . . . . . . . . . . . 35MeV/mg/cm2 - SEU Cross-Section at 89MeV/mg/cm2 . . . . 5 x 10-6cm2 * Low Start-up Current . . . . . . . . . . . . . . . . . . . 100A (Typ) * Fast Propagation Delay . . . . . . . . . . . . . . . . . . 80ns (Typ) * Supply Voltage Range . . . . . . . . . . . . . . . . . . . 12V to 20V * High Output Drive. . . . . . . . . . . . . . . . . . . . 1A (Peak, Typ) * Under Voltage Lockout. .8.8V Start (Typ), 8.2V Stop (Typ)
Constructed with Intersil's Rad Hard Silicon Gate (RSG) dielectrically isolated BiCMOS process, these devices are immune to single event latch-up and have been specifically designed to provide a high level of immunity to single event transients. All specified parameters are guaranteed and tested for 300krad(Si) total dose performance. Detailed Electrical Specifications for these devices are contained in SMD 5962-01509. A "hot-link" is provided on our website for downloading the SMD.
Applications
* Current-Mode Switching Power Supplies * Control of High Current FET Drivers
Pinouts
IS7-1845ASRH (CDIP2-T8 SBDIP) TOP VIEW
COMP VFB ISENSE RTCT 1 2 3 4 8 7 6 5 VREF VCC OUT GND
* Motor Speed and Direction Control
Ordering Information
ORDERING NUMBER 5962F0150901VPC 5962F0150901QPC 5962F0150901VXC 5962F0150901QXC INTERNAL MKT. NUMBER IS7-1845ASRH-Q IS7-1845ASRH-8 IS9-1845ASRH-Q IS9-1845ASRH-8 IS1-1845ASRH/Proto IS9-1845ASRH/Proto TEMP. RANGE (oC) -50 to 125 -50 to 125 -50 to 125 -50 to 125 -50 to 125 -50 to 125
IS9-1845ASRH (FLATPACK) TOP VIEW
NC COMP VFB NC NC NC ISENSE RTCT NC 1 2 3 4 5 6 7 8 9 18 17 16 15 14 13 12 11 10 NC VREF VCC VC OUT NC GND OSCGND NC
IS7-1845ASRH/Proto IS9-1845ASRH/Proto
NOTES: 1. Grounding the Comp pin does not inhibit the output. The output may be inhibited by applying >1.2V to the ISENSE pin. 2. This part should be operated with CT=3.3nF and RT=10k timing components only.
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2003. All Rights Reserved. All other trademarks mentioned are the property of their respective owners.
IS-1845ASRH Die Characteristics
DIE DIMENSIONS 3090m x 4080m (121.6 mils x 159.0 mils) Thickness: 483m 25.4m (19 mils 1 mil) INTERFACE MATERIALS Glassivation Type: Phosphorus Silicon Glass (PSG) Thickness: 8.0kA 1.0kA Top Metallization Type: AlSiCu Thickness: 16.0kA 2kA Substrate Radiation Hardened Silicon Gate, Dielectric Isolation Backside Finish Silicon ASSEMBLY RELATED INFORMATION Substrate Potential Unbiased (DI) ADDITIONAL INFORMATION Worst Case Current Density <2.0 x 105 A/cm2 Transistor Count 582
Metallization Mask Layout
IS-1845ASRH ISENSE VFB
COMP
RTCT
OSCGND VREF
GND GND
OUT NOTES: 3. Both the GND pads must be bonded to ground. 4. The OUT double-sized bond pad must be double bonded for current sharing purposes. 5. The OSCGND double-sized bond pad must be double bonded to ground for current sharing purposes.
VC
VCC
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 2


▲Up To Search▲   

 
Price & Availability of IS9-1845ASRHPROTO

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X