Part Number Hot Search : 
0800049 CPC5603C FLU011 AAT2789 2SC52 TA124 470M0 KW1S53FC
Product Description
Full Text Search
 

To Download IRF634NSPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD - 95342
Advanced Process Technology Dynamic dv/dt Rating l 175C Operating Temperature l Fast Switching l Fully Avalanche Rated l Ease of Paralleling l Simple Drive Requirements l Lead-Free Description
l l Fifth Generation HEXFET(R) Power MOSFETs from International Rectifier utilize advanced processing techniques to achieve extremely low on-resistance per silicon area. This benefit, combined with the fast switching speed and ruggedized device design that HEXFET Power MOSFETs are well known for, provides the designer with an extremely efficient and reliable device for use in a wide variety of applications. The TO-220 package is universally preferred for all commercialindustrial applications at power dissipation levels to approximately 50 watts. The low thermal resistance and low package cost of the TO-220 contribute to its wide acceptance throughout the industry. The D2Pak is a surface mount power package capable of accommodating die sizes up to HEX-4. It provides the highest power capability and the lowest possible on-resistance in any existing surface mount package. The D2Pak is suitable for high current applications because of its low internal connection resistance and can dissipate up to 2.0W in a typical surface mount application. The through-hole version (IRF634NL) is available for lowprofile application.
IRF634NPbF IRF634NSPBF IRF634NLPbF
HEXFET(R) Power MOSFET
D
VDSS = 250V RDS(on) = 0.435
G S
ID = 8.0A
TO-220AB IRF634N
D2Pak IRF634NS
TO-262 IRF634NL
Absolute Maximum Ratings
Parameter
ID @ TC = 25C ID @ TC = 100C IDM PD @TC = 25C PD @TA = 25C VGS EAS IAR EAR dv/dt TJ TSTG Continuous Drain Current, VGS @ 10V Continuous Drain Current, VGS @ 10V Pulsed Drain Current Power Dissipation Power Dissipation Linear Derating Factor Gate-to-Source Voltage Single Pulse Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Operating Junction and Storage Temperature Range Soldering Temperature, for 10 seconds Mounting torque, 6-32 or M3 srew
Max.
8.0 5.6 32 88 3.8 0.59 20 110 4.8 8.8 7.3 -55 to +175 300 (1.6mm from case ) 10 lbf*in (1.1N*m)
Units
A W W/C V mJ A mJ V/ns C
www.irf.com
1
05/28/04
IRF634N/S/LPbF
Electrical Characteristics @ TJ = 25C (unless otherwise specified)
V(BR)DSS
V(BR)DSS/TJ
RDS(on) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf LD LS Ciss Coss Crss
Parameter Drain-to-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Static Drain-to-Source On-Resistance Gate Threshold Voltage Forward Transconductance Drain-to-Source Leakage Current Gate-to-Source Forward Leakage Gate-to-Source Reverse Leakage Total Gate Charge Gate-to-Source Charge Gate-to-Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Internal Drain Inductance Internal Source Inductance Input Capacitance Output Capacitance Reverse Transfer Capacitance
Min. Typ. Max. Units Conditions 250 --- --- V VGS = 0V, I D = 250A --- 0.33 --- V/C Reference to 25C, I D = 1mA --- --- 0.435 VGS = 10V, ID = 4.8A 2.0 --- 4.0 V VDS = VGS , ID = 250A 5.4 --- --- S VDS = 50V, ID = 4.8A --- --- 25 VDS = 250V, VGS = 0V A --- --- 250 VDS = 200V, VGS = 0V, TJ = 150C --- --- 100 VGS = 20V nA --- --- -100 VGS = -20V --- --- 34 ID = 4.8A --- --- 6.5 nC VDS = 200V --- --- 16 VGS = 10V, See Fig. 6 and 13 --- 8.4 --- VDD = 125V --- 16 --- ID = 4.8A ns --- 28 --- RG = 1.3 --- 15 --- VGS = 10V, See Fig. 10 D Between lead, 4.5 --- --- 6mm (0.25in.) nH G from package --- 7.5 --- and center of die contact S --- 620 --- VGS = 0V --- 84 --- VDS = 25V --- 23 --- pF = 1.0MHz, See Fig. 5
Source-Drain Ratings and Characteristics
IS
ISM
VSD trr Qrr ton
Parameter Continuous Source Current (Body Diode) Pulsed Source Current (Body Diode) Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge Forward Turn-On Time
Min. Typ. Max. Units
Conditions D MOSFET symbol --- --- 8.0 showing the A G integral reverse --- --- 32 S p-n junction diode. --- --- 1.3 V TJ = 25C, IS = 4.8A, VGS = 0V --- 130 200 ns TJ = 25C, I F = 4.8A --- 650 980 nC di/dt = 100A/s Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Thermal Resistance
Parameter
RJC RCS RJA RJA Junction-to-Case Case-to-Sink, Flat, Greased Surface Junction-to-Ambient Junction-to-Ambient (PCB mount)
Typ.
--- 0.50 --- ---
Max.
1.7 --- 62 40
Units
C/W
2
www.irf.com
IRF634N/S/LPbF
100
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
100
I D , Drain-to-Source Current (A)
10
I D , Drain-to-Source Current (A)
VGS 15V 10V 8.0V 7.0V 6.0V 5.5V 5.0V BOTTOM 4.5V TOP
10
1
4.5V
1
4.5V
0.1
0.01 0.1
20s PULSE WIDTH TJ = 25 C
1 10 100
0.1 0.1
20s PULSE WIDTH TJ = 175 C
1 10 100
VDS , Drain-to-Source Voltage (V)
VDS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
100
3.5
R DS(on) , Drain-to-Source On Resistance (Normalized)
ID = 7.9A
I D , Drain-to-Source Current (A)
3.0 2.5 2.0 1.5 1.0 0.5 0.0 -60 -40 -20 0
10
TJ = 175 C
1
TJ = 25 C
0.1 4.0
V DS = 50V 20s PULSE WIDTH 5.0 6.0 7.0 8.0 9.0
VGS = 10V
20 40 60 80 100 120 140 160 180
VGS , Gate-to-Source Voltage (V)
TJ , Junction Temperature ( C)
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance Vs. Temperature
www.irf.com
3
IRF634N/S/LPbF
1200
20
1000
VGS , Gate-to-Source Voltage (V)
VGS = 0V, f = 1 MHZ Ciss = C + Cgd, C gs ds SHORTED Crss = C gd
ID = 4.8A VDS = 200V VDS = 125V VDS = 50V
16
C, Capacitance(pF)
Ciss
800
Coss = C + Cgd ds
12
600
Coss
8
400
Crss
200
4
0 1 10 100 1000
0 0 10 20
FOR TEST CIRCUIT SEE FIGURE 13
30 40
VDS, Drain-to-Source Voltage (V)
QG , Total Gate Charge (nC)
Fig 5. Typical Capacitance Vs. Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs. Gate-to-Source Voltage
100
100
ISD , Reverse Drain Current (A)
OPERATION IN THIS AREA LIMITED BY R DS(on)
10
ID, Drain-to-Source Current (A)
10 100sec
TJ = 175 C
1
1
1msec Tc = 25C Tj = 175C Single Pulse 1 10 100
TJ = 25 C
0.1 0.2
V GS = 0 V
0.4 0.6 0.8 1.0 1.2
10msec 1000
0.1
VSD ,Source-to-Drain Voltage (V)
VDS , Drain-toSource Voltage (V)
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
4
www.irf.com
IRF634N/S/LPbF
10.0
V DS VGS
RD
8.0
ID , Drain Current (A)
RG 10V
Pulse Width 1 s Duty Factor 0.1 %
D.U.T.
+
-VDD
6.0
4.0
Fig 10a. Switching Time Test Circuit
2.0
VDS 90%
0.0 25 50 75 100 125 150 175
TC , Case Temperature ( C)
10% VGS
Fig 9. Maximum Drain Current Vs. Case Temperature
td(on)
tr
t d(off)
tf
Fig 10b. Switching Time Waveforms
10
Thermal Response (Z thJC )
1 D = 0.50 0.20 0.10 0.05 0.1 0.02 0.01 SINGLE PULSE (THERMAL RESPONSE) PDM t1 t2 Notes: 1. Duty factor D = t 1 / t 2 2. Peak T J = P DM x Z thJC + TC 0.0001 0.001 0.01 0.1
0.01 0.00001
t1 , Rectangular Pulse Duration (sec)
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
www.irf.com
5
IRF634N/S/LPbF
15V
EAS , Single Pulse Avalanche Energy (mJ)
200
TOP
160
VDS
L
DRIVER
BOTTOM
ID 2.0A 3.4A 4.8A
RG
VGS 20V
D.U.T
IAS tp
+ V - DD
120
A
0.01
80
Fig 12a. Unclamped Inductive Test Circuit
40
V(BR)DSS tp
0 25 50 75 100 125 150 175
Starting TJ , Junction Temperature ( C)
I AS
Fig 12c. Maximum Avalanche Energy Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Current Regulator Same Type as D.U.T.
QG
50K 12V .2F .3F
10 V
QGS VG QGD
D.U.T. VGS
3mA
+ V - DS
Charge
IG
ID
Current Sampling Resistors
Fig 13a. Basic Gate Charge Waveform
Fig 13b. Gate Charge Test Circuit
6
www.irf.com
IRF634N/S/LPbF
Peak Diode Recovery dv/dt Test Circuit
D.U.T
+
+
Circuit Layout Considerations * Low Stray Inductance * Ground Plane * Low Leakage Inductance Current Transformer
-
+
RG * * * * dv/dt controlled by RG Driver same type as D.U.T. ISD controlled by Duty Factor "D" D.U.T. - Device Under Test
+ VDD
Driver Gate Drive P.W. Period D=
P.W. Period VGS=10V
*
D.U.T. ISD Waveform Reverse Recovery Current Body Diode Forward Current di/dt D.U.T. VDS Waveform Diode Recovery dv/dt
VDD
Re-Applied Voltage Inductor Curent
Body Diode
Forward Drop
Ripple 5%
ISD
* VGS = 5V for Logic Level Devices Fig 14. For N-Channel HEXFET(R) Power MOSFETs
www.irf.com
7
IRF634N/S/LPbF
TO-220AB Package Outline
Dimensions are shown in millimeters (inches)
2.87 (.113) 2.62 (.103)
10.54 (.415) 10.29 (.405)
3.78 (.149) 3.54 (.139) -A6.47 (.255) 6.10 (.240)
-B4.69 (.185) 4.20 (.165) 1.32 (.052) 1.22 (.048)
4 15.24 (.600) 14.84 (.584)
1.15 (.045) MIN 1 23
HEXFET GATE 1-
LEAD ASSIGNMENTS
LEAD ASSIGNMENTS IGBTs, CoPACK
14.09 (.555) 13.47 (.530)
2 1- GATE- DRAIN 32- DRAINSOURCE 3- SOURCE 4 - DRAIN 4- DRAIN 4.06 (.160) 3.55 (.140)
1- GATE 2- COLLECTOR 3- EMITTER 4- COLLECTOR
3X 1.40 (.055) 3X 1.15 (.045) 2.54 (.100) 2X NOTES:
0.93 (.037) 0.69 (.027) M BAM
3X
0.55 (.022) 0.46 (.018)
0.36 (.014)
2.92 (.115) 2.64 (.104)
1 DIMENSIONING & TOLERANCING PER ANSI Y14.5M, 1982. 2 CONTROLLING DIMENSION : INCH
3 OUTLINE CONFORMS TO JEDEC OUTLINE TO-220AB. 4 HEATSINK & LEAD MEASUREMENTS DO NOT INCLUDE BURRS.
TO-220AB Part Marking Information
E XAMPLE : T HIS IS AN IRF1010 LOT CODE 1789 AS S E MB LE D ON WW 19, 1997 IN T HE AS S E MBLY LINE "C" INT E RNAT IONAL RE CT IF IE R LOGO AS S E MBLY LOT CODE PART NUMBE R
Note: "P" in assembly line position indicates "Lead-Free"
DAT E CODE YEAR 7 = 1997 WE E K 19 LINE C
8
www.irf.com
IRF634N/S/LPbF
D2Pak Package Outline
Dimensions are shown in millimeters (inches)
D2Pak Part Marking Information
T HIS IS AN IR F530S WIT H L OT CODE 8024 AS S EMBLE D ON WW 02, 2000 IN T HE AS S E MBL Y L INE "L" Note: "P" in ass embly line pos ition indicates "Lead-Free" INT ER NAT IONAL R ECTIFIE R L OGO AS S EMB LY L OT CODE PAR T NUMB ER F 530S DAT E CODE YEAR 0 = 2000 WEE K 02 L INE L
OR
INT E RNAT IONAL RE CT IF IE R LOGO AS S E MB LY LOT CODE PART NUMB E R F 530S DAT E CODE P = DE S IGNAT E S LE AD-F RE E PRODUCT (OPT IONAL ) YE AR 0 = 2000 WE E K 02 A = AS S E MB LY S IT E CODE
www.irf.com
9
IRF634N/S/LPbF
TO-262 Package Outline
Dimensions are shown in millimeters (inches)
TO-262 Part Marking Information
EXAMPLE: T HIS IS AN IRL 3103L L OT CODE 1789 AS S EMBL ED ON WW 19, 1997 IN THE AS S EMB LY LINE "C" Note: "P" in ass embly line pos ition indicates "Lead-Free" INTERNAT IONAL RECT IFIER LOGO AS S EMBLY LOT CODE PART NUMBER
DAT E CODE YE AR 7 = 1997 WE EK 19 LINE C
OR
INT ERNATIONAL RECT IF IE R LOGO AS S EMBL Y LOT CODE PART NUMBER DATE CODE P = DES IGNATE S LEAD-FREE PRODUCT (OPTIONAL) YEAR 7 = 1997 WEEK 19 A = AS S EMBLY S ITE CODE
10
www.irf.com
IRF634N/S/LPbF
D2Pak Tape & Reel InforTRR
1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153)
1.60 (.063) 1.50 (.059) 0.368 (.0145) 0.342 (.0135)
FEED DIRECTION 1.85 (.073)
1.65 (.065)
11.60 (.457) 11.40 (.449) 15.42 (.609) 15.22 (.601)
24.30 (.957) 23.90 (.941)
TRL
10.90 (.429) 10.70 (.421) 1.75 (.069) 1.25 (.049) 16.10 (.634) 15.90 (.626) 4.72 (.136) 4.52 (.178)
FEED DIRECTION
13.50 (.532) 12.80 (.504)
27.40 (1.079) 23.90 (.941)
4
330.00 (14.173) MAX.
60.00 (2.362) MIN.
NOTES : 1. COMFORMS TO EIA-418. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION MEASURED @ HUB. 4. INCLUDES FLANGE DISTORTION @ OUTER EDGE.
26.40 (1.039) 24.40 (.961) 3
30.40 (1.197) MAX. 4
Notes:
Repetitive rating; pulse width limited by
max. junction temperature.
Pulse width 400s; duty cycle 2%. This is only applied to TO-220A package
Starting TJ = 25C, L = 9.5mH
RG = 25, IAS = 4.8A,VGS=10V
This is applied to D2Pak, when mounted on 1" square PCB ( FR-4 or G-10 Material ).
For recommended footprint and soldering techniques refer to application note #AN-994.
Data and specifications subject to change without notice. This product has been designed and qualified for the Automotive [Q101] (IRF634N), Industrial (IRF634NS and IRF634NL) market. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. 05/04
www.irf.com
11


▲Up To Search▲   

 
Price & Availability of IRF634NSPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X