Part Number Hot Search : 
20204 EGP30KZ 68HC705 SN74L SI8409DB QBD56Y0 TLC4066 74HC02
Product Description
Full Text Search
 

To Download FU-48SDF-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUBISHI (OPTICAL DEVICES)
FU-48SDF-1
1.3 mm DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
DESCRIPTION Mod ule type FU-48SDF-1 is a 1.3mm DFB-LD mod ule with single-mode optical fiber. Th is mod ule is suitable to a light source for use in 2.5Gb/s digital optical communication systems. FEATURES Multi quantum wells (MQW) DFB Laser Diode module Input impedance is 25W Emission wavelength is in 1.3 mm band High-speed response Built-in optical isolator Built-in thermal electric cooler Butterfly package With photodiode for optical output monitor APPLICATION High speed transmission systems (~2.5Gb/s)
ABSOLUTE MAXIMUM RATINGS Parameter Laser diode
(Tld=25 C) Symbol Pf If Vrl Vrd Ifd Vpe Ipe Tc Tstg Conditions CW CW Rating 10 150 2 20 2 2.4 1.2 -20~+65 -40~+70 Unit mW mA V V mA V A C C
Optical output power from fiber end
Forword current Reverse voltage Photodiode for monitoring Cooler (Note) Reverse voltage Forward current Cooler voltage Cooler current
Operating case temperature Storage temperature
No te. Even if the thermo-electric cooler (TEC) is operated within the rate d conditions, uncontrolled current loading or operation without heatsink may easily damage the mod ule by exceeding the storage temperature range. Th ermistor resistan ce should be properly mon itored by the feedback circuit during TE C operation to avoid the catastrophic damage.
MITSUBISHI (OPTICAL DEVICES)
FU-48SDF-1
1.3 mm DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
ELECTRICAL/OPTICAL CHARACTERISTICS Parameter Threshold current Operating current Operating Voltage Input impedance Optical output power from fib er end Light-emission central wavelength Spectral width (-20db full width) Symbol Ith Iop Vop Zin Pf c Dl CW CW CW,If=Iop (Note 1) If=Iop CW,If=Iop CW,If=Iop 2.5Gb/s NRZ Mark ratio 50% If_perk=Iop Extinction ratio 8% CW,If=Iop If=Iop 2.5Gb/s NRZ Mark ratio 50% If_peak=Iop Extinction ratio 8% CW,If=Iop Tc=-20~+65 C,APC,ATC CW,If=Iop,Vrd=5V Vrd=5V Vrd=5V,f=1MHz (Tld=25 C,Tc=25 C, unless otherwise noted) Test Conditions Min. 4 1290 Limits Typ. 15 48 1.3 25 6 1310 0.4 Max. 40 80 1.8 1330 mA mA V W mW nm nm Unit
(Note 2) 33 3.5 40 150 dB GHz ps
Side mode suppression ratio Cutoff frequency (-1,5dB optical) Rise and fall time (10~90%)
Sr fc tr,tf
(Note 2) 0.1 0.1 -155 0.3 0.17 0.1 10 -145 0.35 1 dB/Hz dB mW/ mA mA mA pF
Relative intensity noise Tracking error (Note 3) Differential efficiency Monitor current Dark current (PD) Capacitance (PD)
Nr Er h Imon Id Ct
Note 1. If: LD forward current 2. Optical return loss of the connectors should be greater than 40dB in order to get the specified performance. 3. Er=MAX|10log(Pf(Tc)/Pf(25 C))| THERMAL CHARACTERISTICS (Tld=25 C,Tc=-20~+65 C) Parameter Thermistor resistance B constant of thermistor resistance Cooling capacity Cooler current Cooler Voltage Symbol Rth B DT Ipe Vpe Tc=65 C D T=40 C D T=40 C Test Conditions Min. Tld=25 C 9.5 40 Limits Typ. 10 3950 0.6 1.2 Max. 10.5 1 2 kW K C A V Unit
OPTICAL FIBER SPECIFICATION Parameter Type Mode filed dia. Cladding dia. Jacket dia. Limits SM 9.5 1 1252 0.9 typ. Unit mm mm
mm
MITSUBISHI (OPTICAL DEVICES)
FU-48SDF-1
1.3 mm DFB-LD MODULE WITH SINGLEMODE FIBER PIGTAIL (BIAS CIRCUIT INTEGRATED, DIGITAL APPLICATION)
OUTLINE DIAGRAM (Unit : mm)
FU-48SDF-1


▲Up To Search▲   

 
Price & Availability of FU-48SDF-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X