Part Number Hot Search : 
PT78N 0060C ISPLSI MM74H 1206L020 APT15 FM206 TS30012
Product Description
Full Text Search
 

To Download CMOZ9L1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMOZ1L8 THRU CMOZ47L SURFACE MOUNT ULTRAminiTM LOW LEVEL SILICON ZENER DIODE 1.8 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
Central
TM
Semiconductor Corp.
DESCRIPTION: The CENTRAL SEMICONDUCTOR CMOZ1L8 Series Low Level Zener Diode is a high quality voltage regulator in an epoxy-molded ULTRAminiTM package, designed for applications requiring an extremely low operating current and low leakage. MARKING CODE: SEE MARKING CODE ON ELECTRICAL CHARACTERISTIC TABLE
SOD-523 CASE
ABSOLUTE MAXIMUM RATINGS: Power Dissipation (TA =25C) Operating and Storage Temperature Thermal Resistance SYMBOL PD TJ, Tstg JA UNIT mW C C/W
250 -65 to +150 500
ELECTRICAL CHARACTERISTICS: (TA=25C), VF=0.9 MAX @ IF=10mA FOR ALL TYPES.
ZENER VOLTAGE VZ @ IZT TEST CURRENT MAXIMUM ZENER IMPEDANCE MAXIMUM REVERSE CURRENT MARKING CODE
TYPE
MIN NOM VOLTS VOLTS CMOZ1L8 CMOZ2L0 CMOZ2L2 CMOZ2L4 CMOZ2L5 CMOZ2L7 CMOZ3L0 CMOZ3L3 CMOZ3L6 CMOZ3L9 CMOZ4L3 CMOZ4L7 CMOZ5L1 CMOZ5L6 CMOZ6L2 CMOZ6L8 CMOZ7L5 CMOZ8L2 CMOZ9L1 CMOZ10L CMOZ11L 1.71 1.90 2.09 2.28 2.37 2.57 2.85 3.14 3.42 3.71 4.09 4.47 4.85 5.32 5.89 6.46 7.12 7.79 8.65 9.50 10.45 1.8 2.0 2.2 2.4 2.5 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11
MAX VOLTS 1.89 2.10 2.31 2.52 2.63 2.84 3.15 3.47 3.78 4.10 4.52 4.94 5.36 5.88 6.51 7.14 7.88 8.61 9.56 10.50 11.55
IZT A 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250
ZZT @ IZT 1400 1400 1400 1400 1500 1500 1600 1600 1700 1600 1600 1500 1500 1400 1200 200 200 200 200 200 200
IR @ VR A VOLTS 25 25 25 25 10 5.0 5.0 5.0 5.0 5.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.5 1.5 1.5 2.0 2.0 3.5 3.5 6.0 6.0 8.0 8.0 L8 L9 L0 M1 M2 M3 M30 M4 M5 M6 M7 M8 M9 M0 N1 N2 N3 N4 N5 N6 N7
R5 (19-November 2004)
Central
TM
CMOZ1L8 THRU CMOZ47L SURFACE MOUNT ULTRAminiTM LOW LEVEL SILICON ZENER DIODE 1.8 VOLTS THRU 47 VOLTS 250mW, 5% TOLERANCE
Semiconductor Corp.
ELECTRICAL CHARACTERISTICS (CONTINUED):
ZENER VOLTAGE VZ @ IZT TEST CURRENT MAXIMUM ZENER IMPEDANCE MAXIMUM REVERSE CURRENT MARKING CODE
TYPE
MIN VOLTS CMOZ12L CMOZ13L CMOZ15L CMOZ16L CMOZ18L CMOZ20L CMOZ22L CMOZ24L CMOZ27L CMOZ30L CMOZ33L CMOZ36L CMOZ39L CMOZ43L CMOZ47L 11.40 12.35 14.25 15.20 17.10 19.00 20.90 22.80 25.65 28.50 31.35 34.20 37.05 40.85 44.65
NOM VOLTS 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47
MAX VOLTS 12.60 13.65 15.75 16.80 18.90 21.00 23.10 25.20 28.35 31.50 34.65 37.80 40.95 45.15 49.35
IZT A 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250
ZZT @ IZT 200 200 100 100 100 150 150 150 150 200 250 200 200 250 250
IR @ VR A VOLTS 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 10.5 10.5 11.5 14 16 18 20 22 24 27 30 33 36 40 43 N8 N9 N0 P1 P2 P3 P4 P5 P6 P7 P8 P9 P0 R1 R2
SOD-523 CASE - MECHANICAL OUTLINE
LEAD CODE: 1) CATHODE 2) ANODE
R5 (19-November 2004)


▲Up To Search▲   

 
Price & Availability of CMOZ9L1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X