Part Number Hot Search : 
AT73C240 0CTFP AD8184AR LTC2355 SKM200 500T010Z IXLD429Y TMXAT12
Product Description
Full Text Search
 

To Download CEGS035V0-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Bidirectional ESD / Transient Suppressor
CE Series -G (RoHS Device)
Features
(16kV) IEC 61000-4-2 rating Surface mount package High component density
SOT23-6
-VBD 0V +VBD
Applications
ESD suppression Transient suppression Automotive CAN Bus
Schematic
SOT23-5 SOT-23-3
3 2 1
4 5 6
3 2 1
4 5 6
3 2 1
4
3 2
1 1
4
5
1
2
3
CEA - ( SOT23-3)
CEB - ( SOT23-6)
CEC - ( SOT23-6)
CED - ( SOT23-5)
CEG - ( SOT-143)
Application Schematic
Gnd. Connector
Vp (Transient)
Transceiver
Vclamp 0v
Specifications (Ta = 25oC)
Symbol Characteristic Operation Temperature Range Min. -55 Max. +125 Units
oC
To
Bidrectional ESD / Transient Suppressor
Specifications:( Ta = 25oC ) 36V Characteristic PRELIMINARY
Symbol VBD IL CT VESD VPV Ipp * Symbol VBD IL CT VESD VPV Ipp * Symbol VBD IL CT VESD VPV Ipp * Characteristic Diode breakdown voltage Leakage current Capacitance Channel clamp voltage Peak ESD voltage capability Peak Pulse Current Characteristic Diode breakdown voltage Leakage current Capacitance Channel clamp voltage Peak ESD voltage capability Peak Pulse Current Characteristic Diode breakdown voltage Leakage current Capacitance Channel clamp voltage Peak ESD voltage capability Peak Pulse Current Min 38 Typ 40 0.1 5 Max 2.0 + 40 16 15 Max 2.0 + 25 16 15 Max 2.0 + 17 16 15 Max + 2.0 20 + 7.0 16 5.1 Units V uA pF V kV A Units V uA pF V kV A Units V uA pF V kV A Units V uA pF V kV A Test Condition IF = 1 ma 36v @ 1Mhz 8kV event IEC 61000-4-2 8 / 20 us Test Condition IF = 1 ma 24v @ 1Mhz 8kV event IEC 61000-4-2 8 / 20 us Test Condition IF = 1 ma 12v @ 1Mhz 8kV event IEC 61000-4-2 8 / 20 us Test Condition IF = 1 ma 5v @ 1Mhz 8kV event IEC 61000-4-2 8 / 20 us
24V Characteristic (CAN bus)
Min 25 Typ 28 0.1 10 -
12V Characteristic PRELIMINARY
Min 14 Typ 17 0.1 12 -
5V0 Characteristic
Symbol Characteristic VBD Diode breakdown voltage IL Leakage current CT Capacitance VESD Channel clamp voltage VPV Peak ESD voltage capability Ipp * Peak Pulse Current * one diode conducting Min 5.1 Typ 7.0 +0.1 15 -
Package Information:
P d d p d p d p
W
S03
W
S05 P
W
S06
W
S14
0.7
Dimensions in ( mm ):
Code S03 S05 S06 S14 Power 225 mw 225 mw 225 mw 225 mw
L
L
L
L
Pins 3 5 6 4
L + 0.2 2.90 2.90 2.90 2.90
CEA CEB CEC CED CEG
W + 0.2 2.30 2.80 2.80 2.80
p + 0.1 0.95 0.95 -
P + 0.1 1.90 1.90 1.90
Pkg. Height 1.0 1.0 1.0 1.0
d + 0.1 0.43 0.43 0.43 0.43
Ordering Information:
CEA
Type
S03
Package Code From table above
5V0
Voltage 5V0 / 12V 12V / 24V
-G
RoHS Compliant


▲Up To Search▲   

 
Price & Availability of CEGS035V0-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X