Part Number Hot Search : 
HK160 SZ3547 HK160 DB106S A1307 A1307 HK160 PST9139
Product Description
Full Text Search
 

To Download BTD2118LJ3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
Low Vcesat NPN Epitaxial Planar Transistor
Spec. No. : C850J3 Issued Date : 2004.02.27 Revised Date :2005.10.04 Page No. : 1/4
BTD2118LJ3
Features
* Low VCE(sat), VCE(sat)=0.25 V (typical), at IC / IB = 3A / 0.1A * Excellent DC current gain characteristics * Complementary to BTB1412LJ3 * Pb-free package
Symbol
BTD2118LJ3
Outline
TO-252
BBase CCollector EEmitter
BCE
Absolute Maximum Ratings (Ta=25C)
Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current (DC) Collector Current (Pulse) Power Dissipation Junction Temperature Storage Temperature
Note : 1. Single Pulse Pw350s, Duty2%.
Symbol VCBO VCEO VEBO IC ICP PD(TA=25) PD(TC=25) Tj Tstg
Limits 40 15 6 5 8 (Note 1) 1 10 150 -55~+150
Unit V V V A A W W C C
BTD2118LJ3
CYStek Product Specification
CYStech Electronics Corp.
Characteristics (Ta=25C)
Symbol BVCBO BVCEO BVEBO ICBO IEBO *VCE(sat) *hFE1 *hFE2 fT Cob Min. 40 15 6 180 160 Typ. 0.25 150 Max. 0.1 0.1 0.5 820 50 Unit V V V A A V MHz pF
Spec. No. : C850J3 Issued Date : 2004.02.27 Revised Date :2005.10.04 Page No. : 2/4
Test Conditions IC=50A, IB=0 IC=1mA, IB=0 IE=50A, IC=0 VCB=40V, IE=0 VEB=5V,IC=0 IC=3A, IB=0.1A VCE=2V, IC=500mA VCE=2V, IC=2A VCE=6V, IC=50mA, f=200MHz VCB=20V, IE=0A, f=1MHz
*Pulse Test : Pulse Width 380s, Duty Cycle2%
Classification Of hFE1
Rank Range R 180~390 S 270~560 T 390~820
Ordering Information
Device BTD2118LJ3 Package TO-252 (Pb-free) Shipping 2500 pcs / Tape & Reel Marking 2118L
BTD2118LJ3
CYStek Product Specification
CYStech Electronics Corp.
Characteristic Curves
Current Gain vs Collector Current
1000 1000 VCE(SAT) Current Gain---HFE
VCE=5V
Spec. No. : C850J3 Issued Date : 2004.02.27 Revised Date :2005.10.04 Page No. : 3/4
Saturation Voltage vs Collector Current
Saturation Voltage---(mV)
100
IC=100IB IC=60IB
VCE=2V
10
IC=30IB IC=10IB
VCE=1V
100 1 10 100 1000 10000 Collector Current---IC(mA)
1 1 10 100 1000 10000 Collector Current---IC(mA)
Saturation Voltage vs Collector Current
10000 Saturation Voltage---(mV) Power Dissipation---PD(W)
VBE(SAT) @ IC=10IB
Power Derating Curve
1.2 1 0.8 0.6 0.4 0.2 0
1000
100 1 10 100 1000 Collector Current---IC(mA) 10000
0
50 100 150 Ambient Temperature---TA()
200
Power Derating Curve
12 Power Dissipation---PD(W) 10 8 6 4 2 0 0 50 100 150 200 Case Temperature---TC()
BTD2118LJ3
CYStek Product Specification
CYStech Electronics Corp.
Reel Dimension
Spec. No. : C850J3 Issued Date : 2004.02.27 Revised Date :2005.10.04 Page No. : 4/4
Carrier Tape Dimension
BTD2118LJ3
CYStek Product Specification
CYStech Electronics Corp.
TO-252 Dimension
A C
Spec. No. : C850J3 Issued Date : 2004.02.27 Revised Date :2005.10.04 Page No. : 5/4
Marking:
B L F G
D
2118L
3 H E K 2 I 1 J
Style: Pin 1.Base 2.Collector 3.Emitter
3-Lead TO-252 Plastic Surface Mount Package CYStek Package Code: J3
*: Typical
DIM A B C D E F
Inches Min. Max. 0.0177 0.0217 0.0650 0.0768 0.0354 0.0591 0.0177 0.0236 0.2520 0.2677 0.2125 0.2283
Millimeters Min. Max. 0.45 0.55 1.65 1.95 0.90 1.50 0.45 0.60 6.40 6.80 5.40 5.80
DIM G H I J K L
Inches Min. Max. 0.0866 0.1102 *0.0906 0.0354 0.0315 0.2047 0.2165 0.0551 0.0630
Millimeters Min. Max. 2.20 2.80 *2.30 0.90 0.80 5.20 5.50 1.40 1.60
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
* Lead: 42 Alloy; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
BTD2118LJ3
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of BTD2118LJ3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X