Part Number Hot Search : 
D2118 5KE40 NJU26209 16245MTD DECODER 70106 SY100 SP708R
Product Description
Full Text Search
 

To Download B5A60VIC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
SWITCHING TYPE POWER SUPPLY APPLICATION. CONVERTER & CHOPPER APPLICATION. FEATURES
Average Output Rectified Current : IO=5A (Tc=117 ). Repetitive Peak Reverse Voltage : VRRM=60V. Fast Reverse Recovery Time : trr=35ns. Low Peak Forward Voltage : 0.50V(Typ.)
D U E
B5A60VIC
SCHOTTKY BARRIER TYPE DIODE STACK
A
C
S
DIM A B C D E F
R
T L L
M D
G H J K L M N O P Q R S T U V
V
N
N T
MAXIMUM RATING (Ta=25
CHARACTERISTIC Repetitive Peak Reverse Voltage Average Output Rectified
)
SYMBOL VRRM IO IFSM Tj Tstg RATING 60 5 70 -40 150 -55 150 UNIT
O
H
T
V A A
Q
1
2
3
MILLIMETERS 10.30 MAX 15.30 MAX 2.70 0.30 0.85 MAX 3.20 0.20 3.00 0.30 12.30 MAX 0.75 MAX 13.60 0.50 3.90 MAX 1.20 1.30 2.54 4.50 0.20 6.80 2.60 0.20 10 25 5 0.5 2.60 0.15
F G J B
1. ANODE 2. CATHODE
K
3. ANODE
Current (Tc=117 ) (Rated VR) (Note) Peak One Cycle Surge Forward Current (Non-Repetitive 60Hz) Junction Temperature Storage Temperature Range
TO-220IS
Note : average forward current of centertap full wave connection.
2
1
3
ELECTRICAL CHARACTERISTICS (Ta=25
CHARACTERISTIC Peak Forward Voltage Repetitive Peak Reverse Current Reverse Recovery Time Thermal Resistance Note : A value of one cell (Note) (Note) (Note) (Note)
)
TEST CONDITION IFM=2.5A VRRM=Rated IF=1.0A, di/dt=-20A/ Juction to Case MIN. TYP. 0.50 MAX. 0.55 0.5 35 4.0 UNIT V mA ns /W VFM IRRM trr
SYMBOL
Rth(j-c)
1999. 9. 16
Revision No : 0
P
1/2
B5A60VIC
I F - VF
1.0 5.0
0 C
I R - VR
100 REVERSE CURRENT I R (mA) 10 1.0
TJ =75 C T J =150 C T J =125 C
FORWARD CURRENT I F (A)
3.0
Tc
=1 5
1.0 0.5 0.3
Tc
=2
5
C
0.1 0.01 0.001
TJ =25 C
0.1 0 0.2 0.4 0.6 0.8 1.0 FORWARD VOLTAGE V F (V)
0
10
20
30
40
50
60
REVERSE VOLTAGE VR (V)
AVERAGE FORWARD CURRENT I F(AV) (A)
8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 80 90 100 110
150
AVERAGE FORWARD CURRENT I F(AV) (A)
CURRENT DERATING (CASE)
RATED VOLTAGE APPLIED R th(j-c) =4.0 C/W
CURRENT DERATING (AMBIENT)
4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 0 20 40 60 80 100 120 140 160 AMBIENT TEMPERATURE T A ( C)
180 SQUARE WAVE RATED VOLTAGE APPLIED DC R th(j-a) =60 C/W (NO HEAT SINK)
DC
SQUARE WAVE
120
130
140
150
CASE TEMPERATURE Tc ( C)
AVERAGE FORWARD POWER DISSIPATION P F(AV) (W)
P F(AV) - I F(AV)
10 8.0 6.0 4.0 2.0 0 0 2.0
180 SQUARE WAVE I PK 20 I AV = 10 5
SI W NE E AV
DC
4.0
6.0
8.0
AVERAGE FORWARD CURRENT I F(AV) (A)
1999. 9. 16
Revision No : 0
2/2


▲Up To Search▲   

 
Price & Availability of B5A60VIC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X