Part Number Hot Search : 
9L15A 20100C DF02G 2N6969 EZ480A12 805SF 10D10 KBPC1502
Product Description
Full Text Search
 

To Download ASM1834UF-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 April 2005
rev 1.3
ASM1834/A/D
Dual 5V and 3.3V P Power Supply Supervisor with Manual Reset
All devices operate over the extended industrial temperature range. Devices are available in 8-pin DIP, surface mount 8-pin SO and 8-Pin MicroSO packages. Die are also available.
General Description
The ASM1834 supervisors simultaneously monitor both 3.3V and 5V power sources and generate reset signals when either supply is out of tolerance. When an out-of-tolerance condition is detected, the output-reset signal of the affected supply becomes active and resets the system microprocessor/ microcontroller. On power-up and after the supply voltage returns to an in-tolerance condition, the reset signal remains active for approximately 350ms. This allows the power supply and system microprocessor to stabilize. Tolerance levels are independently selectable for both supplies. Tolerance options are 5% and 10% percent for the 5V supply and 10% and 20% percent for the 3.3V supply. The ASM1834 and ASM1834D have push-pull reset output stages. The ASM1834A reset outputs are open drain devices that can both be connected to either 5V or 3.3V supply. The ASM1834 and ASM1834A have active LOW reset outputs. The ASM1834D has active HIGH reset outputs. All devices can generate reset signals through an internally debounced pushbutton reset input that affects both reset outputs.
Key Features
* * * * * Monitors 5V and 3.3V supplies simultaneously 5V and 3.3V power-on reset 350ms reset time Debounced pushbutton reset input Push-pull CMOS output * ASM1834, ASM1834D * Eliminates external pull-up resistors * Active LOW (ASM1834), HIGH (ASM1834D) * Open Drain Output * ASM1834A * Active LOW * * * * * Selectable 5V and 3.3V trip point tolerance Internal power drawn from highest input voltage, 5V or 3.3V Precision temperature-compensated voltage reference and comparator Low cost surface mount SO, compact MicroSO and DIP packages. Wide operating temperature, -40C to +85C
Applications
* * * * * * * Microprocessors PDAs, Hand-held PCs Embedded Controllers Telecommunication Systems Power Supplies Wireless / Cellular Systems Networking Hardware
Typical Operating Circuit
3.3V
+5V
ASM1834
5VIN 3.3VIN RESET PBRST
5VTOL GND 3.3VTOL
3.3V
5V
P
RESET GND
Alliance Semiconductor 2575 Augustine Drive . Santa Clara, CA 95054 . Tel: 408.855.4900 . Fax: 408.855.4999 . www.alsc.com
Notice: The information in this document is subject to change without notice
April 2005
rev 1.3
ASM1834/A/D
Block Diagram
1 5 VIN
ASM1834
5V Tolerance Bias Low TC Reference 40k +
For ASM1834D
ASM1834A
2 5V RESET
5 VTOL
3
350ms Delay
2 5V RESET 5V RESET (ASM1834D) 7
Pushbutton Level Sense and Debounce
3.3V RESET
PBRST 3.3 VIN
5 8
3.3 VTOL 6 4
3.3V Tolerance Bias
+
For ASM1834D
350ms Delay
7
3.3V RESET 3.3V RESET (ASM1834D)
GND
-
Pin Configuration
5VIN 5V RESET * 5V TOL GND 1 2 3 4 8 3.3VIN 3.3V RESET * 3.3V TOL PBRST
ASM1834 ASM1834A ASM1834D
7 6 5
* AS1834D reset outputs are active HIGH (5V RESET and 3.3V RESET) Outputs are open-drain for AS1834A.
Pin Description
Pin # 1 2 3 4 5 6 7 8
Pin Name 5VIN 5V RESET 5V RESET 5V TOL GND PBRST 3.3V TOL 3.3V RESET 3.3V RESET 3.3VIN 5V power supply input.
Function
5V reset output (Active LOW, ASM1834, ASM1834A. Open drain outputs for ASM1834A). 5V reset output (Active HIGH, AS1834D). 5V input tolerance select: 10% tolerance for 5VTOL= 5VIN and 5% tolerance for 5VTOL = GND Ground. Debounced manual pushbutton reset input (40k internal pull-up). 3.3V input tolerance select: 20% tolerance for 3.3VTOL = 3.3VIN and 10% tolerance for 3.3VTOL=GND. 3.3V reset output (Active LOW, ASM1834, ASM1834A. Open drain outputs for ASM1834A). 3.3V reset output (Active HIGH, AS1834D). 3.3V power supply input. 2 of 10
Dual 5V and 3.3V P Power Supply Supervisor with Manual Reset
Notice: The information in this document is subject to change without notice
April 2005
rev 1.3
ASM1834/A/D
Detailed Description
Operation Power Monitor The ASM1834 supervisors simultaneously detect out-oftolerance power supply conditions on both 3.3V and 5V power supplies. If the voltages at 5VIN or 3.3VIN are outside the tolerance band, the reset for the falling supply voltage becomes active. When the monitored supply returns to an intolerance state, the reset remains active for approximately 350ms before returning to the inactive state.
RESET VOH RESET VIN
VINTP (MAX) VINTP VINTP (MIN)
tF
tRPD RESET Slews with VCC
On power-up, the reset signals are kept active for approximately 350ms after the power supply voltages have reached the selected tolerance. This allows the power supply and microprocessor to stabilize before the reset is removed. All supply current for the ASM1834 devices is drawn from the input (5VIN or 3.3VIN) with the highest voltage level. The outputs draw current from their input supplies 5VIN and 3.3VIN.
Figure 2: Timing Diagram: Power Down (ASM1834D only)
Reset Signal Polarity and Output Stage Structure The ASM1834 and the ASM1834A supervisors have active LOW reset signals. The ASM1834D reset outputs are active HIGH. The ASM1834 and the ASM1834D have CMOS push-pull output stages. The ASM1834A has open drain reset outputs.
tR VINTP(MAX) VINTP(MIN) VINTP
~ ~~
RESET Polarity LOW LOW LOW LOW LOW LOW HIGH HIGH HIGH
VOL
~~
Part # ASM1834
Output Stage Configuration Push-Pull Push-Pull Push-Pull Open Drain Open Drain Open Drain Push-Pull Push-Pull Push-Pull
~ ~
VIN
tRPU RESET VOH
ASM1834U ASM1834S ASM1834A
VOL RESET
Figure 1: Timing Diagram: Power Up (ASM1834D only)
~~ ~~
ASM1834AU ASM1834AS ASM1834D ASM1834DU ASM1834DS
Dual 5V and 3.3V P Power Supply Supervisor with Manual Reset
Notice: The information in this document is subject to change without notice
3 of 10
April 2005
rev 1.3
Manual Reset Operation Push-button switch input, PBRST, allows the user to override the internal trip point detection circuits and issue reset signals. The pushbutton input is debounced and is pulled HIGH through an internal 40k resistor. When at least one of the reset outputs is not asserted, a push button initiated reset signal can be issued by holding PBRST LOW for at least 2ms. When PBRST is held LOW, both resets become active and remain active for approximately 350ms after PBRST returns HIGH. (See figures 3 and 4). Reset Output Signal
ASM1834/A/D
Reset output signals are valid as long as either voltage at 5VIN or 3.3VIN is above 1.2V. In addition, the ASM1834 has push-pull outputs that can remain valid below a 1.2V input level. To sink current below 1.2V, a resistor should be connected from the RESET output to ground. This resistor guarantees a valid reset signal down to 0V. A 100k value is suggested. The AS1834A open drain reset outputs require pull-up resistors and must be low enough in value to pull the output into a HIGH state. Resistor value is not critical in most applications and a value of 10k is suggested. (See Figures
5V
3.3V
5 and 6). The ASM1834A open drain reset outputs can be connected to the same potential through a single pull-up resistor. In this configuration a failure on either supply will generate an active LOW reset. If the inputs are pulled-up to different voltages, the reset outputs (pin 2 and pin 7) cannot be connected to form a wired "AND" (see figure 7).
ASM1834
1 5VIN
3.3VIN 8
2 5V RESET 3.3V RESET 7 3 4
5VTOL GND 3.3VTOL PBRST
6 5
Figure 3: Pushbutton Reset
RESET
100k
P Input
PBRST tPDLY VIL
tPB VIH
Figure 5: ASM1834 RESET Valid to 0V
5V
3.3V
~ ~
tRST
ASM1834
VOH VOL
RESET RESET
10k
1 5VIN
3.3VIN 8
10k
Figure 4: Timing Diagram: Pushbutton Reset
Dual 5V and 3.3V P Power Supply Supervisor with Manual Reset
Notice: The information in this document is subject to change without notice
~~ ~~
2 5V RESET 3.3V RESET 7 3 4
5VTOL GND 3.3VTOL PBRST
6 5
Figure 6: ASM1834A Open Drain Output Pull-Up Resistor
4 of 10
April 2005
rev 1.3
ASM1834/A/D
5V
3.3V
5V or 3.3V
ASM1834A
1 2 3 5V TOL 4 GND PBRST 3.3V TOL 5 5VIN 3.3VIN 8 7 6
10k
5VRESET 3.3VRESET
Figure 7: ASM1834A Wired "OR" Connection
Trip Point Tolerance Selection The 3.3VTOL and 5VTOL inputs allow independent selection of the reset trip points. If 5VTOL is connected to the 5V supply input, a 10% tolerance is selected. If 5VTOL is grounded, a 5% tolerance is selected.
If 3.3VTOL is connected to the 3.3V supply input, a 20% tolerance is selected. If 3.3VTOL is grounded, a 10% tolerance is selected. (Refer table below). The 3.3VTOL and 5VTOL tolerance select inputs should be tied to the ground or to the respective input supply voltage pin, 3.3VIN or 5VIN.
3.3V Input Tolerance Select 3.3V Tolerance 20% 10% TRIP Point (V) MIN 2.47 2.80 NOM 2.55 2.88 MAX 2.64 2.97 5V Tolerance 10% 5% -
5V Input TRIP Point (V) MIN 4.25 4.5 NOM 4.38 4.63 MAX 4.49 4.75 -
5VTOL = 5VIN 5VTOL = GND 3.3VTOL = 3.3VIN 3.3VTOL = GND
Dual 5V and 3.3V P Power Supply Supervisor with Manual Reset
Notice: The information in this document is subject to change without notice
5 of 10
April 2005
rev 1.3
ASM1834/A/D
Absolute Maximum Ratings
Parameter Voltage on VCC Voltage on 5V RESET Voltage on 3.3V RESET
Min -0.5 -0.5 -0.5
Max 7 +5VIN + 0.5V +3.3VIN + 0.5V (+5VIN + 0.5V) or (+3.3VIN + 0.5V) whichever is greater +85 260 +125 2 200
Unit V V V
Voltage on PBRST and reset outputs Operating Temperature Range Soldering Temperature (for 10 sec) Storage Temperature ESD rating HBM MM
-0.5 -40 -55
V C C C KV V
Note: 1. Voltages are measured with respect to ground 2. These are stress ratings only and functional implication is not implied. Exposure to absolute maximum ratings for extended periods may affect device reliability.
Recommended DC Operating Conditions
Recommended DC operating condition over the operating temperature range of -40C to +85C. All voltages are referenced to ground.
Parameter 5V Supply Voltage 3.3V Supply Voltage PBRST Input High Level PBRST Input High Level PBRST Input Low Level
Symbol 5VIN 3.3VIN VIH VIH VIL
Conditions
Min 1.2 1.2
Typ
Max 5.5 5.5 VINMAX + 0.3
Unit V V V V
Both 3.3VIN and 5VIN >=2.7V Both 3.3VIN and 5VIN <=2.7V
2 VINMAX - 0.4 -0.3
0.5
V
Dual 5V and 3.3V P Power Supply Supervisor with Manual Reset
Notice: The information in this document is subject to change without notice
6 of 10
April 2005
rev 1.3
ASM1834/A/D
DC Electrical Characteristics
Unless otherwise noted, VIN = 1.2V to 5.5V and specifications are over the operating temperature range of -40C to 85C.
Parameter
Symbol
Conditions Output = 2.4V. Either 3.3VIN or 5.5VIN
Min
Typ
Max
Unit
Output Current
IOH
>=2.7V (ASM1834/1834D only) Output = 0.4V. Either 3.3VIN or 5.5VIN 10
350
A
Output Current
IOL VOH IIL ICC ICC VINTP VINTP VINTP VINTP COUT tPB tPDLY tRST tF tR tRPU tRPD
>=2.7V (ASM1834/1834D only)
mA VIN - 0.1V
Output Voltage Input Leakage 5V Operating Current
V +1.0 A A
-1.0 3.3VIN and 5VIN<=5.5V, RESET outputs open. 3.3VIN and 5VIN<=3.6V, RESET outputs open. 5VTOL = GND 5VTOL = 5VIN 3.3VTOL = GND 3.3VTOL = 3.3VIN 4.50 4.25 2.80 2.47 16
30
3.3V Operating Current 5V Trip Point 5V Trip Point 3.3V Trip Point 3.3V Trip Point Output Capacitance PBRST Manual Reset Minimum Low Time PBRST Stable LOW to reset Active Reset Active Time VCC Slew Rate VCC Slew Rate VCC Detect to RESET or RESET VCC Detect Noise Immunity
12 4.63 4.38 2.88 2.55
25 4.75 4.49 2.97 2.64 10
A V V V V pF ms
2 2 200 VINTP(MAX) to VINTP(MIN) VINTP(MIN) to VINTP(MAX) trise = 5s 300 0 200 350 500 350 500
ms ms s ns ms
2
s
Dual 5V and 3.3V P Power Supply Supervisor with Manual Reset
Notice: The information in this document is subject to change without notice
7 of 10
April 2005
rev 1.3
ASM1834/A/D
Package Information
MicroSO (8-Pin)
Dimensions
Symbol A A1 A2 b C D e E1 E L a S
Inches
Min Max 0.032 0.044 0.002 0.006 0.030 0.038 0.012 BSC 0.004 0.008 0.114 0.122 0.0256 BSC 0.114 0.122 0.184 0.200 0.016 0.026 0 6 0.0206 BSC
Millimeters Min Max 0.81 1.10 0.05 0.15 0.76 0.97 0.30 BSC 0.10 0.20 2.90 3.10 0.65 BSC 2.90 3.10 4.67 5.08 0.41 0.66 0 6 0.52 BSC
Dimensions Symbol
SO (8-PIN)
A1 A A2
E H
Inches Min 0.004 0.053 0.049 0.012 0.007 Max 0.010 0.069 0.059 0.020 0.010
Millimeters Min 0.10 1.35 1.25 0.31 0.18 4.90 BSC 3.91 BSC 1.27 BSC 6.00 BSC 0.41 0 1.27 8 8 Max 0.25 1.75 1.50 0.51 0.25
B C D E
0.193 BSC 0.154 BSC 0.050 BSC 0.236 BSC 0.016 0 0.050
D
e H
A2
A
L
C L
e B
A 1
D
PLASTIC DIP (8-PIN)
Dimensions Symbol Min A A1 A2 b b2 C D E E1 e eB L ..... 0.115 .... 0.015 0.115 0.014 0.045 0.008 0.355 0.300 0.240 Inches Max 0.210 ..... 0.195 0.022 0.070 0.014 0.400 0.325 0.280 0.430 0.150 Millimeters Min ..... 0.38 2.92 0.36 1.14 0.20 9.02 7.62 6.10 2.54 BSC ..... 2.92 10.92 3.81 Max 5.33 ..... 4.95 0.56 1.78 0.36 10.16 8.26 7.11
0.10 BSC
Dual 5V and 3.3V P Power Supply Supervisor with Manual Reset
Notice: The information in this document is subject to change without notice
8 of 10
April 2005
rev 1.3
ASM1834/A/D
Ordering Information
Part Number TIN - LEAD DEVICES ASM1834 ASM1834U ASM1834S ASM1834A ASM1834AU ASM1834AS ASM1834D ASM1834DU ASM1834DS LEAD FREE DEVICES ASM1834F ASM1834UF ASM1834SF ASM1834AF ASM1834AUF ASM1834ASF ASM1834DF ASM1834DUF ASM1834DSF LOW LOW LOW LOW LOW LOW HIGH HIGH HIGH -40C TO 85C -40C TO 85C -40C TO 85C -40C TO 85C -40C TO 85C -40C TO 85C -40C TO 85C -40C TO 85C -40C TO 85C Push-Pull Push-Pull Push-Pull Open Drain Open Drain Open Drain Push-Pull Push-Pull Push-Pull 8-DIP MicroSO 8-SO 8-DIP MicroSO 8-SO 8-DIP MicroSO 8-SO ASM1834F ASM1834UF ASM1834SF ASM1834AF ASM1834AUF ASM1834ASF ASM1834DF ASM1834DUF ASM1834DSF LOW LOW LOW LOW LOW LOW HIGH HIGH HIGH -40C TO 85C -40C TO 85C -40C TO 85C -40C TO 85C -40C TO 85C -40C TO 85C -40C TO 85C -40C TO 85C -40C TO 85C Push-Pull Push-Pull Push-Pull Open Drain Open Drain Open Drain Push-Pull Push-Pull Push-Pull 8-DIP MicroSO 8-SO 8-DIP MicroSO 8-SO 8-DIP MicroSO 8-SO ASM1834 ASM1834U ASM1834S ASM1834A ASM1834AU ASM1834AS ASM1834D ASM1834DU ASM1834DS Reset Polarity Operating Temperature Range Output Stage Package Package Marking
Note: For parts to be packed in Tape and Reel, add "-T" at the end of the part number.
Dual 5V and 3.3V P Power Supply Supervisor with Manual Reset
Notice: The information in this document is subject to change without notice
9 of 10
ASM1834/A/D
Alliance Semiconductor Corporation 2575, Augustine Drive, Santa Clara, CA 95054 Tel: 408 - 855 - 4900 Fax: 408 - 855 - 4999 www.alsc.com
Copyright (c) Alliance Semiconductor All Rights Reserved Part Number: ASM1834/A/D Document Version: 1.3
(c) Copyright 2003 Alliance Semiconductor Corporation. All rights reserved. Our three-point logo, our name and Intelliwatt are trademarks or registered trademarks of Alliance. All other brand and product names may be the trademarks of their respective companies. Alliance reserves the right to make changes to this document and its products at any time without notice. Alliance assumes no responsibility for any errors that may appear in this document. The data contained herein represents Alliance's best data and/or estimates at the time of issuance. Alliance reserves the right to change or correct this data at any time, without notice. If the product described herein is under development, significant changes to these specifications are possible. The information in this product data sheet is intended to be general descriptive information for potential customers and users, and is not intended to operate as, or provide, any guarantee or warrantee to any user or customer. Alliance does not assume any responsibility or liability arising out of the application or use of any product described herein, and disclaims any express or implied warranties related to the sale and/or use of Alliance products including liability or warranties related to fitness for a particular purpose, merchantability, or infringement of any intellectual property rights, except as express agreed to in Alliance's Terms and Conditions of Sale (which are available from Alliance). All sales of Alliance products are made exclusively according to Alliance's Terms and Conditions of Sale. The purchase of products from Alliance does not convey a license under any patent rights, copyrights; mask works rights, trademarks, or any other intellectual property rights of Alliance or third parties. Alliance does not authorize its products for use as critical components in life-supporting systems where a malfunction or failure may reasonably be expected to result in significant injury to the user, and the inclusion of Alliance products in such life-supporting systems implies that the manufacturer assumes all risk of such use and agrees to indemnify Alliance against all claims arising from such use.


▲Up To Search▲   

 
Price & Availability of ASM1834UF-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X