Part Number Hot Search : 
HM628512 XVT9009 DVG62 MX014 D103B MFW2815D DS1231S MSD3P
Product Description
Full Text Search
 

To Download AO9926BL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AO9926B Dual N-Channel Enhancement Mode Field Effect Transistor
General Description
The AO9926B uses advanced trench technology to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 1.8V while retaining a 12V VGS(MAX) rating. This device is suitable for use as a uni-directional or bi-directional load switch. Standard Product AO9926B is Pb-free (meets ROHS & Sony 259 specifications). AO9926BL is a Green Product ordering option. AO9926B and AO9926BL are electrically identical.
Features
VDS (V) = 20V ID = 7.6 A (VGS = 10V) RDS(ON) < 23m (VGS = 10V) RDS(ON) < 26m (VGS = 4.5V) RDS(ON) < 34m (VGS = 2.5V) RDS(ON) < 52m (VGS = 1.8V)
S2 G2 S1 G1
1 2 3 4
8 7 6 5
D2 D2 D1 D1 G1
D1
D2
SOIC-8
G2 S1 S2
Absolute Maximum Ratings TA=25C unless otherwise noted Parameter Symbol VDS Drain-Source Voltage VGS Gate-Source Voltage Continuous Drain Current A Pulsed Drain Current B TA=25C Power Dissipation
A
Maximum 20 12 7.6 6.1 30 2 1.28 -55 to 150
Units V V A
TA=25C TA=70C ID IDM PD TJ, TSTG
TA=70C
W C
Junction and Storage Temperature Range Thermal Characteristics Parameter Maximum Junction-to-Ambient A Maximum Junction-to-Ambient A Maximum Junction-to-Lead C
Symbol t 10s Steady-State Steady-State RJA RJL
Typ 48 74 35
Max 62.5 110 50
Units C/W C/W C/W
Alpha & Omega Semiconductor, Ltd.
AO9926B Electrical Characteristics (TJ=25C unless otherwise noted) Parameter Symbol STATIC PARAMETERS BVDSS Drain-Source Breakdown Voltage IDSS IGSS BVGSO VGS(th) ID(ON) Zero Gate Voltage Drain Current Gate-Body leakage current Gate-Source Breakdown Voltage Gate Threshold Voltage On state drain current Conditions ID=250A, VGS=0V VDS=16V, VGS=0V TJ=55C VDS=0V, VGS=10V VDS=0V, IG=250uA VDS=VGS ID=250uA VGS=4.5V, VDS=5V VGS=10V, ID=7.6A TJ=125C RDS(ON) Static Drain-Source On-Resistance VGS=4.5V, ID=7A VGS=2.5V, ID=6A 12 0.5 30 18 25 21 27 38 24 0.7 23 30 26 34 52 1 3.5 630 164 137 1.5 8.8 1 3.7 5.5 14 29 10.2 15.2 6.3 0.8 1 Min 20 1 5 100 Typ Max Units V A nA V V A m m m m S V A pF pF pF nC nC nC ns ns ns ns ns nC
gFS VSD IS
VGS=1.8V, ID=2A Forward Transconductance VDS=5V, ID=7.6A Diode Forward Voltage IS=1A,VGS=0V Maximum Body-Diode Continuous Current
DYNAMIC PARAMETERS Ciss Input Capacitance Coss Output Capacitance Crss Reverse Transfer Capacitance Rg Gate resistance SWITCHING PARAMETERS Qg Total Gate Charge Qgs Gate Source Charge Qgd Gate Drain Charge tD(on) Turn-On DelayTime tr tD(off) tf trr Qrr Turn-On Rise Time Turn-Off DelayTime Turn-Off Fall Time
VGS=0V, VDS=10V, f=1MHz VGS=0V, VDS=0V, f=1MHz
VGS=4.5V, VDS=10V, ID=7.6A
VGS=5V, VDS=10V, RL=1.3, RGEN=3
IF=7.6A, dI/dt=100A/s Body Diode Reverse Recovery Time Body Diode Reverse Recovery Charge IF=7.6A, dI/dt=100A/s
2
A: The value of R JA is measured with the device mounted on 1in FR-4 board with 2oz. Copper, in a still air environment with TA =25C. The value in any given application depends on the user's specific board design. The currentand power rating is based on thet 10s thermal resistance rating. B: Repetitive rating, pulse width limited by junction temperature. C. The R JA is the sum of the thermal impedence from junction to lead RJL and lead to ambient. D. The static characteristics in Figures 1 to 6,12,14 are obtained using 80 s pulses, duty cycle 0.5% max. 2 E. These tests are performed with the device mounted on 1 in FR-4 board with 2oz. Copper, in a still air environment with TA=25C. The SOA curve provides a single pulse rating. Rev 1: June 2005 THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN, FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Alpha & Omega Semiconductor, Ltd.
AO9926B TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
30 10V 20 3V 4V 20 ID(A) ID(A) 10 125C 25C 0 0 1 2 3 4 5 VDS(Volts) Figure 1: On-Regions Characteristics 0 0.0 0.5 1.0 1.5 2.0 2.5 VGS(Volts) Figure 2: Transfer Characteristics VGS =2V 15 VGS=5V
10
VGS =1.5V 5
50 40 RDS(ON)(m) 30 20 10 0 0 5 10 15 20 ID(A) Figure 3: On-Resistance vs. Drain Current and Gate Voltage VGS =10V VGS =1.8V Normalize ON-Resistance
1.6 VGS=2 5V VGS =2.5V VGS =4.5V 1.4 VGS=4 5V
VGS=10V VGS=1 8V
1.2
1.0
0.8 0 25 50 75 100 125 150 175 Temperature (C) Figure 4: On-Resistance vs. Junction Temperature
80 70 60 RDS(ON)(m) IS(A) 50 40 30 20 10 0 2 4 6 8 VGS(Volts) Figure 5: On-Resistance vs. Gate-Source Voltage 25C 125C ID=7.6A
1E+01 1E+00 1E-01 1E-02 1E-03 1E-04 1E-05 0.0 0.2 0.4 0.6 0.8 1.0 VSD(Volts) Figure 6: Body-Diode Characteristics 25C 125C
Alpha & Omega Semiconductor, Ltd.
AO9926B TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
5 VDS=10V 4 VGS(Volts) 3 2 1 0 0 2 4 6 8 10 Qg (nC) Figure 7: Gate-Charge Characteristics 1400 1200 Capacitance (pF) 1000 800 600 400 200 0 0 5 10 15 20 VDS(Volts) Figure 8: Capacitance Characteristics Crss Coss Ciss
ID=7.6A
100 TJ(Max)=150C, TA=25C RDS(ON) limited 10s Power (W)
40 TJ(Max)=150C TA=25C
30
10 ID (Amps)
100s 1ms 1 DC 10s 0.1 0.1 1 10 10ms 100m 1s 100
20
10
0 0.001
VDS (Volts) Figure 9: Maximum Forward Biased Safe Operating Area (Note E) 10 ZJA Normalized Transient Thermal Resistance D=Ton/T TJ,PK=TA+PDM.ZJA.RJA RJA=62.5C/W 1
0.1 1 10 100 1000 Pulse Width (s) Figure 10: Single Pulse Power Rating Junction-toAmbient (Note E)
0.01
In descending order D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
0.1
PD Ton T
0.01 0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s) Figure 11: Normalized Maximum Transient Thermal Impedance
Alpha & Omega Semiconductor, Ltd.


▲Up To Search▲   

 
Price & Availability of AO9926BL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X