Part Number Hot Search : 
SAA1042A TC144E IDT5V UPB409C AT737LT EP731205 30FQ040 70450
Product Description
Full Text Search
 

To Download 2SC5993 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SC5993
Silicon NPN epitaxial planar type
Unit: mm
3.00.5
For power amplification For TV VM circuit Features
* Satisfactory linearity of forward current transfer ratio hFE * High transition frequency (fT) * Full-pack package which can be installed to the heat sink with one screw.
15.00.5
9.90.3
4.60.2 2.90.2
3.20.1
13.70.2 4.20.2 Solder Dip
1.40.2 1.60.2 0.80.1
2.60.1
0.550.15
Absolute Maximum Ratings TC = 25C
Parameter Collector-base voltage (Emitter open) Collector-emitter voltage (Base open) Emitter-base voltage (Collector open) Collector current Peak collector current Collector power dissipation Ta = 25C Junction temperature Storage temperature Tj Tstg Symbol VCBO VCEO VEBO IC ICP PC Rating 180 180 6 1.5 3 20 2.0 150 -55 to +150 C C Unit V V V A A W
2.540.30 5.080.50 1 2 3
1: Base 2: Collector 3: Emitter TO-220D-A1 Package
Internal Connection
C B E
Electrical Characteristics TC = 25C 3C
Parameter Collector-emitter voltage (Base open) Collector-base cutoff current (Emitter open) Emitter-base cutoff current (Collector open) Forward current transfer ratio
*
Symbol VCEO ICBO IEBO hFE VCE(sat) fT Cob ton tstg tf
Conditions IC = 10 mA, IB = 0 VCB = 180 V, IE = 0 VEB = 6 V, IC = 0 VCE = 5 V, IC = 0.1 A IC = 1 A, IB = 0.1 A VCE = 10 V, IC = 0.2 A, f = 10 MHz VCB = 10 V, IE = 0, f = 1 MHz IC = 0.4 A, Resistance loaded IB1 = 0.04 A, IB2 = - 0.04 A VCC = 100 V
Min 180
Typ
Max
Unit V A A V MHz pF s s s
100 100 60 240 0.5 130 10 0.1 1.5 0.1
Collector-emitter saturation voltage Transition frequency Collector output capacitance (Common base, input open circuited) Turn-on time Storage time Fall time
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors. 2. *: Rank classification Rank hFE Q 60 to 140 P 120 to 240
Publication date: July 2004
SJD00320AED
1
2SC5993
PC Ta
35 (1) TC = Ta (2) Without heat sink
10 ICP IC
Safe operation area
Non repetitive pulse, TC = 25C
Collector power dissipation PC (W)
30 25 (1) 20 15
Collector current IC (A)
1
0.1
10 5 (2) 0 0 20 40 60 80 100 120 140 160
0.01
t = 1 ms t = 10 ms t=1s 1 10 100 1 000
Ambient temperature Ta (C)
Collector-emitter voltage VCE (V)
2
SJD00320AED
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technical information described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. It neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) We are not liable for the infringement of rights owned by a third party arising out of the use of the technical information as described in this material. (4) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (5) The products and product specifications described in this material are subject to change without notice for modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (6) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage, and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. Measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) When using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) This material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of Matsushita Electric Industrial Co., Ltd.
2003 SEP


▲Up To Search▲   

 
Price & Availability of 2SC5993

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X