Part Number Hot Search : 
U6805 045WT LUR13633 STM32F1 06010 TF70T FR201G CP30138
Product Description
Full Text Search
 

To Download 1N5399 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5391 THRU 1N5399
GENERAL PURPOSE PLASTIC RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current - 1.5 Amperes
Features
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 High surge current capability 1.5 ampere operation at TL=70 with no thermal runaway Low reverse leakage Construction utilizes void-free molded plastic technique High temperature soldering guaranteed: 250 /10 seconds, 0.375 (9.5mm) lead length, 5 lbs. (2.3Kg) tension
Mechanical Data
Case: DO-15 molded plastic body Terminals: Plated axial leads, solderable per MIL-STD-750, method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.014 ounce, 0.39 gram
DIM ENSIONS DIM A B C D inches Min. 0.228 0.102 0.028 1.000 Max. 0.299 0.142 0.034 Min. 5.8 2.6 0.71 25.40 mm Max. 7.6 3.6 0.86 Note
Maximum Ratings and Electrical Characteristics
Ratings at 25 ambient temperature unless otherwise specified.
Symbols
1N 5391
1N 5392
1N 5393
1N 5394
1N 5395
1N 5396
1N 5397
1N 5398
1N 5399
Units
Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.500" (12.7mm) lead length at TL=70 Peak forward surge current 8.3mS single half sine-wave superimposed on rated load (MIL-STD-750D 4066 method) at TA=75 Maximum instantaneous forward voltage at1.5A TA=70 Maximum DC reverse current at rated DC blocking voltage TA=25 TA=150
VRRM VRMS VDC I(AV) IFSM VF IR Trr CJ R R
JA JL
50 35 50
100 70 100
200 140 200
300 210 300
400 280 400 1.5 50.0 1.40 5.0 300.0 2.0 15.0 50.0 25.0 +150 -50 to +170 -50 to +175
500 350 500
600 420 600
800 560 800
1000 700 1000
Volts Volts Volts Amps Amps Volts A S F /W
Typical reverse recovery time (Note 1) Typical junction capacitance (Note 2) Typical thermal resistance (Note 3) Maximum DC blocking voltage temperature Operating junction temperature range Storage temperature range
TA TJ TSTG
Notes: (1) Measured with IF=0.5A, IR=1.0A, Irr=0.25A (2) Measured at 1.0MHz and applied reverse voltage of 4.0 volts (3) Thermal resistance from junction to ambient and from junction to lead at 0.375 (9.5mm) lead length, P.C.B. mounted
1
RATINGS AND CHARACTERISTIC CURVES
2


▲Up To Search▲   

 
Price & Availability of 1N5399

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X