Part Number Hot Search : 
106K0 AVXXX CDBN0230 2N6715 ZTX650 AN978 16F40 T421002
Product Description
Full Text Search
 

To Download 1N5398 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
1N5391- 1N5399
1.5A 1.5A GENERAL DIODES
Maximum Average Rectified Current @ Half-Wave Resistive Load 60Hz I O@ T L A AV C Maximum Forward Peak Surge Current @ 8.3ms Superimposed I FM (Surge) A PK Maximum Reverse Current @ PRV @ TA=25C I
R
TYPE
Maximum Peak Reverse Voltage PRV V PK
Maximum Forward Voltage @ TA=25C I FM A PK V FM V PK
Package Dimensions
Adc
1N5391 1N5392 1N5393 1N5394 1N5395 1N5396 1N5397 1N5398 1N5399
50 100 200 300 400 500 600 800 1000
1.5
70
50
5.0
1.5
1.4
DO - 15
1.0(25.4) MIN
.300(7.6) .230(5.8)
1.0(25.4) MIN
.034(0.9) .028(0.7)
DIA .140(3.6) DIA .104(2.6)
DO - 15
24A-1/2
LESHAN RADIO COMPANY, LTD.
1N5391-1N5399 DO-15 1.5A RATING & CHARACTERISTIC CURVES OF 1.5A GENERAL DIODES OF DO-15 PACKAGE
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
1.50
AVERAGE FORWARD CURRENT,(A)
FIG. 2 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
20 10
INSTANTANEOUS FORWARD CURRENT,(A)
1.25 1.00 0.75 0.50 0.25 0 0 25 50 75 100
Single Phase Half Wave 60Hz Resistive or Inductive Load
4 2 TJ=25C
1.0 .4 .2 .1 .04 .02 .01 .6 .8 1.0 1.2 1.4 1.5 Pulse Width=300s 1% Duty Cycle
125
150
175
AMBIENT TEMPERATURE, (C)
FIG. 3 - MAXINUM NON-REPETITIVE FOWARD SURGE CURRENT
50
PEAK FORWARD SURGE CURRENT,(A)
INSTANTANEOUS FORWARD VOLTAGE,(V)
40
8.3ms Single Half Sine-Wave (JEDEC Method)
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
30
20
INSTANTANEOUS FORWARD CURRENT,(A)
10
10
0 1 2 4 6 8 10 20 40 60 80100
1.0
NUMBER OF CYCLES AT 60Hz
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
200 100
JUNCTION CAPACITANCE,(pF)
0.1 TJ =25C
0.01 60 40 20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10 20 40 100 TJ =25C
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
REVERSE VOLTAGE,(V)
24A-2/2


▲Up To Search▲   

 
Price & Availability of 1N5398

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X