Part Number Hot Search : 
MAX3873A ESDA5 HCS00MS R5F21276 BGU8052 C3504 99318 11616
Product Description
Full Text Search
 

To Download KBP301G1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBP301G - KBP307G
Single Phase 3.0 AMPS. Glass Passivated Bridge Rectifiers KBP
.460(11.68) .420(10.6) AC
Features
UL Recognized File # E-96005 Glass passivated junction Ideal for printed circuit board Reliable low cost construction technique results in inexpensive product High temperature soldering guaranteed: 260 oC / 10 seconds at 5 lbs. ( 2.3 Kg ) tension Small size, simple installation Leads solderable per MIL-STD-202, Method 208
.035(0.9) .028(0.7)
.5 (12.7) MIN
.160(4.1) SPACING .140(3.6)
.600(15.24) .560(14.22)
.153(3.9) .146(3.7)
.050(1.27)
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @TA = 50 oC Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 3.0A Maximum DC Reverse Current @ TA=25 C o at Rated DC Blocking Voltage @ TA=125 C
o
Symbol
KBP KBP KBP KBP KBP KBP KBP 301G 302G 303G 304G 305G 306G 307G
Units
V V V A A V uA uA
o
VRRM VRMS VDC I(AV) IFSM VF IR
50 35 50
100 70 100
200 140 200
400 280 400 3.0 80 1.1
600 420 600
800 560 800
1000 700 1000
10 500 RJA 30 Typical Thermal Resistance (Note 1) RJL 11 Operating Temperature Range TJ -55 to +150 Storage Temperature Range TSTG -55 to +150 Note: Thermal Resistance from Junction to Ambient and from Junction to Lead Mounted on PCB with 0.4" x 0.4" (10mm x 10mm) Copper Pads.
C/W
o o
C C
Version: A06
RATINGS AND CHARACTERISTIC CURVES (KBP301G THRU KBP307G)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE FIG.2- TYPICAL REVERSE CHARACTERISTICS PER BRIDGE ELEMENT
4.0
100
AVERAGE FORWARD CURRENT. (A)
INSTANTANEOUS REVERSE CURRENT. ( A)
3.0
TJ=125 0C
2.0
10
1.0
0
20
40
60
100 80 o AMBIENT TEMPERATURE. ( C)
120
140 150
1 TJ=25 0C
80
FIG.3- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER BRIDGE ELEMENT
0.1 0 20 40 60 80 100 120 140
PEAK FORWARD SURGE CURRENT. (A)
70 60 50
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.4- TYPICAL JUNCTION CAPACITANCE
1000 600
40 30 20 1
JUNCTION CAPACITANCE.(pF)
500
Tj=25 0C
2
4
6
10
20
40
60
100
400 300 200 100 0 0.1
NUMBER OF CYCLES AT 60Hz
10
FIG.5- TYPICAL FORWARD CHARACTERISTICS PER BRIDGE ELEMENT
INSTANTANEOUS FORWARD CURRENT. (A)
0.5
1
2
5
10
20
50 100
200
500 800
REVERSE VOLTAGE. (V) 1
0.1
0.01 0.6
Tj=25 C PULSE WIDTH-300 S 1% DUTY CYCLE 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4
0
INSTANTANEOUS FORWARD VOLTAGE. (V)
Version: A06


▲Up To Search▲   

 
Price & Availability of KBP301G1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X