Part Number Hot Search : 
TCSH0303 2405E2 63MZP5 LPC2290 37101E3 ALO40 MAX80307 ARS50G
Product Description
Full Text Search
 

To Download PE424506 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Specification
PE4245
Product Description
The PE4245 RF Switch is designed to cover a broad range of applications from near DC to 4000 MHz. This switch integrates on-board CMOS control logic with a low voltage CMOS compatible control input. Using a +3-volt nominal power supply voltage, a 1 dB compression point of +27 dBm can be achieved. The PE4245 also exhibits excellent isolation of better than 42 dB at 1000 MHz and is offered in a small 3x3 mm DFN package. The PE4245 is manufactured on Peregrine's UltraCMOSTM process, a patented variation of silicon-on-insulator (SOI) technology on a sapphire substrate, offering the performance of GaAs with the economy and integration of conventional CMOS. Figure 1. Functional Diagram
RFC
SPDT UltraCMOSTM RF Switch DC - 4000 MHz Features
* Single 3.0 V Power Supply * Low insertion loss: 0.6 dB at 1000 MHz,
0.7 dB at 2000 MHz
* High isolation of 42 dB at 1000 MHz,
32 dB at 2000 MHz
* Typical 1 dB compression of +27 dBm * Single-pin CMOS logic control * Available in a 6-lead DFN package
Figure 2. Package Type
6-lead DFN
RF1
RF2
CMOS Control Driver
CTRL
Table 1. Electrical Specifications @ +25 C, VDD = 3 V (ZS = ZL = 50 )
Parameter
Operation Frequency1 Insertion Loss Isolation - RFC to RF1/RF2 Isolation - RF1 to RF2 Return Loss `ON' Switching Time `OFF' Switching Time Video Feedthrough2 Input 1 dB Compression Input IP3 2000 MHz 2000 MHz, 14 dBm 26 43 1000 MHz 2000 MHz 1000 MHz 2000 MHz 1000 MHz 2000 MHz 1000 MHz 2000 MHz CTRL to 0.1 dB final value, 2 GHz CTRL to 25 dB isolation, 2 GHz
Conditions
Minimum
DC
Typical
Maximum
4000
Units
MHz dB dB dB dB dB dB dB dB ns ns mVpp dBm dBm
39 30 34 27 21 20
0.6 0.7 42 32 36 29 23 22 200 90 15 27 45
0.75 0.85
Notes: 1. Device linearity will begin to degrade below 10 MHz. 2. The DC transient at the output of any port of the switch when the control voltage is switched from Low to High or High to Low in a 50 test set-up, measured with 1ns risetime pulses and 500 MHz bandwidth. Document No. 70-0104-05 www.psemi.com (c)2003-2006 Peregrine Semiconductor Corp. All rights reserved. Page 1 of 8
PE4245
Product Specification
Figure 3. Pin Configuration
RF2 GND RF1 1 2 3
Exposed Solder Pad - Shorted to Pin 2 (bottom side)
Table 4. Absolute Maximum Ratings
Symbol Parameter/Conditions
Power supply voltage Voltage on any input Storage temperature range Operating temperature range
Min
-0.3 -0.3 -65 -40
Max
4.0 VDD+ 0.3 150 85
Units
V V C C
6 5 4
RFC CTRL
VDD VI TST TOP
VDD
PIN
VESD
Input power (50)
ESD voltage (Human Body Model)
30
1500
dBm
V
Table 2. Pin Descriptions
Pin No.
1
Pin Name
RF2
Description
RF2 port (Note 1) Ground Connection. Traces should be physically short and connected to the ground plane. This pin is connected to the exposed solder pad that also must be soldered to the ground plane for best performance. RF1 port (Note 1) Nominal 3 V supply connection. CMOS logic level: High = RFC to RF1 signal path Low = RFC to RF2 signal path Common RF port for switch (Note 1)
2
GND
Absolute Maximum Ratings are those values listed in the above table. Exceeding these values may cause permanent device damage. Functional operation should be restricted to the limits in the DC Electrical Specifications table. Exposure to absolute maximum ratings for extended periods may affect device reliability. Table 5. Control Logic Truth Table
Control Voltage
CTRL = CMOS High CTRL = CMOS Low
3 4
RF1 VDD
Signal Path
RFC to RF1 RFC to RF2
5
CTRL
Electrostatic Discharge (ESD) Precautions When handling this UltraCMOSTM device, observe the same precautions that you would use with other ESD-sensitive devices. Although this device contains circuitry to protect it from damage due to ESD, precautions should be taken to avoid exceeding the rating specified in Table 4. Latch-Up Avoidance Unlike conventional CMOS devices, UltraCMOSTM devices are immune to latch-up.
6
RFC
Notes: 1. All RF pins must be DC blocked with an external series capacitor or held at 0 VDC.
Table 3. DC Electrical Specifications
Parameter
VDD Power Supply Voltage IDD Power Supply Current VDD = 3V, VCNTL = 3V Control Voltage High Control Voltage Low 0.7x VDD 0.3x VDD
Min
2.7
Typ
3.0 250
Max
3.3 500
Units
V nA V V
(c)2003-2006 Peregrine Semiconductor Corp. All rights reserved. Page 2 of 8
Document No. 70-0104-05 UltraCMOSTM RFIC Solutions
PE4245
Product Specification
Typical Performance Data @ 25 C (Unless Otherwise Noted)
Figure 4. Insertion Loss - RFC to RF1 T = -40 C to 85 C
0
Figure 5. Input 1dB Compression Point and IIP3
60
60
-0.3
-40C
50
Insertion Loss (dB) -0.6
50
1dB Compression Point (dBm)
IIP3 (dBm)
40
40
-0.9
85C
25C
-1.2
30
30
-1.5 0 800 1600 2400 3200 4000
20 0 800 1600 2400 3200
20 4000
Frequency (MHz)
Frequency (MHz)
Figure 6. Insertion Loss - RFC to RF2 T = -40 C to 85 C
0
Figure 7. Isolation - RFC to RF1
0
-0.3
-40C
-20
Insertion Loss (dB)
-0.9
85C
25C
Isolation (dB) 1600 2400 3200 4000
-0.6
-40
-60
-1.2
-80
-1.5 0 800
-100 0 800 1600 2400 3200 4000
Frequency (MHz)
Frequency (MHz)
Document No. 70-0104-05 www.psemi.com
(c)2003-2006 Peregrine Semiconductor Corp. All rights reserved. Page 3 of 8
PE4245
Product Specification
Typical Performance Data @ 25 C
Figure 8. Isolation - RFC to RF2
Figure 9. Isolation - RF1 to RF2, RF2 to RF1
0
0
-20
-25
Isolation (dB)
Isolation (dB)
-40
-50
-60
-75
-80
-100 0 800 1600 2400 3200 4000
-100 0 800 1600 2400 3200 4000
Frequency (MHz)
Frequency (MHz)
Figure 10. Return Loss - RFC to RF1, RF2
Figure 11. Return Loss - RF1, RF2
0
0
-10 Return Loss (dB) Return Loss (dB)
-10
RF1 -20
-20
RF1
-30 RF2
-30
RF2
-40 0 800 1600 2400 3200 4000
-40 0 800 1600 2400 3200 4000
Frequency (MHz)
Frequency (MHz)
(c)2003-2006 Peregrine Semiconductor Corp. All rights reserved. Page 4 of 8
Document No. 70-0104-05 UltraCMOSTM RFIC Solutions
PE4245
Product Specification
Evaluation Kit
The SPDT Switch Evaluation Kit board was designed to ease customer evaluation of the PE4245 SPDT switch. The RF common port is connected through a 50 transmission line to the top left SMA connector, J1. Port 1 and Port 2 are connected through 50 transmission lines to the top two SMA connectors on the right side of the board, J2 and J3. A through transmission line connects SMA connectors J4 and J5. This transmission line can be used to estimate the loss of the PCB over the environmental conditions being evaluated. The board is constructed of a two metal layer FR4 material with a total thickness of 0.031". The bottom layer provides ground for the RF transmission lines. The transmission lines were designed using a coplanar waveguide with ground plane model using a trace width of 0.0476", trace gaps of 0.030", dielectric thickness of 0.028", metal thickness of 0.0021" and r of 4.4. J6 provides a means for controlling DC and digital inputs to the device. Starting from the lower left pin, the second pin to the right (J6-3) is connected to the device CNTL input. The fourth pin to the right (J6-7) is connected to the device VDD input.
Figure 12. Evaluation Board Layouts
Peregrine Specification 101/0085
Figure 13. Evaluation Board Schematic
Peregrine Specification 102/0110
Document No. 70-0104-05 www.psemi.com
(c)2003-2006 Peregrine Semiconductor Corp. All rights reserved. Page 5 of 8
PE4245
Product Specification
Figure 14. Package Drawing
6-lead DFN
3.00 C L
-A-B1
PIN 1 MARK
3 0.125
2
C L
3.00
4 4
0.10 C 4 0.10 C 5 6 0.125
+2 10-10 0.100 C 0.90 0.10 0.080 C
3
TOP VIEW
DETAIL C 0.025 0.025 0.70 0.05 0.20 0.05 SEATING PLANE -CDETAIL B
0.0250.025
SIDE VIEW
SEE DETAIL B
0.95 EXPOSED PAD 4
C L
0.35 +0.08 -0.02 0.10 0.05 C 6
CAB 0.29 +0.16 -0.09 EXPOSED SLUG/ HEAT SINK
0.17 MIN. +0.16 0.29 -0.09 0.125 MAX. 0.17 0.30
5
SEE DETAIL A
R 0.127 TYP R 0.15 TYP
0.20 MIN.
1.54 0.10 0.96 0.10
EXPOSED (2X)
THIS FEATURE APPLIES TO BOTH ENDS OF THE PKG. DETAIL A
EXPOSED METALIZED FEATURE EDGE OF PLASTIC BODY
3
2
1 0.46 0.10 0.92 0.10
3
BOTTOM VIEW
1. DIMENSIONS AND TOLERANCES ARE PER ANSi Y14.5 2. DIMENSIONS ARE IN MILLIMETERS, ANGLES ARE IN DEGREES. 3 4 COPLANARITY APPLIES TO EXPOSED HEAT SLUG AS WELL AS THE TERMINALS. PROFILE TOLERANCE APPLIES TO PLASTIC BODY ONLY.
(c)2003-2006 Peregrine Semiconductor Corp. All rights reserved. Page 6 of 8
Document No. 70-0104-05 UltraCMOSTM RFIC Solutions
PE4245
Product Specification
Figure 15. Tape and Reel Specifications
6-lead DFN
Table 6. Dimensions
Dimension
Ao Bo Ko P W T R7 Quantity R13 Quantity
DFN 3x3 mm
3.23 0.1 3.17 0.1 1.37 0.1 4 0.1 8 +0.3, -0.1 0.254 0.02 3000 N.A.
Note: R7 = 7 inch Lock Reel, R13 = 13 inch Lock Reel
Table 7. Ordering Information
Order Code
4245-01 4245-02 4245-00 4245-51 4245-52
Part Marking
4245 4245 PE4245-EK 4245 4245
Description
PE4245-06DFN 3x3mm-12800F PE4245-06DFN 3x3mm-3000C PE4245-06DFN 3x3mm-EK PE4245G-06DFN 3x3mm-12800F PE4245G-06DFN 3x3mm-3000C
Package
6-lead 3x3 mm DFN 6-lead 3x3 mm DFN Evaluation Kit Green 6-lead 3x3 mm DFN Green 6-lead 3x3 mm DFN
Shipping Method
12800 units / Canister 3000 units / T&R 1 / Box 12800 units / Canister 3000 units / T&R
Document No. 70-0104-05 www.psemi.com
(c)2003-2006 Peregrine Semiconductor Corp. All rights reserved. Page 7 of 8
PE4245
Product Specification
Sales Offices
The Americas Peregrine Semiconductor Corporation
9450 Carroll Park Drive San Diego, CA 92121 Tel: 858-731-9400 Fax: 858-731-9499
North Asia Pacific Peregrine Semiconductor K.K.
Teikoku Hotel Tower 10B-6 1-1-1 Uchisaiwai-cho, Chiyoda-ku Tokyo 100-0011 Japan Tel: +81-3-3502-5211 Fax: +81-3-3502-5213
Europe Peregrine Semiconductor Europe
Batiment Maine 13-15 rue des Quatre Vents F-92380 Garches, France Tel: +33-1-47-41-91-73 Fax : +33-1-47-41-91-73
Peregrine Semiconductor, Korea
#B-2402, Kolon Tripolis, #210 Geumgok-dong, Bundang-gu, Seongnam-si Gyeonggi-do, 463-480 S. Korea Tel: +82-31-728-4300 Fax: +82-31-728-4305
South Asia Pacific Peregrine Semiconductor, China
Shanghai, 200040, P.R. China Tel: +86-21-5836-8276 Fax: +86-21-5836-7652
Space and Defense Products
Americas: Tel: 858-731-9453 Europe, Asia Pacific: 180 Rue Jean de Guiramand 13852 Aix-En-Provence Cedex 3, France Tel: +33(0) 4 4239 3361 Fax: +33(0) 4 4239 7227
For a list of representatives in your area, please refer to our Web site at: www.psemi.com
Data Sheet Identification
Advance Information
The product is in a formative or design stage. The data sheet contains design target specifications for product development. Specifications and features may change in any manner without notice. The information in this data sheet is believed to be reliable. However, Peregrine assumes no liability for the use of this information. Use shall be entirely at the user's own risk. No patent rights or licenses to any circuits described in this data sheet are implied or granted to any third party. Peregrine's products are not designed or intended for use in devices or systems intended for surgical implant, or in other applications intended to support or sustain life, or in any application in which the failure of the Peregrine product could create a situation in which personal injury or death might occur. Peregrine assumes no liability for damages, including consequential or incidental damages, arising out of the use of its products in such applications. The Peregrine name, logo, and UTSi are registered trademarks and UltraCMOS and HaRP are trademarks of Peregrine Semiconductor Corp.
Preliminary Specification
The data sheet contains preliminary data. Additional data may be added at a later date. Peregrine reserves the right to change specifications at any time without notice in order to supply the best possible product.
Product Specification
The data sheet contains final data. In the event Peregrine decides to change the specifications, Peregrine will notify customers of the intended changes by issuing a DCN (Document Change Notice).
(c)2003-2006 Peregrine Semiconductor Corp. All rights reserved. Page 8 of 8
Document No. 70-0104-05 UltraCMOSTM RFIC Solutions


▲Up To Search▲   

 
Price & Availability of PE424506

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X