Part Number Hot Search : 
3P106D TK71150 FM1100L TK71150 LC373 CMLD6263 HMC383 C5020
Product Description
Full Text Search
 

To Download NSR15DW1T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NSR15DW1 Dual RF Schottky Diode
These diodes are designed for analog and digital applications, including DC based signal detection and mixing applications.
Features
* * * *
Low Capacitance (<1 pF) Low VF (390 mV typical @ 1 mA) Low VFD (1 mV typical @ 1 mA) Pb-Free Package is Available
http://onsemi.com
Benefits
RF SCHOTTKY BARRIER DIODES 15 VOLTS, 30 mA
6 5 4
* Reduced Parasitic Losses * Accurate Signal Measurement
MAXIMUM RATINGS
Rating Peak Reverse Voltage Forward Current Operating and Storage Temperature Range ESD Rating: Class 1 per Human Body Model ESD Rating: Class A per Machine Model Symbol VR IF TJ, Tstg Max 15 30 -65 to +150 Unit V mA C
1
2
3
THERMAL CHARACTERISTICS
Characteristic Maximum Thermal Resistance, Junction-to-Ambient Symbol RqJA Value 500 Unit C/W
1
SC-88 CASE 419B STYLE 21
MARKING DIAGRAM
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1 R5 M G
R5 M G G
= Specific Device Code = Date Code = Pb-Free Package
(Note: Microdot may be in either location)
ORDERING INFORMATION
Device NSR15DW1T1 NSR15DW1T1G Package SC-88 SC-88 (Pb-Free) Shipping 3000/Tape & Reel 3000/Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
(c) Semiconductor Components Industries, LLC, 2006
1
May, 2006 - Rev. 2
Publication Order Number: NSR15DW1/D
NSR15DW1
ELECTRICAL CHARACTERISTICS
Characteristic Breakdown Voltage (IR = 10 mA) Reverse Leakage (VR = 1 V) Forward Voltage (IF = 1 mA) Forward Voltage (IF = 10 mA) Delta VF (IF = 1 mA, All Diodes) Capacitance (VF = 0 V, f = 1 MHz) Symbol VBR IR VF1 VF2 DVF CT Min 15 - - - - - Typ 20 2 390 530 1 0.8 Max - 50 415 680 15 1 Unit V nA mV mV mV pF
100 IF, FORWARD CURRENT (mA)
100 k IR, REVERSE CURRENT (nA)
10 k
10 25C
125C
75C 1 125C 0.1 -25C
1k
75C
100 25C 10 1
0.01
0
0.1
0.2 0.3 0.4 0.5 VF, FORWARD VOLTAGE (V)
0.6
0.7
0
5 10 VR, REVERSE VOLTAGE (V)
15
Figure 1. Forward Current versus Forward Voltage at Temperatures
Figure 2. Reverse Current versus Reverse Voltage
1
1000 RD, DYNAMIC RESISTANCE (W) 7
CT, CAPACITANCE (pF)
0.9
100
0.8
0.7
10
0.6 0.5
1 0 1 2 3 4 5 6 VR, REVERSE VOLTAGE (V) 8 0.1 1 10 IF, FORWARD CURRENT (mA) 100
Figure 3. Total Capacitance versus Reverse Voltage
Figure 4. Dynamic Resistance versus Forward Current
http://onsemi.com
2
NSR15DW1
DVF, FORWARD VOLTAGE DIFFERENCE (mV) IF, FORWARD CURRENT (mA) 100 IF, FORWARD CURRENT (mA) IF (left scale) 10 DVF (right scale) 1 1 100 100 10 DVF, FORWARD VOLTAGE DIFFERENTIAL (mV)
IF (left scale)
10
10
1
DVF (right scale)
0.1
0.3
0.4
0.5 0.6 0.7 VF, FORWARD VOLTAGE (V)
0.8
0.1
1
0.1 0.175 0.275 0.225 VF, FORWARD VOLTAGE (V) 0.325
Figure 5. Typical VF Match at Mixer Bias Levels
Figure 6. Typical VF Match at Detector Bias Levels
1 DC Bias = 3 mA
10 1 0.1 VDET, (Vdc) 0.01 0.001 RF IN 68 W NSR15DW1 VO 4.7 kW
VDET, (Vdc)
0.1
RF IN 0.01 3.3 nH
NSR15DW1 18 nH 100 pF
VO 100 kW
0.0001 0.00001
100 pF
0.001 -40
-35
-30 -25 -20 -15 -10 Pin, INPUT POWER (dBm)
-5
0
0.000001 -20 -15 -10
-5 0 5 10 15 Pin, INPUT POWER (dBm)
20
25
30
Figure 7. Typical Output Voltage versus Input Power, Small Signal Detector Operating at 850 MHz
Figure 8. Typical Output Voltage versus Input Power, Large Signal Detector Operating at 915 MHz
12
CONVERSION LOSS (dB)
10
9
8
7 6 -2
0
10 2 4 6 8 LOCAL OSCILLATOR POWER (dBm)
12
Figure 9. Typical Conversion Loss versus L.O. Drive, 2.0 GHz
http://onsemi.com
3
NSR15DW1
PACKAGE DIMENSIONS
SC-88/SC70-6/SOT-363 CASE 419B-02 ISSUE W
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. 419B-01 OBSOLETE, NEW STANDARD 419B-02.
D e
6
5
4
HE
1 2 3
-E-
b 6 PL 0.2 (0.008)
M
DIM A A1 A3 b C D E e L HE
MILLIMETERS MIN NOM MAX 0.80 0.95 1.10 0.00 0.05 0.10 0.20 REF 0.10 0.21 0.30 0.10 0.14 0.25 1.80 2.00 2.20 1.15 1.25 1.35 0.65 BSC 0.10 0.20 0.30 2.00 2.10 2.20
INCHES NOM MAX 0.037 0.043 0.002 0.004 0.008 REF 0.004 0.008 0.012 0.004 0.005 0.010 0.070 0.078 0.086 0.045 0.049 0.053 0.026 BSC 0.004 0.008 0.012 0.078 0.082 0.086 MIN 0.031 0.000
E
M
A3 C A
STYLE 21: PIN 1. ANODE 1 2. N/C 3. ANODE 2 4. CATHODE 2 5. N/C 6. CATHODE 1
A1
L
SOLDERING FOOTPRINT*
0.50 0.0197
0.65 0.025 0.65 0.025 0.40 0.0157
1.9 0.0748
SCALE 20:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
4
NSR15DW1/D


▲Up To Search▲   

 
Price & Availability of NSR15DW1T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X