Part Number Hot Search : 
PK70FG40 NCE9926 M100B NTE328 53508 PM200 53508 N4001
Product Description
Full Text Search
 

To Download FDG6313N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 April 2002
FDG6313N Dual N-Channel, Digital FET
General Description
These dual N-Channel logic level enhancement mode field effect transistors are produced using Fairchild's proprietary, high cell density, DMOS technology. This very high density process is especially tailored to minimize on-state resistance. This device has been designed especially for low voltage applications as a replacement for bipolar digital transistors and small signal MOSFETs.
Features
25 V, 0.50 A continuous, 1.5 A peak. RDS(ON) = 0.45 @ VGS= 4.5 V, RDS(ON) =0.60 @ VGS= 2.7 V. Very low level gate drive requirements allowing direct operation in 3 V circuits (VGS(th) < 1.5 V). Gate-Source Zener for ESD ruggedness (>6kV Human Body Model). Compact industry standard SC70-6 surface mount package.
SC70-6
SOT-23
SuperSOTTM -6
SuperSOTTM -8
SO-8
SOT-223
G2 D1
S2
1 or 4 *
6 or 3
.33
2 or 5 5 or 2
SC70-6
S1
G1
D2
3 or 6 4 or 1
*
* The pinouts are symmetrical; pin 1 and 4 are interchangeable.
Units inside the carrier can be of either orientation and will not affect the functionality of the device.
Absolute Maximum Ratings
Symbol Parameter
TA = 25C unless otherwise noted
FDG6313N
Units
VDSS VGSS ID PD TJ,TSTG ESD
Drain-Source Voltage Gate-Source Voltage Drain/Output Current - Continuous - Pulsed Maximum Power Dissipation
(Note 1)
25
- 0.5 to +8
V V A
0.5 1.5 0.3 -55 to 150 6.0
W C kV
Operating and Storage Temperature Range Electrostatic Discharge Rating MIL-STD-883D Human Body Model (100 pF / 1500 ) Thermal Resistance, Junction-to-Ambient
THERMAL CHARACTERISTICS
RJA
415
C/W
FDG6313N Rev.A
Electrical Characteristics (TA = 25 OC unless otherwise noted )
Symbol Parameter Conditions Min Typ Max Units OFF CHARACTERISTICS
BVDSS
Drain-Source Breakdown Voltage Breakdown Voltage Temp. Coefficient Zero Gate Voltage Drain Current
VGS = 0 V, ID = 250 A ID = 250 A, Referenced to 25oC VDS = 20 V, VGS = 0 V TJ = 55C VGS = 8 V, VDS = 0 V VDS = VGS, ID = 250 A ID = 250 A, Referenced to 25oC VGS = 4.5 V, ID = 0.5 A TJ =125C VGS = 2.7 V, ID = 0.2 A
25 26 1 10 100
V mV/oC A A nA
BVDSS/TJ
IDSS IGSS VGS(th)
Gate - Body Leakage Current
ON CHARACTERISTICS (Note 2)
Gate Threshold Voltage Gate Threshold Voltage Temp.Coefficient Static Drain-Source On-Resistance
0.65
0.8 -2.6 0.34 0.55 0.44
1.5
V mV/oC
VGS(th)/TJ
RDS(ON)
0.45 0.77 0.6
ID(ON) gFS Ciss Coss Crss tD(on) tr tD(off) tf Qg Qgs Qgd IS VSD
On-State Drain Current Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn - On Delay Time Turn - On Rise Time Turn - Off Delay Time Turn - Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Maximum Continuous Source Current Drain-Source Diode Forward Voltage
VGS = 2.7 V, VDS = 5 V VDS = 5 V, ID = 0.5 A VDS = 10 V, VGS = 0 V, f = 1.0 MHz
0.5 1.45 50 28 9
A S pF pF pF 6 18 30 25 2.3 ns ns ns ns nC nC nC 0.25 A V
DYNAMIC CHARACTERISTICS
SWITCHING CHARACTERISTICS (Note 2)
VDD = 5 V, ID = 0.5 A, VGS = 4.5 V, RGEN = 50
3 8.5 17 13
VDS = 5 V, ID = 0.5 A, VGS = 4.5 V
1.64 0.38 0.45
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
VGS = 0 V, IS = 0.25 A
(Note 2)
0.8
1.2
Notes: 1. RJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RJC is guaranteed by design while RCA is determined by the user's board design. RJA = 415OC/W on minimum pad mounting on FR-4 board in still air. 2. Pulse Test: Pulse Width < 300s, Duty Cycle < 2.0%.
FDG6313N Rev. A
Typical Electrical Characteristics
1.5 I D , DRAIN-SOURCE CURRENT (A)
1.2
, NORMALIZED
3.0V 2.7V
DRAIN-SOURCE ON-RESISTANCE
VGS = 4.5V
2
2.5V 2.0V
VGS = 2.0V
1.5
0.9
2.5V 2.7V
1
3.0V 3.5V 4.5V
0.6
0.3
R D(N O S)
1.5V
0 0 0.5 1 1.5 2 2.5 3 VDS , DRAIN-SOURCE VOLTAGE (V)
0.5 0 0.2 0.4 0.6 0.8 1 1.2 ID , DRAIN CURRENT (A)
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with Drain Current and Gate Voltage.
1.6 DRAIN-SOURCE ON-RESISTANCE R DS(ON) , NORMALIZED
2
I D = 0.5A
1.4
R DS(on), ON-RESISTANCE (OHM)
I D = 0.3A
1.6
VGS = 4.5 V
1.2
1.2
1
0.8
TA = 125C
0.8
0.4
TA = 25C
0 1 1.5 2 2.5 3 3.5 4 4.5 5
0.6 -50
-25
0
25
50
75
100
125
150
TJ , JUNCTION TEMPERATURE (C)
V GS , GATE TO SOURCE VOLTAGE (V)
Figure 3. On-Resistance Variation with Temperature.
Figure 4. On-Resistance Variation with Gate-to-Source Voltage.
VDS = 5.0V
I D, DRAIN CURRENT (A) 0.8
25C 125C
I S , REVERSE DRAIN CURRENT (A)
1
1
TJ = -55C
VGS = 0V TJ = 125C 25C -55C
0.01
0.1
0.6
0.4
0.001
0.2
0 0 0.5 1 1.5 2 2.5 VGS , GATE TO SOURCE VOLTAGE (V)
0.0001 0 0.2 0.4 0.6 0.8 1 1.2 V SD , BODY DIODE FORWARD VOLTAGE (V)
Figure 5. Transfer Characteristics.
Figure 6 . Body Diode Forward Voltage Variation with Source Current and Temperature.
FDG6313N Rev. A
Typical Electrical Characteristics (continued)
200
5 V GS , GATE-SOURCE VOLTAGE (V)
I D = 0.5A
4
CAPACITANCE (pF)
VDS = 5V 10V 15V
70
Ciss
30
3
Coss
2
10
1
3 0.1
f = 1 MHz VGS = 0V
0 0.4 0.8 1.2 1.6 2
0.3 1 2 5 10
Crss
0 Q g , GATE CHARGE (nC)
25
V DS , DRAIN TO SOURCE VOLTAGE (V)
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
3
IT
50
ID , DRAIN CURRENT (A)
1 0.5 0.2 0.1 0.05 0.02 0.01 0.1
RD S N (O
)L
IM
1m s 10m s
POWER (W)
40
10 0m s
SINGLE PULSE R JA=415C/W TA= 25C
30
1s
VGS = 4.5V SINGLE PULSE RJA = 415 C/W TA = 25C
1 V
DS
10 s DC
20
10
2
5
10
25
40
0 0.0001
0.001
0.01
0.1
1
10
200
, DRAI N-SOURCE VOLTAGE (V)
SINGLE PULSE TIME (SEC)
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum Power Dissipation.
1 TRANSIENT THERMAL RESISTANCE
r(t), NORMALIZED EFFECTIVE
0.5 0.2 0.1 0.05 0.02 0.01 0.005
D = 0.5 0.2 0.1 0.05 0.02 0.01 Single Pulse P(pk)
R JA (t) = r(t) * R JA R JA =415 C/W
t1
t2
TJ - TA = P * R JA (t) Duty Cycle, D = t 1/ t 2
0.002 0.0001
0.001
0.01
0.1 t 1, TIME (sec)
1
10
100
200
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in note 1. Transient thermal response will change depending on the circuit board design.
FDG6313N Rev. A
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM FAST ActiveArrayTM FASTrTM BottomlessTM FPSTM CoolFETTM FRFETTM CROSSVOLTTM GlobalOptoisolatorTM DOMETM GTOTM EcoSPARKTM HiSeCTM E2CMOSTM I2CTM EnSignaTM i-LoTM FACTTM ImpliedDisconnectTM FACT Quiet SeriesTM
ISOPLANARTM LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC Across the board. Around the world.TM OPTOPLANARTM PACMANTM The Power Franchise POPTM Programmable Active DroopTM
Power247TM PowerSaverTM PowerTrench QFET QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SerDesTM SILENT SWITCHER SMART STARTTM SPMTM StealthTM
SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogic TINYOPTOTM TruTranslationTM UHCTM UltraFET VCXTM
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component is any component of a life 1. Life support devices or systems are devices or support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. I11


▲Up To Search▲   

 
Price & Availability of FDG6313N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X