Part Number Hot Search : 
TL1006 BY44810 UPA1523 M7915 AAT1150 TEA1085 XC2S200 BS616
Product Description
Full Text Search
 

To Download 2SK2081-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK2081-01
FAP-IIA Series
> Features
High Speed Switching Low On-Resistance No Secondary Breakdown Low Driving Power High Voltage VGS = 30V Guarantee Avalanche Proof
N-channel MOS-FET
500V
0,6
12A
125W
> Outline Drawing
> Applications
Switching Regulators UPS DC-DC converters General Purpose Power Amplifier
> Maximum Ratings and Characteristics
- Absolute Maximum Ratings (TC=25C), unless otherwise specified
Item Drain-Source-Voltage Drain-Gate-Voltage (RGS=20K) Continous Drain Current Pulsed Drain Current Gate-Source-Voltage Max. Power Dissipation Operating and Storage Temperature Range Symbol V DS V DGR ID I D(puls) V GS PD T ch T stg Rating 500 500 12 48 30 125 150 -55 ~ +150 Unit V V A A V W C C
> Equivalent Circuit
- Electrical Characteristics (TC=25C), unless otherwise specified
Item Drain-Source Breakdown-Voltage Gate Threshhold Voltage Zero Gate Voltage Drain Current Gate Source Leakage Current Drain Source On-State Resistance Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On-Time ton (ton=td(on)+tr) Turn-Off-Time toff (ton=td(off)+tf) Avalanche Capability Continous Reverse Drain Current Pulsed Reverse Drain Current Diode Forward On-Voltage Reverse Recovery Time Reverse Recovery Charge Symbol V (BR)DSS V GS(th) I DSS I R g C C C t t t t I I I V t Q
GSS DS(on) fs iss oss rss d(on) r d(off) f AV DR DRM SD rr rr
Test conditions ID=1mA VGS=0V ID=1mA VDS=VGS VDS=500V Tch=25C VGS=0V Tch=125C VGS=30V VDS=0V ID=6A VGS=10V ID=6A VDS=25V VDS=25V VGS=0V f=1MHz VCC=300V ID=12A VGS=10V RGS=10 Tch=25C L = 100H
Min. 500 2,5
Typ. 3,0 10 0,2 10 0,45 10 2200 230 55 25 55 110 60
Max. 3,5 500 1,0 100 0,6 3300 345 85 40 85 165 90 12 48 1,95
5
12
IF=2xIDR VGS=0V Tch=25C IF=IDR VGS=0V -dIF/dt=100A/s Tch=25C
1,3 400 3
Unit V V A mA nA S pF pF pF ns ns ns ns A A A V ns C
- Thermal Characteristics Item Thermal Resistance
Symbol R th(ch-a) R th(ch-c)
Test conditions channel to air channel to case
Min.
Typ.
Max. 35 1,0
Unit C/W C/W
Collmer Semiconductor - P.O. Box 702708 - Dallas TX - 75370 - 972.233.1589 - 972.233.0481 Fax - www.collmer.com - 11/98
N-channel MOS-FET
500V
0,6
2SK2081-01
FAP-IIA Series
Drain-Source-On-State Resistance vs. Tch Typical Transfer Characteristics
12A
125W
> Characteristics
Typical Output Characteristics
ID [A]
1
RDS(ON) []
2
ID [A]
3
VDS [V]
Tch [C]
VGS [V]
Typical Drain-Source-On-State-Resistance vs. ID
Typical Forward Transconductance vs. ID
Gate Threshold Voltage vs. Tch
RDS(ON) []
44
gfs [S]
5
VGS(th) [V]
6
ID [A]
ID [A]
Tch [C]
Typical Capacitance vs. VDS
Typical Input Charge
Forward Characteristics of Reverse Diode
C [nF]
7
VDS [V]
8
VGS [V]
IF [A]
9
VDS [V]
Qg [nC]
VSD [V]
Allowable Power Dissipation vs. TC
Safe operation area
Zth(ch-c) [K/W]
Transient Thermal impedance
PD [W]
10
ID [A]
12
11
Tc [C]
VDS [V]
t [s]
This specification is subject to change without notice!


▲Up To Search▲   

 
Price & Availability of 2SK2081-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X