Part Number Hot Search : 
20800 N60CT 5KP36 BU4325G 30CTQ080 200JE SZ4527 D80C40
Product Description
Full Text Search
 

To Download SMDJ50A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA. U.S.A. 92253 Tel: 760-564-8656 * Fax: 760-564-2414
SMDJ SERIES
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
FEATURES
* For surface mounted applications in order to optimize board space * Low profile package * Built-in strain relief * Glass passivated junction * Low inductance * Excellent clamping capability * Repetition rate (duty cycle):0.01% * Fast response time: typically less than 1.0 ps from 0 volts to BV for unidirectional types * Typical IR less than 1A above 10V * High temperature soldering: 250C/10 seconds at terminals * Plastic package has Underwriters Laboratory Flammability Classification 94 V-O
MECHANICAL DATA
Case: JEDEC DO214AB. Molded plastic over glass passivated junction Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 Polarity: Color band denoted positive end (cathode) except Bidirectional Standard Packaging: 12mm tape (EIA STD RS-481) Weight: 0.007 ounces, 0.021 grams)
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA Suffix for types SMDJ5.0 thru types SMDJ170 (e.g. SMDJ5.0C, SMDJ170CA) Electrical characteristics apply in both directions.
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
RATING
SYMBOL
VALUE
UNITS
Peak Pulse Power Dissipation on 10/1000 s Minimum 3000 Watts Pppm waveform (NOTE 1, 2, Fig.1) Peak Pulse Current of on 10/1000 s waveform (Note 1,Fig 3) Ippm SEE TABLE 1 Amps Peak Forward Surge Current, 8.3ms Single Half Sine-wave 100 Amps IFSM Superimposed on Rated Load, (JEDEC Method)(Note2, 3) Operatings and Storage Temperature Range Tj, Tstg -55 +150 C NOTES: 1. Non-repetitive current pulse, per Fig.3 and derated above Ta=25 C per Fig.2. 2. Mounted on Copper Pad area of 0.8x0.8" (20x20mm) per Fig.5. 3. 8.3ms single half sine-wave, or equivalent square wave, Duty cycle=4 pulses per minutes maximum.
8/6/2002
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 * Fax: 760-564-2414
RATING AND CHARACTERISTIC CURVES SMDJ SERIES
Figure 1 PEAK PULSE POWER VS PULSE TIME
100
Ppp - Peak Pulse Power - kilowatts
10
3,000W, 10/1000 s Wave Shape
1.0
0.1 0.1 1 10 100 1,000 10,000 100,000
td - Pulse Duration - s
8/6/2002
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 * Fax: 760-564-2414
3000 Watt Surface Mount TVS
DEVICE DEVICE UNIDIRECTIONAL MARKING MARKING CODE BICODE PART UNI-POLAR NUMBER POLAR MAXIMUM TEST REVERSE BREAKDOWN BREAKDOWN VOLTAGE CURRENT CLAMPING VOLTAGE STANDOFF VOLTAGE (It) VBR (V) VBR (V) VOLTAGE @Ipp Vc (V) mA MAX. @ IT MIN. @ IT VRWM (V) PEAK PULSE CURRENT Ipp (A) REVERSE LEAKAGE @ VRWM IR (A)
SMDJ5.0 SMDJ5.0A SMDJ6.0 SMDJ6.0A SMDJ6.5 SMDJ6.5A SMDJ7.0 SMDJ7.0A SMDJ7.5 SMDJ7.5A SMDJ8.0 SMDJ8.0A SMDJ8.5 SMDJ8.5A SMDJ9.0 SMDJ9.0A SMDJ10 SMDJ10A SMDJ11 SMDJ11A SMDJ12 SMDJ12A SMDJ13 SMDJ13A SMDJ14 SMDJ14A SMDJ15 SMDJ15A SMDJ16 SMDJ16A SMDJ17 SMDJ17A SMDJ18 SMDJ18A SMDJ20 SMDJ20A SMDJ22 SMDJ22A SMDJ24 SMDJ24A SMDJ26 SMDJ26A SMDJ28 SMDJ28A SMDJ30 SMDJ30A SMDJ33 SMDJ33A
RDD RDE RDF RDG RDH RDK PDL PDM PDN PDP PDQ PDR PDS PDT PDU PDV PDW PDX PDY PDZ PED PEE PEF PEG PEH PEK PEL PEM PEN PEP PEQ PER PES PET PEU PEV PEW PEX PEY PEZ PFD PFE PFF PFG PFH PFK PFL PFM
DDD DDE DDF DDG DDH DDK DDL DDM DDN DDP DDQ DDR DDS DDT DDU DDV DDW DDX DDY DDZ DED DEE DEF DEG DEH DEK DEL DEM DEN DEP DEQ DER DES DET DEU DEV DEW DEX DEY DEZ DFD DFE DFF DFG DFH DFK DFL DFM
5.00 5.00 6.00 6.00 6.50 6.50 7.00 7.00 7.50 7.50 8.00 8.00 8.50 8.50 9.00 9.00 10.00 10.00 11.00 11.00 12.00 12.00 13.00 13.00 14.00 14.00 15.00 15.00 16.00 16.00 17.00 17.00 18.00 18.00 20.00 20.00 22.00 22.00 24.00 24.00 26.00 26.00 28.00 28.00 30.00 30.00 33.00 33.00
6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.00 10.00 11.10 11.10 12.20 12.20 13.30 13.30 14.40 14.40 15.60 15.60 16.70 16.70 17.80 17.80 18.90 18.90 20.00 20.00 22.20 22.20 24.40 24.40 26.70 26.70 28.90 28.90 31.10 31.10 33.30 33.30 36.70 36.70
7.30 7.00 8.15 7.37 8.82 7.98 9.51 8.60 10.20 9.21 10.90 9.83 11.50 10.40 12.20 11.10 13.60 12.30 14.90 13.50 16.30 14.70 17.60 15.90 19.10 17.20 20.40 18.50 21.80 19.70 23.10 20.90 24.40 22.10 27.10 24.50 29.80 26.90 32.60 29.50 35.30 31.90 38.00 34.40 40.70 36.80 44.90 40.60
10 10 10 10 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 43.0 38.9 46.6 42.1 50.1 45.4 53.5 48.4 59.0 53.3
312.5 326.1 263.2 291.3 243.9 267.9 225.6 250.0 209.8 232.6 200.0 220.6 188.7 208.3 177.5 194.8 159.6 176.5 149.3 164.8 136.4 150.8 126.1 139.5 116.3 129.3 111.5 123.0 104.2 115.4 98.4 108.7 93.2 102.7 83.8 92.6 76.1 84.5 69.8 77.1 64.4 71.3 59.5 66.1 56.1 62.0 50.8 56.3
800 800 800 800 500 500 200 200 100 100 50 50 20 20 10 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
8/6/2002


▲Up To Search▲   

 
Price & Availability of SMDJ50A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X