Part Number Hot Search : 
1N4961US ADP3500 SP5768KG 30WQ06FN SSF6N40D WP2060YD RF5540 MBR745
Product Description
Full Text Search
 

To Download NV23KQCSNILDC10V055 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NV23K
12x12.9x9.9 Features
Small size, light weight 4g g Withstands high temperature, operational under 105 ambient temperature. Heavy contact load switching current up to 30A.
Ordering Information
NV23K Q C Z S DC12V
1 2 3 4 5 6 1 Part numberNV23K 2 NoiseNIL: StandardQ: Quiet 3 Contact arrangementA:1AC:1C
0.57
7 4 EnclosureS: Sealed typeZ: Dust cover 5 MountingNIL: StandardS: SMT 6 Coil rated Voltage(V)DC:10,12 7 Coil power consumption0.55:0.55W0.57:0.57W
Contact Data
Contact Arrangement Contact Material Contact Rating 1A SPSTNO f1C SPDT(B-M) Ag SnO2 Ag Ni Resistive 1A:20A/14VDC 1C:NO:20A/14VDC; NC:15A/14VDC Inductive:1.0mH On 18A(NO)13A(NC)/14VDC Off:8A/14VDC 280W 24VDC Max. Switching Current:30A 30mV (at 10A) Item 3.12 of IEC255-7 105 Item 3.30 of IEC255-7 107 Item 3.31 of IEC255-7
Max. Switching Power Max. Switching Voltage Contact Resistance or Voltage drop Operation life Electrical Mechanical
Coil Parameter
Coil voltage VDC Pickup voltage VDC(max) (57%of rated voltage ) release voltage VDC(min) (12.5% of rated voltage)
Dash numbers
Coil resistance 10%
Coil power consumption W
Operate Time ms
Release Time ms
Rated 010-550 012-570 10 12
Max. 12 14.4 181 254
5.7 6.9
1.25 1.5
0.55 0.57
3
1.5
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Sound Pre. Characteristics (Q type)
Operation noise <50db Coil voltage :12VDC
129
www.dblectro.com
NV23K
Operation condition
Insulation Resistance Dielectric Strength Between contacts Between contact and coil Shock resistance Vibration resistance Terminals strength Solderability Ambient Temperature Relative Humidity Mass 1000M min (at 500VDC) Item 7 of IEC255-5 Item 6 Item 6 1.27mm of IEC255-5 of IEC255-5
50Hz 500V 50Hz 500V 300m/s2 6ms 10~500Hz double amplitude 60m/s2 10N 235x2 3x0.5s -40~105 85% (at 20) 4g (Q type 9.5g)
IEC68-2-27 Test Ea IEC68-2-6 Test Fc IEC68-2-20 Test Ta method 1 IEC68-2-3 Test Ca
Qualification inspection:
Perform the qualification test as specified in the table of IEC255-19-1 and minimum sample size 24.
Dimensions (Unit: mm)
x0 x1
Dimensions
Mounting (Bottom views)
Wiring diagram (Bottom views)
mm 0.3 0.4 0.5 0.6 0.7 0.8 1.0 1.1 1.3 1.5 1.56 1.8 2.2 2.8 3.0 3.06 3.36 6.01 7.0 7.2 7.5 8 8.5 9.5 9.9 11.3 12 12.9
>acCa
0.012 0.016 0.020 0.024 0.027 0.031 0.039 0.043 0.051 0.059 0.061 0.071 0.087 0.110 0.118 0.120 0.132 0.237 0.275 0.283 0.295 0.315 0335 0.374 0.390 0.445 0.472 0.508
NOTES 1).Dimensions are in millimeter.
2).Inch equivalents are given for general information only.
www.dblectro.com


▲Up To Search▲   

 
Price & Availability of NV23KQCSNILDC10V055

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X