Part Number Hot Search : 
GMS90C3X LB122 5503P PW2300 1688M IDT71V 17256 SE103
Product Description
Full Text Search
 

To Download IRFE9130 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IRFE9130
MECHANICAL DATA Dimensions in mm (inches)
P-CHANNEL POWER MOSFET
2.16 (0.085)
1.27 (0.050) 1.07 (0.040)
9.14 (0.360) 8.64 (0.340)
12 13 14 15 16
1.39 (0.055) 1.02 (0.040)
11
7.62 (0.300) 7.12 (0.280)
17 18 1 2
0.76 (0.030) 0.51 (0.020)
10 9 8
7
6
5
4
3
1.65 (0.065) 1.40 (0.055)
0.33 (0.013) Rad. 0.08 (0.003)
VDSS ID(cont) RDS(on)
FEATURES
* SURFACE MOUNT * SMALL FOOTPRINT
-100V -6.1A 0.345
1.39 (0.055) 1.15 (0.045)
0.43 (0.017) 0.18 (0.007 Rad.
LCC4 MOSFET
GATE DRAIN SOURCE
* HERMETICALLY SEALED PINS
4,5 1,2,15,16,17,18 6,7,8,9,10,11,12,13
TRANSISTOR
BASE COLLECTOR EMITTER
* DYNAMIC dv/dt RATING * AVALANCHE ENERGY RATING * SIMPLE DRIVE REQUIREMENTS * LIGHT WEIGHT
ABSOLUTE MAXIMUM RATINGS (Tcase = 25C unless otherwise stated)
VGS ID ID IDM PD EAS dv/dt TJ , Tstg Gate - Source Voltage Continuous Drain Current @ Tcase = 25C Continuous Drain Current @ Tcase = 100C Pulsed Drain Current Power Dissipation @ Tcase = 25C Linear Derating Factor Single Pulse Avalanche Energy 2 Peak Diode Recovery 3 Operating and Storage Temperature Range Surface Temperature ( for 5 sec). 20V - 6.1A - 3.8A - 24A 22W 0.17W/C 92mJ - 5.5V/ns - 55 to +150C 300C
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. e-mail sales@semelab.co.uk Website http://www.semelab.co.uk
10/98
IRFE9130
ELECTRICAL CHARACTERISTICS (Tcase = 25C unless otherwise stated)
Parameter
STATIC ELECTRICAL RATINGS BVDSS Drain - Source Breakdown Voltage BVDSS Temperature Coefficient of TJ Breakdown Voltage Static Drain - Source On-State RDS(on) Resistance 1 VGS(th) Gate Threshold Voltage gfs Forward Transconductance 1 IDSS IGSS IGSS Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf IS ISM VSD trr Qrr ton LD LS Zero Gate Voltage Drain Current Forward Gate - Source Leakage Reverse Gate - Source Leakage DYNAMIC CHARACTERISTICS Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge Gate - Source Charge Gate - Drain ("Miller") Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time
Test Conditions
VGS = 0 ID = -1mA Reference to 25C ID = -1mA VGS = -10V ID = -3.8A VGS = -10V ID = -6.1A VDS = VGS ID = -250mA VDS -15V IDS = -3.8A VGS = 0 VDS = 0.8BVDSS TJ = 125C VGS = -20V VGS = 20V VGS = 0 VDS = -25V f = 1MHz VGS = -10V ID = -6.1A VDS = 0.5BVDSS VDD = -50V ID = -6.1A RG = 7.5
Min.
-100
Typ.
Max.
Unit
V
- 0.10 0.30 0.345 -4 - 25 - 250 - 100 100 800 350 125 14.7 1.0 2.0 38.4 7.1 21 60 140 140 140 -1.6 -24 -4.7 250 3.0 Negligible 1.8 4.3 5.8 19
V / C V S (E) A nA
-2 2.5
pF
nC
ns
SOURCE - DRAIN DIODE CHARACTERISTICS Continuous Source Current Pulse Source Current 2 IS = -1.6A TJ = 25C Diode Forward Voltage 1 VGS = 0 Reverse Recovery Time IF = -6.1A TJ = 25C 1 Reverse Recovery Charge di / dt -100A/s VDD -50V Forward Turn-On Time PACKAGE CHARACTERISTICS Internal Drain Inductance (measured from 6mm down drain lead to centre of die) Internal Source Inductance (from 6mm down source lead to source bond pad) THERMAL CHARACTERISTICS Thermal Resistance Junction - Case Thermal Resistance Junction - PC Board
A V ns C
nH
RJC RJPC
C/W
Notes 1) Pulse Test: Pulse Width 300ms, 2% 2) Repetitive Rating - Pulse width limited by maximum junction temperature.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. e-mail sales@semelab.co.uk Website http://www.semelab.co.uk
10/98


▲Up To Search▲   

 
Price & Availability of IRFE9130

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X